Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA2012D2RTJTG4 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2012D2RTJTG4
Description  2.1-W/Channel Stereo Filter-Free Class-D Audio Power Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA2012D2RTJTG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPA2012D2RTJTG4 Datasheet HTML 2Page - Texas Instruments TPA2012D2RTJTG4 Datasheet HTML 3Page - Texas Instruments TPA2012D2RTJTG4 Datasheet HTML 4Page - Texas Instruments TPA2012D2RTJTG4 Datasheet HTML 5Page - Texas Instruments TPA2012D2RTJTG4 Datasheet HTML 6Page - Texas Instruments TPA2012D2RTJTG4 Datasheet HTML 7Page - Texas Instruments TPA2012D2RTJTG4 Datasheet HTML 8Page - Texas Instruments TPA2012D2RTJTG4 Datasheet HTML 9Page - Texas Instruments TPA2012D2RTJTG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
0.1
1
20
100
1 k
10 k 20 k
f − Frequency − Hz
VDD = 2.5 V,
RL = 4 ,
W
CI = 1 F,
m
AV = 6 dB
0.01
120 mW
350 mW
240 mW
0.1
1
20
100
1 k
10 k 20 k
f − Frequency − Hz
VDD = 2.5 V,
RL = 8 ,
W
CI = 1 F,
m
AV = 6 dB
0.01
90 mW
180 mW
260 mW
0.01
0.1
1
10
20
0.01
0.1
1
4
2.5 V
3.6 V
5 V
PO − Output Power − W
RL = 4 ,
W
f = 1 kHz,
AV = 24 dB
0.01
0.1
1
10
20
0.01
0.1
1
4
2.5 V
3.6 V
5 V
PO − Output Power − W
RL = 4 W,
f = 1 kHz,
AV = 6 dB
0.01
0.1
1
10
20
0.01
0.1
1
3
2.5 V
3.6 V
PO − Output Power − W
RL = 8 ,
W
f = 1 kHz,
AV 6 dB
5 V
0.01
0.1
1
10
0.01
0.1
1
3
2.5 V
3.6 V
PO − Output Power − W
RL = 8 ,
W
f = 1 kHz,
AV 24 dB
5 V
20
6
TPA2012D2
SLOS438F – DECEMBER 2004 – REVISED MARCH 2017
www.ti.com
Product Folder Links: TPA2012D2
Submit Documentation Feedback
Copyright © 2004–2017, Texas Instruments Incorporated
7.7 Typical Characteristics
Figure 1. Total Harmonic Distortion
vs Output Power
Figure 2. Total Harmonic Distortion
vs Output Power
Figure 3. Total Harmonic Distortion
vs Output Power
Figure 4. Total Harmonic Distortion
vs Output Power
Figure 5. Total Harmonic Distortion vs Frequency
Figure 6. Total Harmonic Distortion vs Frequency


Similar Part No. - TPA2012D2RTJTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2012D2RTJTG4 TI-TPA2012D2RTJTG4 Datasheet
757Kb / 20P
2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results

Similar Description - TPA2012D2RTJTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2012D2 TI-TPA2012D2 Datasheet
431Kb / 15P
2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2012D2 TI-TPA2012D2_07 Datasheet
757Kb / 20P
2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
NXP Semiconductors
SA58670 PHILIPS-SA58670 Datasheet
338Kb / 18P
2.1 W/channel stereo Class D audio amplifier
Rev. 01-22 June 2007
SA58670 NXP-SA58670 Datasheet
165Kb / 25P
2.1 W/channel stereo class-D audio amplifier
Rev. 01-4 January 2008
SA58670 NXP-SA58670_08 Datasheet
167Kb / 25P
2.1 W/channel stereo class-D audio amplifier
Rev. 02-23 October 2008
SA58670A NXP-SA58670A Datasheet
169Kb / 24P
2.1 W/channel stereo class-D audio amplifier
Rev. 02-23 October 2008
logo
Texas Instruments
TPA3117D2 TI-TPA3117D2 Datasheet
855Kb / 30P
15-W Filter-Free Stereo Class-D Audio Power Amplifier
TPA2012D2 TI-TPA2012D2_15 Datasheet
1Mb / 23P
2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA3110D2 TI1-TPA3110D2 Datasheet
1Mb / 34P
Filter-Free Stereo Class-D Audio Power Amplifier
TPA3110D2-Q1 TI1-TPA3110D2-Q1 Datasheet
1Mb / 36P
Filter-Free Stereo Class-D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com