Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA2012D2RTJTG4 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2012D2RTJTG4
Description  2.1-W/Channel Stereo Filter-Free Class-D Audio Power Amplifier
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA2012D2RTJTG4 Datasheet(HTML) 3 Page - Texas Instruments

  TPA2012D2RTJTG4 Datasheet HTML 1Page - Texas Instruments TPA2012D2RTJTG4 Datasheet HTML 2Page - Texas Instruments TPA2012D2RTJTG4 Datasheet HTML 3Page - Texas Instruments TPA2012D2RTJTG4 Datasheet HTML 4Page - Texas Instruments TPA2012D2RTJTG4 Datasheet HTML 5Page - Texas Instruments TPA2012D2RTJTG4 Datasheet HTML 6Page - Texas Instruments TPA2012D2RTJTG4 Datasheet HTML 7Page - Texas Instruments TPA2012D2RTJTG4 Datasheet HTML 8Page - Texas Instruments TPA2012D2RTJTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
1
2
3
4
D
C
B
A
Not to scale
INR+
AVDD
OUTR+
OUTR±
INR±
G0
AGND
PGND
INL±
G1
SDR
SDL
INL+
PVDD
OUTL+
OUTL±
1
G1
15
G0
2
OUTL+
14
OUTR+
3
PVDD
13
PVDD
4
PGND
12
PGND
5
OUTL±
11
OUTR±
Not to scale
Thermal Pad
3
TPA2012D2
www.ti.com
SLOS438F – DECEMBER 2004 – REVISED MARCH 2017
Product Folder Links: TPA2012D2
Submit Documentation Feedback
Copyright © 2004–2017, Texas Instruments Incorporated
5 Device Comparison Table
DEVICE NO.
SPEAKER AMP TYPE
SPECIAL FEATURE
OUTPUT POWER (M)
PSRR (dB)
TPA2012D2
Class D
2.1
71
TPA2016D2
Class D
AGC/DRC
2.8
80
TPA2026D2
Class D
AGC/DRC
3.2
80
6 Pin Configuration and Functions
YZH Package
16-Pin DSBGA
Top View
RTJ Package
20-Pin WQFN
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
DSBGA
WQFN
AGND
C3
18
I
Analog ground
AVDD
D2
9
I
Analog supply (must be same voltage as PVDD)
G0
C2
15
I
Gain select (LSB)
G1
B2
1
I
Gain select (MSB)
INL–
B1
19
I
Left channel negative input
INL+
A1
20
I
Left channel positive input
INR–
C1
17
I
Right channel negative input
INR+
D1
16
I
Right channel positive input
NC
6, 10
No internal connection
OUTL–
A4
5
O
Left channel negative differential output
OUTL+
A3
2
O
Left channel positive differential output
OUTR–
D4
11
O
Right channel negative differential output
OUTR+
D3
14
O
Right channel positive differential output
PGND
C4
4, 12
I
Power ground
PVDD
A2
3, 13
I
Power supply (must be same voltage as AVDD)
SDL
B4
7
I
Left channel shutdown terminal (active low)
SDR
B3
8
I
Right channel shutdown terminal (active low)
Thermal Pad
Connect the thermal pad of WQFN package to PCB GND


Similar Part No. - TPA2012D2RTJTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2012D2RTJTG4 TI-TPA2012D2RTJTG4 Datasheet
757Kb / 20P
[Old version datasheet]   2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results

Similar Description - TPA2012D2RTJTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2012D2 TI-TPA2012D2_07 Datasheet
757Kb / 20P
[Old version datasheet]   2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2012D2 TI-TPA2012D2_15 Datasheet
1Mb / 23P
[Old version datasheet]   2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2012D2 TI-TPA2012D2 Datasheet
431Kb / 15P
[Old version datasheet]   2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
NXP Semiconductors
SA58670 PHILIPS-SA58670 Datasheet
338Kb / 18P
   2.1 W/channel stereo Class D audio amplifier
Rev. 01-22 June 2007
SA58670 NXP-SA58670 Datasheet
165Kb / 25P
   2.1 W/channel stereo class-D audio amplifier
Rev. 01-4 January 2008
SA58670 NXP-SA58670_08 Datasheet
167Kb / 25P
   2.1 W/channel stereo class-D audio amplifier
Rev. 02-23 October 2008
SA58670A NXP-SA58670A Datasheet
169Kb / 24P
   2.1 W/channel stereo class-D audio amplifier
Rev. 02-23 October 2008
logo
Texas Instruments
TPA3117D2 TI-TPA3117D2 Datasheet
855Kb / 30P
[Old version datasheet]   15-W Filter-Free Stereo Class-D Audio Power Amplifier
TPA3110D2 TI1-TPA3110D2 Datasheet
1Mb / 34P
[Old version datasheet]   Filter-Free Stereo Class-D Audio Power Amplifier
TPA3110D2-Q1 TI1-TPA3110D2-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   Filter-Free Stereo Class-D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com