Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA2012D2RTJRG4 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2012D2RTJRG4
Description  2.1-W/Channel Stereo Filter-Free Class-D Audio Power Amplifier
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA2012D2RTJRG4 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TPA2012D2RTJRG4 Datasheet HTML 13Page - Texas Instruments TPA2012D2RTJRG4 Datasheet HTML 14Page - Texas Instruments TPA2012D2RTJRG4 Datasheet HTML 15Page - Texas Instruments TPA2012D2RTJRG4 Datasheet HTML 16Page - Texas Instruments TPA2012D2RTJRG4 Datasheet HTML 17Page - Texas Instruments TPA2012D2RTJRG4 Datasheet HTML 18Page - Texas Instruments TPA2012D2RTJRG4 Datasheet HTML 19Page - Texas Instruments TPA2012D2RTJRG4 Datasheet HTML 20Page - Texas Instruments TPA2012D2RTJRG4 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
17
TPA2012D2
www.ti.com
SLOS438F – DECEMBER 2004 – REVISED MARCH 2017
Product Folder Links: TPA2012D2
Submit Documentation Feedback
Copyright © 2004–2017, Texas Instruments Incorporated
Typical Applications (continued)
10.2.1.1 Design Requirements
For this design example, use the parameters listed in Table 2.
Table 2. Design Parameters
PARAMETER
VALUE
Power supply
5 V
Enable inputs
High > 1.3 V
Low < 0.35 V
Speaker
8 Ω
10.2.1.2 Detailed Design Procedure
10.2.1.2.1
Surface Mount Capacitors
Temperature and applied DC voltage influence the actual capacitance of high-K materials. Table 3 shows the
relationship between the different types of high-K materials and their associated tolerances, temperature
coefficients, and temperature ranges. Notice that a capacitor made with X5R material can lose up to 15% of its
capacitance within its working temperature range.
In an application, the working capacitance of components made with high-K materials is generally much lower
than nominal capacitance. A worst-case result with a typical X5R material might be –10% tolerance, –15%
temperature effect, and –45% DC voltage effect at 50% of the rated voltage. This particular case would result in
a working capacitance of 42% (0.9 × 0.85 × 0.55) of the nominal value.
Select high-K ceramic capacitors according to the following rules:
1. Use capacitors made of materials with temperature coefficients of X5R, X7R, or better.
2. Use capacitors with DC voltage ratings of at least twice the application voltage. Use minimum 10-V
capacitors for the TPA2012D2.
3. Choose a capacitance value at least twice the nominal value calculated for the application. Multiply the
nominal value by a factor of 2 for safety. If a 10-µF capacitor is required, use 20 µF.
The preceding rules and recommendations apply to capacitors used in connection with the TPA2012D2. The
TPA2012D2 cannot meet its performance specifications if the rules and recommendations are not followed.
Table 3. Typical Tolerance and Temperature Coefficient of Capacitance by Material
MATERIAL
COG/NPO
X7R
X5R
Typical tolerance
±5%
±10%
80% to –20%
Temperature
±30 ppm
±15%
22% to –82%
Temperature range (°C)
–55°C to 125°C
–55°C to 125°C
–30°C to 85°C
10.2.1.2.2
Decoupling Capacitor (CS)
The TPA2012D2 is a high-performance Class-D audio amplifier that requires adequate power supply decoupling
to ensure the efficiency is high and total harmonic distortion (THD) is low. For higher frequency transients,
spikes, or digital hash on the line a good low equivalent-series-resistance (ESR) ceramic capacitor, typically
1 µF, placed as close as possible to the device PVDD lead works best. Placing this decoupling capacitor close to
the TPA2012D2 is important for the efficiency of the Class-D amplifier, because any resistance or inductance in
the trace between the device and the capacitor can cause a loss in efficiency. For filtering lower-frequency noise
signals, a 4.7 µF or greater capacitor placed near the audio power amplifier would also help, but it is not required
in most applications because of the high PSRR of this device.
10.2.1.2.3
Input Capacitors (CI)
The TPA2012D2 does not require input coupling capacitors if the design uses a differential source that is biased
from 0.5 V to VDD – 0.8 V. If the input signal is not biased within the recommended common-mode input range, if
high-pass filtering is needed (see Figure 37), or if using a single-ended source (see Figure 38), input coupling
capacitors are required.


Similar Part No. - TPA2012D2RTJRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2012D2RTJRG4 TI-TPA2012D2RTJRG4 Datasheet
757Kb / 20P
2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results

Similar Description - TPA2012D2RTJRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2012D2 TI-TPA2012D2 Datasheet
431Kb / 15P
2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2012D2 TI-TPA2012D2_07 Datasheet
757Kb / 20P
2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
NXP Semiconductors
SA58670 PHILIPS-SA58670 Datasheet
338Kb / 18P
2.1 W/channel stereo Class D audio amplifier
Rev. 01-22 June 2007
SA58670 NXP-SA58670 Datasheet
165Kb / 25P
2.1 W/channel stereo class-D audio amplifier
Rev. 01-4 January 2008
SA58670 NXP-SA58670_08 Datasheet
167Kb / 25P
2.1 W/channel stereo class-D audio amplifier
Rev. 02-23 October 2008
SA58670A NXP-SA58670A Datasheet
169Kb / 24P
2.1 W/channel stereo class-D audio amplifier
Rev. 02-23 October 2008
logo
Texas Instruments
TPA3117D2 TI-TPA3117D2 Datasheet
855Kb / 30P
15-W Filter-Free Stereo Class-D Audio Power Amplifier
TPA2012D2 TI-TPA2012D2_15 Datasheet
1Mb / 23P
2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA3110D2 TI1-TPA3110D2 Datasheet
1Mb / 34P
Filter-Free Stereo Class-D Audio Power Amplifier
TPA3110D2-Q1 TI1-TPA3110D2-Q1 Datasheet
1Mb / 36P
Filter-Free Stereo Class-D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com