Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA2012D2RTJR Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2012D2RTJR
Description  2.1-W/Channel Stereo Filter-Free Class-D Audio Power Amplifier
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA2012D2RTJR Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPA2012D2RTJR Datasheet HTML 10Page - Texas Instruments TPA2012D2RTJR Datasheet HTML 11Page - Texas Instruments TPA2012D2RTJR Datasheet HTML 12Page - Texas Instruments TPA2012D2RTJR Datasheet HTML 13Page - Texas Instruments TPA2012D2RTJR Datasheet HTML 14Page - Texas Instruments TPA2012D2RTJR Datasheet HTML 15Page - Texas Instruments TPA2012D2RTJR Datasheet HTML 16Page - Texas Instruments TPA2012D2RTJR Datasheet HTML 17Page - Texas Instruments TPA2012D2RTJR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
INL-
INL+
INR-
INR+
TPA2012D2
CI
DAC or CODEC
CI
CI
CI
Copyright © 2016, Texas Instruments Incorporated
14
TPA2012D2
SLOS438F – DECEMBER 2004 – REVISED MARCH 2017
www.ti.com
Product Folder Links: TPA2012D2
Submit Documentation Feedback
Copyright © 2004–2017, Texas Instruments Incorporated
Table 1. Gain Setting
G1
G0
GAIN
(V/V)
GAIN
(dB)
INPUT IMPEDANCE
(RI, kΩ)
0
0
2
6
28.1
0
1
4
12
17.3
1
0
8
18
9.8
1
1
16
24
5.2
9.3.2 Short-Circuit Protection
TPA2012D2 goes to low duty cycle mode when a short-circuit event happens. To return to normal duty cycle
mode, the device must be reset. The shutdown mode can be set through the SDL and SDR pins, or the device
can be turned off and turned on to return to normal duty cycle mode. This feature protects the device without
affecting long-term reliability.
9.3.3 Operation With DACs and CODECs
In using Class-D amplifiers with CODECs and DACs, sometimes there is an increase in the output noise floor
from the audio amplifier. This occurs when mixing of the output frequencies of the CODEC and DAC mix with the
switching frequencies of the audio amplifier input stage. The noise increase can be solved by placing a low-pass
filter between the CODEC, DAC, and audio amplifier. This filters off the high frequencies that cause the problem
and allow proper performance. The recommended resistor value is 100 Ω and the capacitor value of 47 nF.
Figure 35 shows the typical input filter.
Figure 35. Reducing Out-of-Band DAC Noise With External Input Filter
9.3.4 Filter-Free Operation and Ferrite Bead Filters
A ferrite bead filter can often be used if the design is failing radiated emissions without an LC filter and the
frequency sensitive circuit is greater than 1 MHz. This filter functions well for circuits that just have to pass FCC
and CE because FCC and CE only test radiated emissions greater than 30 MHz. When choosing a ferrite bead,
choose one with high impedance at high frequencies, and very low impedance at low frequencies. In addition,
select a ferrite bead with adequate current rating to prevent distortion of the output signal.
Use an LC output filter if there are low frequency (< 1 MHz) EMI sensitive circuits and/or there are long leads
from amplifier to speaker.
Figure 36 shows typical ferrite bead and LC output filters.


Similar Part No. - TPA2012D2RTJR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2012D2RTJR TI-TPA2012D2RTJR Datasheet
757Kb / 20P
[Old version datasheet]   2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2012D2RTJRG4 TI-TPA2012D2RTJRG4 Datasheet
757Kb / 20P
[Old version datasheet]   2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results

Similar Description - TPA2012D2RTJR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2012D2 TI-TPA2012D2_07 Datasheet
757Kb / 20P
[Old version datasheet]   2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2012D2 TI-TPA2012D2_15 Datasheet
1Mb / 23P
[Old version datasheet]   2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2012D2 TI-TPA2012D2 Datasheet
431Kb / 15P
[Old version datasheet]   2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
NXP Semiconductors
SA58670 PHILIPS-SA58670 Datasheet
338Kb / 18P
   2.1 W/channel stereo Class D audio amplifier
Rev. 01-22 June 2007
SA58670 NXP-SA58670 Datasheet
165Kb / 25P
   2.1 W/channel stereo class-D audio amplifier
Rev. 01-4 January 2008
SA58670 NXP-SA58670_08 Datasheet
167Kb / 25P
   2.1 W/channel stereo class-D audio amplifier
Rev. 02-23 October 2008
SA58670A NXP-SA58670A Datasheet
169Kb / 24P
   2.1 W/channel stereo class-D audio amplifier
Rev. 02-23 October 2008
logo
Texas Instruments
TPA3117D2 TI-TPA3117D2 Datasheet
855Kb / 30P
[Old version datasheet]   15-W Filter-Free Stereo Class-D Audio Power Amplifier
TPA3110D2 TI1-TPA3110D2 Datasheet
1Mb / 34P
[Old version datasheet]   Filter-Free Stereo Class-D Audio Power Amplifier
TPA3110D2-Q1 TI1-TPA3110D2-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   Filter-Free Stereo Class-D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com