Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA2012D2RTJR Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2012D2RTJR
Description  2.1-W/Channel Stereo Filter-Free Class-D Audio Power Amplifier
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA2012D2RTJR Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPA2012D2RTJR Datasheet HTML 8Page - Texas Instruments TPA2012D2RTJR Datasheet HTML 9Page - Texas Instruments TPA2012D2RTJR Datasheet HTML 10Page - Texas Instruments TPA2012D2RTJR Datasheet HTML 11Page - Texas Instruments TPA2012D2RTJR Datasheet HTML 12Page - Texas Instruments TPA2012D2RTJR Datasheet HTML 13Page - Texas Instruments TPA2012D2RTJR Datasheet HTML 14Page - Texas Instruments TPA2012D2RTJR Datasheet HTML 15Page - Texas Instruments TPA2012D2RTJR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
TPA2012D2
IN+
IN-
OUT+
OUT-
VDD
GND
CI
CI
RI
RI
Measurement
Output
+
-
+
-
Load
30 kHz
Filter
Low Pass
Measurement
Input
+
-
VDD
Copyright © 2016, Texas Instruments Incorporated
1 µF
12
TPA2012D2
SLOS438F – DECEMBER 2004 – REVISED MARCH 2017
www.ti.com
Product Folder Links: TPA2012D2
Submit Documentation Feedback
Copyright © 2004–2017, Texas Instruments Incorporated
8 Parameter Measurement Information
All parameters are measured according to the conditions described in the Specifications. Figure 34 shows the
setup used for the typical characteristics of the test device.
(1)
CI was shorted for any common-mode input voltage measurement.
(2)
A 33-µH inductor was placed in series with the load resistor to emulate a small speaker for efficiency measurements.
(3)
The 30-kHz low-pass filter is required even if the analyzer has an internal low-pass filter. An RC low-pass filter
(100 Ω, 47 nF) is used on each output for the data sheet graphs.
Figure 34. Test Setup For Graphs (Per Channel)


Similar Part No. - TPA2012D2RTJR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2012D2RTJR TI-TPA2012D2RTJR Datasheet
757Kb / 20P
2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2012D2RTJRG4 TI-TPA2012D2RTJRG4 Datasheet
757Kb / 20P
2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results

Similar Description - TPA2012D2RTJR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2012D2 TI-TPA2012D2 Datasheet
431Kb / 15P
2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2012D2 TI-TPA2012D2_07 Datasheet
757Kb / 20P
2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
NXP Semiconductors
SA58670 PHILIPS-SA58670 Datasheet
338Kb / 18P
2.1 W/channel stereo Class D audio amplifier
Rev. 01-22 June 2007
SA58670 NXP-SA58670 Datasheet
165Kb / 25P
2.1 W/channel stereo class-D audio amplifier
Rev. 01-4 January 2008
SA58670 NXP-SA58670_08 Datasheet
167Kb / 25P
2.1 W/channel stereo class-D audio amplifier
Rev. 02-23 October 2008
SA58670A NXP-SA58670A Datasheet
169Kb / 24P
2.1 W/channel stereo class-D audio amplifier
Rev. 02-23 October 2008
logo
Texas Instruments
TPA3117D2 TI-TPA3117D2 Datasheet
855Kb / 30P
15-W Filter-Free Stereo Class-D Audio Power Amplifier
TPA2012D2 TI-TPA2012D2_15 Datasheet
1Mb / 23P
2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA3110D2 TI1-TPA3110D2 Datasheet
1Mb / 34P
Filter-Free Stereo Class-D Audio Power Amplifier
TPA3110D2-Q1 TI1-TPA3110D2-Q1 Datasheet
1Mb / 36P
Filter-Free Stereo Class-D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com