Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA2012D2RTJR Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2012D2RTJR
Description  2.1-W/Channel Stereo Filter-Free Class-D Audio Power Amplifier
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA2012D2RTJR Datasheet(HTML) 19 Page - Texas Instruments

Back Button TPA2012D2RTJR Datasheet HTML 15Page - Texas Instruments TPA2012D2RTJR Datasheet HTML 16Page - Texas Instruments TPA2012D2RTJR Datasheet HTML 17Page - Texas Instruments TPA2012D2RTJR Datasheet HTML 18Page - Texas Instruments TPA2012D2RTJR Datasheet HTML 19Page - Texas Instruments TPA2012D2RTJR Datasheet HTML 20Page - Texas Instruments TPA2012D2RTJR Datasheet HTML 21Page - Texas Instruments TPA2012D2RTJR Datasheet HTML 22Page - Texas Instruments TPA2012D2RTJR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
19
TPA2012D2
www.ti.com
SLOS438F – DECEMBER 2004 – REVISED MARCH 2017
Product Folder Links: TPA2012D2
Submit Documentation Feedback
Copyright © 2004–2017, Texas Instruments Incorporated
10.2.2.1 Design Requirements
For this design example, use the parameters listed in Table 2.
10.2.2.2 Detailed Design Procedure
For the design procedure, see Detailed Design Procedure from the previous example.
10.2.2.3 Application Curves
For application curves, see the figures listed in Table 4.
11 Power Supply Recommendations
The TPA2012D2 is designed to operate from an input voltage supply range from 2.5 V to 5.5 V. Therefore, the
output voltage range of the power supply must be within this range. The current capability of upper power must
not exceed the maximum current limit of the power switch.
11.1 Power Supply Decoupling Capacitor
The TPA2012D2 requires adequate power supply decoupling to ensure a high efficiency operation with low total
harmonic distortion (THD). Place a low equivalent-series-resistance (ESR) ceramic capacitor, typically 0.1-µF,
within 2 mm of the PVDD/AVDD pins. This choice of capacitor and placement helps with higher frequency
transients, spikes, or digital hash on the line. In addition to the 0.1-µF ceramic capacitor, TI recommends placing
a 2.2-µF to 10-µF capacitor on the PVDD/AVDD supply trace. This larger capacitor acts as a charge reservoir,
providing energy faster than the board supply, thus helping to prevent any droop in the supply voltage.
(1)
Circuit traces from NSMD defined PWB lands should be 75 µm to 100 µm wide in the exposed area inside the solder mask opening.
Wider trace widths reduce device stand off and impact reliability.
(2)
Best reliability results are achieved when the PWB laminate glass transition temperature is above the operating the range of the
intended application.
(3)
Recommend solder paste is Type 3 or Type 4.
(4)
For a PWB using a Ni/Au surface finish, the gold thickness should be less 0.5 mm to avoid a reduction in thermal fatigue performance.
(5)
Solder mask thickness should be less than 20 µm on top of the copper circuit pattern
(6)
Best solder stencil performance is achieved using laser cut stencils with electro polishing. Use of chemically etched stencils results in
inferior solder paste volume control.
(7)
Trace routing away from DSBGA device should be balanced in X and Y directions to avoid unintentional component movement due to
solder wetting forces.
12 Layout
12.1 Layout Guidelines
12.1.1 Pad Side
In making the pad size for the DSBGA balls, TI recommends that the layout use non-solder mask defined
(NSMD) land. With this method, the solder mask opening is made larger than the desired land area, and the
opening size is defined by the copper pad width. Figure 39 and Table 5 shows the appropriate diameters for a
DSBGA layout. The TPA2012D2 evaluation module (EVM) layout is shown in the next section as a layout
example.
Table 5. Land Pattern Dimensions(1)(2)(3)(4)
SOLDER PAD
DEFINITIONS
COPPER
PAD
SOLDER MASK(5)
OPENING
COPPER
THICKNESS
STENCIL(6)(7)
OPENING
STENCIL
THICKNESS
Nonsolder mask
defined (NSMD)
275 µm
(+0.0, –25 µm)
375 µm (+0.0, –25 µm)
1 oz max (32 µm)
275 µm × 275 µm
(square)
(rounded corners)
125 µm


Similar Part No. - TPA2012D2RTJR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2012D2RTJR TI-TPA2012D2RTJR Datasheet
757Kb / 20P
[Old version datasheet]   2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2012D2RTJRG4 TI-TPA2012D2RTJRG4 Datasheet
757Kb / 20P
[Old version datasheet]   2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results

Similar Description - TPA2012D2RTJR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2012D2 TI-TPA2012D2_07 Datasheet
757Kb / 20P
[Old version datasheet]   2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2012D2 TI-TPA2012D2_15 Datasheet
1Mb / 23P
[Old version datasheet]   2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2012D2 TI-TPA2012D2 Datasheet
431Kb / 15P
[Old version datasheet]   2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
NXP Semiconductors
SA58670 PHILIPS-SA58670 Datasheet
338Kb / 18P
   2.1 W/channel stereo Class D audio amplifier
Rev. 01-22 June 2007
SA58670 NXP-SA58670 Datasheet
165Kb / 25P
   2.1 W/channel stereo class-D audio amplifier
Rev. 01-4 January 2008
SA58670 NXP-SA58670_08 Datasheet
167Kb / 25P
   2.1 W/channel stereo class-D audio amplifier
Rev. 02-23 October 2008
SA58670A NXP-SA58670A Datasheet
169Kb / 24P
   2.1 W/channel stereo class-D audio amplifier
Rev. 02-23 October 2008
logo
Texas Instruments
TPA3117D2 TI-TPA3117D2 Datasheet
855Kb / 30P
[Old version datasheet]   15-W Filter-Free Stereo Class-D Audio Power Amplifier
TPA3110D2 TI1-TPA3110D2 Datasheet
1Mb / 34P
[Old version datasheet]   Filter-Free Stereo Class-D Audio Power Amplifier
TPA3110D2-Q1 TI1-TPA3110D2-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   Filter-Free Stereo Class-D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com