Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA2012D2RTJR Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2012D2RTJR
Description  2.1-W/Channel Stereo Filter-Free Class-D Audio Power Amplifier
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA2012D2RTJR Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPA2012D2RTJR Datasheet HTML 12Page - Texas Instruments TPA2012D2RTJR Datasheet HTML 13Page - Texas Instruments TPA2012D2RTJR Datasheet HTML 14Page - Texas Instruments TPA2012D2RTJR Datasheet HTML 15Page - Texas Instruments TPA2012D2RTJR Datasheet HTML 16Page - Texas Instruments TPA2012D2RTJR Datasheet HTML 17Page - Texas Instruments TPA2012D2RTJR Datasheet HTML 18Page - Texas Instruments TPA2012D2RTJR Datasheet HTML 19Page - Texas Instruments TPA2012D2RTJR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
PVdd
AVdd
INL-
INL+
INR-
INR+
SDR
AGND
PGND
OUTL+
OUTL-
OUTR+
OUTR-
Shutdown
Control
TPA2012D2
To power supply
10 µF
CI
DAC or CODEC
SDL
G1
G0
CI
CI
CI
0.1 µF
1 µF
Copyright © 2016, Texas Instruments Incorporated
1 µF
1 µF
1 µF
16
TPA2012D2
SLOS438F – DECEMBER 2004 – REVISED MARCH 2017
www.ti.com
Product Folder Links: TPA2012D2
Submit Documentation Feedback
Copyright © 2004–2017, Texas Instruments Incorporated
10 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
10.1 Application Information
These typical connection diagrams highlight the required external components and system level connections for
proper operation of the device. Each of these configurations can be realized using the evaluation modules
(EVMs) for the device. These flexible modules allow full evaluation of the device in the most common modes of
operation. Any design variation can be supported by TI through schematic and layout reviews. Visit e2e.ti.com for
design assistance and join the audio amplifier discussion forum for additional information.
10.2 Typical Applications
10.2.1 TPA2012D2 With Differential Input Signal
Figure 37. Typical Application Schematic With Differential Input Signals


Similar Part No. - TPA2012D2RTJR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2012D2RTJR TI-TPA2012D2RTJR Datasheet
757Kb / 20P
[Old version datasheet]   2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2012D2RTJRG4 TI-TPA2012D2RTJRG4 Datasheet
757Kb / 20P
[Old version datasheet]   2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results

Similar Description - TPA2012D2RTJR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2012D2 TI-TPA2012D2_07 Datasheet
757Kb / 20P
[Old version datasheet]   2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2012D2 TI-TPA2012D2_15 Datasheet
1Mb / 23P
[Old version datasheet]   2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2012D2 TI-TPA2012D2 Datasheet
431Kb / 15P
[Old version datasheet]   2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
NXP Semiconductors
SA58670 PHILIPS-SA58670 Datasheet
338Kb / 18P
   2.1 W/channel stereo Class D audio amplifier
Rev. 01-22 June 2007
SA58670 NXP-SA58670 Datasheet
165Kb / 25P
   2.1 W/channel stereo class-D audio amplifier
Rev. 01-4 January 2008
SA58670 NXP-SA58670_08 Datasheet
167Kb / 25P
   2.1 W/channel stereo class-D audio amplifier
Rev. 02-23 October 2008
SA58670A NXP-SA58670A Datasheet
169Kb / 24P
   2.1 W/channel stereo class-D audio amplifier
Rev. 02-23 October 2008
logo
Texas Instruments
TPA3117D2 TI-TPA3117D2 Datasheet
855Kb / 30P
[Old version datasheet]   15-W Filter-Free Stereo Class-D Audio Power Amplifier
TPA3110D2 TI1-TPA3110D2 Datasheet
1Mb / 34P
[Old version datasheet]   Filter-Free Stereo Class-D Audio Power Amplifier
TPA3110D2-Q1 TI1-TPA3110D2-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   Filter-Free Stereo Class-D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com