Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T-050150 Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # T-050150
Description  High-Frequency SMT Balun Adaptor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

T-050150 Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  T-050150 Datasheet HTML 1Page - Pulse A Technitrol Company T-050150 Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
M132.A (3/13)
2
pulseelectronics.com
High-Frequency SMT Balun Adaptor
Military/Aerospace Grade
T-050XXX1
Tape & Reel Specifications
For More Information
Pulse North America
Headquarters
Two Pearl Buck Court
Bristol, PA 19007
U.S.A.
Tel: 215 781 6400
Fax: 215 781 6403
Pulse Europe
Zeppelinstrasse 15
71083 Herrenberg
Germany
Tel: 49 7032 7806 0
Fax: 49 7032 7806 12
Pulse China Headquarters
B402, Shenzhen Academy of
Aerospace Technology Bldg.
10th Kejinan Road
High-Tech Zone
Nanshan District
Shenzen, PR China 518057
Tel: 86 755 33966678
Fax: 86 755 33966700
Pulse North China
Room 2704/2705
Super Ocean Finance Ctr.
2067 Yan An Road West
Shanghai 200336
China
Tel: 86 21 62787060
Fax: 86 2162786973
Pulse South Asia
135 Joo Seng Road
#03-02
PM Industrial Bldg.
Singapore 368363
Tel: 65 6287 8998
Fax: 65 6287 8998
Pulse North Asia
3F No. 198, Zhongyuan Road
Zhongli City
Taoyuan County (32068)
Taiwan
Tel: 886 3 4356768
Fax: 886 3 4356823
Performance warranty of products offered on this data sheet is limited to the parameters specified. Data is subject to change without notice. Other brand and product names mentioned herein may be
trademarks or registered trademarks of their respective owners. © Copyright, 2013. Pulse Electronics, Inc. All rights reserved.


Similar Part No. - T-050150

ManufacturerPart #DatasheetDescription
logo
CUI INC
T-0006 CUI-T-0006 Datasheet
29Kb / 1P
   CRIMP PIN
logo
CommScope Inc.
T-029-GL-E COMMSCOPE-T-029-GL-E Datasheet
528Kb / 3P
   12-port sector antenna, 4x 698–960 and 8x 1710–2690 MHz, 65° HPBW, 6x RET with manual override. Bands cascaded SRET (Antenna 1 and Antenna 2).
February 8, 2020
logo
Aries Electronics, Inc.
T-0600 ARIES-T-0600 Datasheet
360Kb / 1P
   Strip Header/Socket Break Tool
More results

Similar Description - T-050150

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
HFB075100A PULSE-HFB075100A Datasheet
2Mb / 2P
   HIGH FREQUENCY BALUN ADAPTOR For SMPTE-292M HDTV
HFBM075100C PULSE-HFBM075100C Datasheet
156Kb / 1P
   HIGH FREQUENCY BALUN ADAPTOR For SMPTE-292M HDTV
HFBM075100S PULSE-HFBM075100S Datasheet
132Kb / 1P
   HIGH FREQUENCY BALUN ADAPTOR For SMPTE-292M HDTV
HFB050150 PULSE-HFB050150 Datasheet
660Kb / 2P
   HIGH FREQUENCY BALUN ADAPTER
logo
List of Unclassifed Man...
HFT1220-15RO-J ETC2-HFT1220-15RO-J Datasheet
107Kb / 1P
   SMT High Frequency Chip Thermistor
logo
Wurth Elektronik GmbH &...
7447629015 WURTH-7447629015 Datasheet
657Kb / 6P
   WE-GFH High Frequency SMT Inductor
002.001
logo
Raltron Electronics Cor...
RBL-1608-AM8-TR RALTRON-RBL-1608-AM8-TR Datasheet
405Kb / 3P
   BALUN
RBL-2012-A8-TR RALTRON-RBL-2012-A8-TR Datasheet
422Kb / 3P
   BALUN
logo
Pulse A Technitrol Comp...
PA1836NL PULSE-PA1836NL Datasheet
279Kb / 6P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS EFD20 Platforms - SMT
logo
YAGEO Corporation
BLN1608LL01R5000A YAGEO-BLN1608LL01R5000A Datasheet
638Kb / 6P
   Balun
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com