Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SV9500 Datasheet(PDF) 2 Page - NEC

Part # SV9500
Description  COMMUNICATIONS SERVER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

SV9500 Datasheet(HTML) 2 Page - NEC

  SV9500 Datasheet HTML 1Page - NEC SV9500 Datasheet HTML 2Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
For more information, visit au.nec.com, email contactus@nec.com.au or call 131 632
About NEC Australia. NEC Australia is a leading technology company, delivering a complete portfolio of ICT solutions and services to large enter prise, small business and
government organisations. We deliver innovative solutions to help customers gain greater business value from their technology investments.
NEC Australia specialises in information and communications technology solutions and services in multi-vendor environments. Solutions and services include: IT applications and
solutions development, unified communications, complex communications solutions, network solutions, display solutions, identity management, research and development
services, systems integration and professional, technical and managed services.
UNIVERGE SV9500DataSheet | v.20151212
NEC Australia Pty Ltd reserves the right to change product specifications, functions, or features, at any time, without notice. Please refer to your local NEC representatives for further details. Although all efforts
have been made to ensure that the contents are correct, NEC shall not be liable for any direct, indirect, consequential or incidental damages resulting from the use of the equipment, manual or any related
materials. The information contained herein is the property of NEC Australia Pty Ltd and shall not be reproduced without prior written approval from NEC Australia Pty Ltd.
Copyright © 2015 NEC Australia Pty Ltd. All rights reserved. NEC, NEC logo, and UNIVERGE are trademarks or registered trademarks of NEC Corporation that may be registered in Japan and other jurisdictions.
All other trademarks are the property of their respective owners. All rights reserved. Printed in Australia. Note: This disclaimer also applies to all related documents previously published.
Australia
NEC Australia Pty Ltd
au.nec.com
Corporate Headquarters (Japan)
NEC Corporation
www.nec.com
North America (USA)
NEC Corporation of America
www.necam.com
Asia Pacific (AP)
NEC Asia Pacific
www.nec.com.sg
Europe (EMEA)
NEC Enterprise Solutions
www.nec-enterprise.com
The SV9500 meets all your
communications needs.
Physical
SV9500 appliance
7U-PIR
8U-PIR
1U-MPC
Weight (without cards)
16kg
30.2kg
30kg
7.0kg
Width
430mm
437mm
437mm
430mm
Height
132mm (3RU)
310mm (7RU)
354mm (8RU)
43.8mm (1RU)
Depth
476mm
496mm
531mm
400mm
Max power consumption
240W
768W
768W
61W
Slots / ports
8 slots (6,144 ports)
18 slots (384 ports)
17 slots (352 ports)
2 slots
Power
110-240V AC or –48V DC
240V AC
Temperature
15oC - 27oC (0oC - 40oC for short periods under 72 hours)
Purpose
Main processing unit
Multi-purpose chassis
High density analogue & digital gateways
System capacities
Multi-purpose chassis interface cards
> 4LCCOT2 - 4 analogue stations and 2 COT trunks
> PRI MG - 1 primary rate ISDN interface
> 8LC - 8 analogue stations
> VS-32 - 32 conferencing ports
> BRI MG - 2 basic rate ISDN interfaces
> MGSIP - 16 - 128 SIP trunks
Appliance redundancy options
> Additional CPU for automatic failover
> Additional power supply
Virtual appliance requirements
> VMware ESXi Version 5.0, 5.1 or 5.5
> 4 CPU’s, 2 GB memory, 8 GB hard drive
> 2 virtual gigabit Ethernet ports
Trunks
Analogue trunks
6,000+
E1/PRI channels
6,000+
SIP trunks
6,000+
Stations
Digital
6,000+
Analogue
6,000+
IP
4,000+
Networking
FCCS (E1/IP)
64 nodes
CCIS (E1/IP)
252 nodes, 999 trunks
Maximum ports
192,000
Number of calls per hour
1,000,000


Similar Part No. - SV9500

ManufacturerPart #DatasheetDescription
logo
NEC
SV9500 NEC-SV9500 Datasheet
1Mb / 2P
Soft client for Laptops & PCs
SV9500 NEC-SV9500 Datasheet
584Kb / 2P
Microsoft Lync Gateway
More results

Similar Description - SV9500

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
PSA4176C-LF ZCOMM-PSA4176C-LF Datasheet
85Kb / 2P
Satellite Communications
logo
Roithner LaserTechnik G...
ELD-870F-515-2 ROITHNER-ELD-870F-515-2 Datasheet
99Kb / 1P
optical communications
ELD-1020-525 ROITHNER-ELD-1020-525 Datasheet
140Kb / 1P
optical communications
logo
NEC
SV8500 NEC-SV8500 Datasheet
2Mb / 2P
UNIVERGE짰 SV8500 Communications Server
SV9100 NEC-SV9100 Datasheet
494Kb / 2P
COMMUNICATIONS SERVER
SV9300 NEC-SV9300 Datasheet
551Kb / 2P
COMMUNICATIONS SERVER
logo
Prosoft-Technology
MVI56E-MNETC PROSOFT-MVI56E-MNETC Datasheet
551Kb / 3P
Modbus TCP/IP Enhanced Communications Module Client/Server
logo
EnOcean GmbH.
38200-400 ENOCEAN-38200-400 Datasheet
307Kb / 2P
Net Server
003-0526-01A rev 09/2022
72201R-240 ENOCEAN-72201R-240 Datasheet
665Kb / 2P
Edge Server
2022
logo
List of Unclassifed Man...
COBOX-DR1-MB ETC-COBOX-DR1-MB Datasheet
273Kb / 44P
Device Server
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com