Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W25Q16DVDAIG-TR Datasheet(PDF) 26 Page - Winbond

Part # W25Q16DVDAIG-TR
Description  3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q16DVDAIG-TR Datasheet(HTML) 26 Page - Winbond

Back Button W25Q16DVDAIG-TR Datasheet HTML 22Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 23Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 24Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 25Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 26Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 27Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 28Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 29Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 30Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 80 page
background image
- 26 -
To complete the Write Status Register instruction, the /CS pin must be driven high after the eighth or
sixteenth bit of data that is clocked in. If this is not done the Write Status Register instruction will not be
executed. If /CS is driven high after the eighth clock (compatible with the 25X series) the CMP and QE
bits will be cleared to 0.
During non-volatile Status Register write operation (06h combined with 01h), after /CS is driven high, the
self-timed Write Status Register cycle will commence for a time duration of tW (See AC Characteristics).
While the Write Status Register cycle is in progress, the Read Status Register instruction may still be
accessed to check the status of the BUSY bit. The BUSY bit is a 1 during the Write Status Register cycle
and a 0 when the cycle is finished and ready to accept other instructions again. After the Write Status
Register cycle has finished, the Write Enable Latch (WEL) bit in the Status Register will be cleared to 0.
During volatile Status Register write operation (50h combined with 01h), after /CS is driven high, the
Status Register bits will be refreshed to the new values within the time period of tSHSL2 (See AC
Characteristics). BUSY bit will remain 0 during the Status Register bit refresh period.
Please refer to 7.1 for detailed Status Register Bit descriptions. Factory default for all status Register bits
are 0.
/CS
CLK
DI
(IO
0)
DO
(IO
1)
Mode 0
Mode 3
0
1
2
3
4
5
6
7
Instruction (01h)
High Impedance
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
7
6
5
4
3
2
1
0
15
14
13
12
11
10
9
8
Status Register 1 in
Status Register 2 in
Mode 0
Mode 3
*
*
= MSB
*
Figure 8. Write Status Register Instruction Sequence Diagram


Similar Part No. - W25Q16DVDAIG-TR

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q16DVDAIG WINBOND-W25Q16DVDAIG Datasheet
1Mb / 81P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16DVDAIG WINBOND-W25Q16DVDAIG Datasheet
1Mb / 80P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
More results

Similar Description - W25Q16DVDAIG-TR

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q16BV WINBOND-W25Q16BV Datasheet
2Mb / 68P
16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16CL WINBOND-W25Q16CL Datasheet
2Mb / 77P
2.5V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16CV WINBOND-W25Q16CV Datasheet
1Mb / 79P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16V WINBOND-W25Q16V Datasheet
1Mb / 60P
16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q128BV WINBOND-W25Q128BV Datasheet
868Kb / 74P
3V 128M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16DVSSIG WINBOND-W25Q16DVSSIG Datasheet
1Mb / 81P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16CL WINBOND-W25Q16CL_13 Datasheet
2Mb / 72P
2.5V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16CV WINBOND-W25Q16CV_13 Datasheet
1Mb / 81P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16DVUUIG-TR WINBOND-W25Q16DVUUIG-TR Datasheet
1Mb / 80P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16JV WINBOND-W25Q16JV Datasheet
2Mb / 75P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com