Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W25Q16DVDAIG-TR Datasheet(PDF) 25 Page - Winbond

Part # W25Q16DVDAIG-TR
Description  3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q16DVDAIG-TR Datasheet(HTML) 25 Page - Winbond

Back Button W25Q16DVDAIG-TR Datasheet HTML 21Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 22Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 23Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 24Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 25Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 26Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 27Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 28Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 29Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 80 page
background image
Publication Release Date: January 26, 2015
- 25 -
Revision J
7.2.8 Read Status Register-1 (05h) and Read Status Register-2 (35h)
The Read Status Register instructions allow the 8-bit Status Registers to be read. The instruction is
entered by driving /CS low and shifting the instruction code “05h” for Status Register-1 or “35h” for Status
Register-2 into the DI pin on the rising edge of CLK. The status register bits are then shifted out on the
DO pin at the falling edge of CLK with most significant bit (MSB) first as shown in Figure 7. The Status
Register bits are shown in Figure 3a and 3b and include the BUSY, WEL, BP2-BP0, TB, SEC, SRP0,
SRP1, QE, LB[3:1], CMP and SUS bits (see Status Register section earlier in this datasheet).
The Read Status Register instruction may be used at any time, even while a Program, Erase or Write
Status Register cycle is in progress. This allows the BUSY status bit to be checked to determine when
the cycle is complete and if the device can accept another instruction. The Status Register can be read
continuously, as shown in Figure 7. The instruction is completed by driving /CS high.
/CS
CLK
DI
(IO
0)
DO
(IO
1)
Mode 0
Mode 3
0
1
2
3
4
5
6
7
Instruction (05h or 35h)
High Impedance
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
7
Status Register 1 or 2 out
Status Register 1 or 2 out
*
*
= MSB
*
Figure 7. Read Status Register Instruction Sequence Diagram
7.2.9 Write Status Register (01h)
The Write Status Register instruction allows the Status Register to be written. Only non-volatile Status
Register bits SRP0, SEC, TB, BP2, BP1, BP0 (bits 7 thru 2 of Status Register-1) and CMP, LB3, LB2,
LB1, QE, SRP1 (bits 14 thru 8 of Status Register-2) can be written to. All other Status Register bit
locations are read-only and will not be affected by the Write Status Register instruction. LB[3:1] are non-
volatile OTP bits, once it is set to 1, it can not be cleared to 0. The Status Register bits are shown in
Figure 3 and described in 7.1.
To write non-volatile Status Register bits, a standard Write Enable (06h) instruction must previously have
been executed for the device to accept the Write Status Register Instruction (Status Register bit WEL
must equal 1). Once write enabled, the instruction is entered by driving /CS low, sending the instruction
code “01h”, and then writing the status register data byte as illustrated in Figure 8.
To write volatile Status Register bits, a Write Enable for Volatile Status Register (50h) instruction must
have been executed prior to the Write Status Register instruction (Status Register bit WEL remains 0).
However, SRP1 and LB3, LB2, LB1 can not be
changed from “1” to “0” because of the OTP protection for
these bits. Upon power off, the volatile Status Register bit values will be lost, and the non-volatile Status
Register bit values will be restored when power on again.


Similar Part No. - W25Q16DVDAIG-TR

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q16DVDAIG WINBOND-W25Q16DVDAIG Datasheet
1Mb / 81P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16DVDAIG WINBOND-W25Q16DVDAIG Datasheet
1Mb / 80P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
More results

Similar Description - W25Q16DVDAIG-TR

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q16BV WINBOND-W25Q16BV Datasheet
2Mb / 68P
16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16CL WINBOND-W25Q16CL Datasheet
2Mb / 77P
2.5V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16CV WINBOND-W25Q16CV Datasheet
1Mb / 79P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16V WINBOND-W25Q16V Datasheet
1Mb / 60P
16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q128BV WINBOND-W25Q128BV Datasheet
868Kb / 74P
3V 128M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16DVSSIG WINBOND-W25Q16DVSSIG Datasheet
1Mb / 81P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16CL WINBOND-W25Q16CL_13 Datasheet
2Mb / 72P
2.5V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16CV WINBOND-W25Q16CV_13 Datasheet
1Mb / 81P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16DVUUIG-TR WINBOND-W25Q16DVUUIG-TR Datasheet
1Mb / 80P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16JV WINBOND-W25Q16JV Datasheet
2Mb / 75P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com