Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W25Q16DVDAIG-TR Datasheet(PDF) 22 Page - Winbond

Part # W25Q16DVDAIG-TR
Description  3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q16DVDAIG-TR Datasheet(HTML) 22 Page - Winbond

Back Button W25Q16DVDAIG-TR Datasheet HTML 18Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 19Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 20Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 21Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 22Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 23Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 24Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 25Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 26Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 80 page
background image
- 22 -
7.2.4
Instruction Set Table 3 (ID, Security Instructions)
INSTRUCTION
NAME
BYTE 1
(CODE)
BYTE 2
BYTE 3
BYTE 4
BYTE 5
BYTE 6
Release Power down /
Device ID
ABh
dummy
dummy
dummy
(ID7-ID0)
(1)
Manufacturer/
Device ID
(2)
90h
dummy
dummy
00h
(MF7-MF0)
(ID7-ID0)
Manufacturer/Device ID
by Dual I/O
92h
A23-A8
A7-A0, M[7:0]
(MF[7:0], ID[7:0])
Manufacture/Device ID
by Quad I/O
94h
A23-A0, M[7:0]
xxxx, (MF[7:0], ID[7:0])
(MF[7:
0], ID[7:0], …)
JEDEC ID
9Fh
(MF7-MF0)
Manufacturer
(ID15-ID8)
Memory Type
(ID7-ID0)
Capacity
Read Unique ID
4Bh
dummy
dummy
dummy
dummy
(ID63-ID0)
Read SFDP Register
5Ah
00h
00h
A7
–A0
dummy
(D7-0)
Erase
Security Registers(3)
44h
A23
–A16
A15
–A8
A7
–A0
Program
Security Registers(3)
42h
A23
–A16
A15
–A8
A7
–A0
(D7-0)
(D7-0)
Read
Security Registers(3)
48h
A23
–A16
A15
–A8
A7
–A0
dummy
(D7-0)
Enable Reset
66h
Reset
99h
Notes:
1. The Device ID will repeat continuously until /CS terminates the instruction.
2. See Manufacturer and Device Identification table for Device ID information.
3. Security Register Address:
Security Register 1:
A23-16 = 00h;
A15-8 = 10h;
A7-0 = byte address
Security Register 2:
A23-16 = 00h;
A15-8 = 20h;
A7-0 = byte address
Security Register 3:
A23-16 = 00h;
A15-8 = 30h;
A7-0 = byte address


Similar Part No. - W25Q16DVDAIG-TR

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q16DVDAIG WINBOND-W25Q16DVDAIG Datasheet
1Mb / 81P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16DVDAIG WINBOND-W25Q16DVDAIG Datasheet
1Mb / 80P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
More results

Similar Description - W25Q16DVDAIG-TR

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q16BV WINBOND-W25Q16BV Datasheet
2Mb / 68P
16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16CL WINBOND-W25Q16CL Datasheet
2Mb / 77P
2.5V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16CV WINBOND-W25Q16CV Datasheet
1Mb / 79P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16V WINBOND-W25Q16V Datasheet
1Mb / 60P
16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q128BV WINBOND-W25Q128BV Datasheet
868Kb / 74P
3V 128M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16DVSSIG WINBOND-W25Q16DVSSIG Datasheet
1Mb / 81P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16CL WINBOND-W25Q16CL_13 Datasheet
2Mb / 72P
2.5V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16CV WINBOND-W25Q16CV_13 Datasheet
1Mb / 81P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16DVUUIG-TR WINBOND-W25Q16DVUUIG-TR Datasheet
1Mb / 80P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16JV WINBOND-W25Q16JV Datasheet
2Mb / 75P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com