Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W25Q16DVDAIG-TR Datasheet(PDF) 21 Page - Winbond

Part # W25Q16DVDAIG-TR
Description  3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q16DVDAIG-TR Datasheet(HTML) 21 Page - Winbond

Back Button W25Q16DVDAIG-TR Datasheet HTML 17Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 18Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 19Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 20Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 21Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 22Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 23Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 24Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 25Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 80 page
background image
Publication Release Date: January 26, 2015
- 21 -
Revision J
7.2.3
Instruction Set Table 2 (Read Instructions)
INSTRUCTION NAME
BYTE 1
(CODE)
BYTE 2
BYTE 3
BYTE 4
BYTE 5
BYTE 6
Read Data
03h
A23-A16
A15-A8
A7-A0
(D7-D0)
Fast Read
0Bh
A23-A16
A15-A8
A7-A0
dummy
(D7-D0)
Fast Read Dual Output
3Bh
A23-A16
A15-A8
A7-A0
dummy
(D7-D0,
…)(1)
Fast Read Quad Output
6Bh
A23-A16
A15-A8
A7-A0
dummy
(D7-D0,
…)(3)
Fast Read Dual I/O
BBh
A23-A8(2)
A7-A0, M7-M0(2)
(D7-D0,
…)(1)
Fast Read Quad I/O
EBh
A23-A0, M7-M0(4)
(x,x,x,x, D7-D0,
…)(5)
(D7-D0,
…)(3)
Word Read Quad I/O(7)
E7h
A23-A0, M7-M0(4)
(x,x, D7-D0,
…)(6)
(D7-D0,
…)(3)
Octal Word Read Quad I/O(8)
E3h
A23-A0, M7-M0(4)
(D7-D0,
…)(3)
Set Burst with Wrap
77h
xxxxxx, W6-W4(4)
Notes:
1. Dual Output data
IO0 = (D6, D4, D2, D0)
IO1 = (D7, D5, D3, D1)
2. Dual Input Address
IO0 = A22, A20, A18, A16, A14, A12, A10, A8
A6, A4, A2, A0, M6, M4, M2, M0
IO1 = A23, A21, A19, A17, A15, A13, A11, A9
A7, A5, A3, A1, M7, M5, M3, M1
3. Quad Output Data
IO0 = (D4, D0,
…..)
IO1 = (D5, D1,
…..)
IO2 = (D6, D2,
…..)
IO3 = (D7, D3,
…..)
4. Quad Input Address
Set Burst with Wrap Input
IO0 = A20, A16, A12, A8,
A4, A0, M4, M0
IO0 = x, x, x, x, x, x, W4, x
IO1 = A21, A17, A13, A9,
A5, A1, M5, M1
IO1 = x, x, x, x, x, x, W5, x
IO2 = A22, A18, A14, A10, A6, A2, M6, M2
IO2 = x, x, x, x, x, x, W6, x
IO3 = A23, A19, A15, A11, A7, A3, M7, M3
IO3 = x, x, x, x, x, x, x,
x
5. Fast Read Quad I/O Data
IO0 = (x, x, x, x, D4, D0,
…..)
IO1 = (x, x, x, x, D5, D1,
…..)
IO2 = (x, x, x, x, D6, D2,
…..)
IO3 = (x, x, x, x, D7, D3,
…..)
6. Word Read Quad I/O Data
IO0 = (x, x, D4, D0,
…..)
IO1 = (x, x, D5, D1,
…..)
IO2 = (x, x, D6, D2,
…..)
IO3 = (x, x, D7, D3,
…..)
7. The lowest address bit must be 0. ( A0 = 0 )
8. The lowest 4 address bits must be 0. ( A0, A1, A2, A3 = 0 )


Similar Part No. - W25Q16DVDAIG-TR

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q16DVDAIG WINBOND-W25Q16DVDAIG Datasheet
1Mb / 81P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16DVDAIG WINBOND-W25Q16DVDAIG Datasheet
1Mb / 80P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
More results

Similar Description - W25Q16DVDAIG-TR

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q16BV WINBOND-W25Q16BV Datasheet
2Mb / 68P
16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16CL WINBOND-W25Q16CL Datasheet
2Mb / 77P
2.5V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16CV WINBOND-W25Q16CV Datasheet
1Mb / 79P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16V WINBOND-W25Q16V Datasheet
1Mb / 60P
16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q128BV WINBOND-W25Q128BV Datasheet
868Kb / 74P
3V 128M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16DVSSIG WINBOND-W25Q16DVSSIG Datasheet
1Mb / 81P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16CL WINBOND-W25Q16CL_13 Datasheet
2Mb / 72P
2.5V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16CV WINBOND-W25Q16CV_13 Datasheet
1Mb / 81P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16DVUUIG-TR WINBOND-W25Q16DVUUIG-TR Datasheet
1Mb / 80P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16JV WINBOND-W25Q16JV Datasheet
2Mb / 75P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com