Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W25Q16DVDAIG-TR Datasheet(PDF) 20 Page - Winbond

Part # W25Q16DVDAIG-TR
Description  3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q16DVDAIG-TR Datasheet(HTML) 20 Page - Winbond

Back Button W25Q16DVDAIG-TR Datasheet HTML 16Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 17Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 18Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 19Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 20Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 21Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 22Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 23Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 24Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 80 page
background image
- 20 -
7.2.2
Instruction Set Table 1 (Erase, Program Instructions)(1)
INSTRUCTION NAME
BYTE 1
(CODE)
BYTE 2
BYTE 3
BYTE 4
BYTE 5
BYTE 6
Write Enable
06h
Write Enable for Volatile
Status Register
50h
Write Disable
04h
Read Status Register-1
05h
(S7
–S0) (2)
Read Status Register-2
35h
(S15-S8)
(2)
Write Status Register
01h
(S7
–S0)
(S15-S8)
Page Program
02h
A23
–A16
A15
–A8
A7
–A0
(D7
–D0)
Quad Page Program
32h
A23
–A16
A15
–A8
A7
–A0
(D7
–D0, …)(3)
Sector Erase (4KB)
20h
A23
–A16
A15
–A8
A7
–A0
Block Erase (32KB)
52h
A23
–A16
A15
–A8
A7
–A0
Block Erase (64KB)
D8h
A23
–A16
A15
–A8
A7
–A0
Chip Erase
C7h/60h
Erase / Program Suspend
75h
Erase / Program Resume
7Ah
Power-down
B9h
Continuous Read Mode
Reset
(4)
FFh
FFh
Notes:
1.
Data bytes are shifted with Most Significant Bit first. Byte fields with data in parenthesis “()” indicate data being
read from the device on the DO pin.
2.
The Status Register contents will repeat continuously until /CS terminates the instruction.
3.
Quad Page Program Input Data:
IO0 = (D4, D0, ……)
IO1 = (D5, D1, ……)
IO2 = (D6, D2, ……)
IO3 = (D7, D3, ……)
4.
This instruction is recommended w
hen using the Dual or Quad “Continuous Read Mode” feature. See section
7.2.19 & 7.2.20 for more information.


Similar Part No. - W25Q16DVDAIG-TR

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q16DVDAIG WINBOND-W25Q16DVDAIG Datasheet
1Mb / 81P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16DVDAIG WINBOND-W25Q16DVDAIG Datasheet
1Mb / 80P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
More results

Similar Description - W25Q16DVDAIG-TR

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q16BV WINBOND-W25Q16BV Datasheet
2Mb / 68P
16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16CL WINBOND-W25Q16CL Datasheet
2Mb / 77P
2.5V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16CV WINBOND-W25Q16CV Datasheet
1Mb / 79P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16V WINBOND-W25Q16V Datasheet
1Mb / 60P
16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q128BV WINBOND-W25Q128BV Datasheet
868Kb / 74P
3V 128M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16DVSSIG WINBOND-W25Q16DVSSIG Datasheet
1Mb / 81P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16CL WINBOND-W25Q16CL_13 Datasheet
2Mb / 72P
2.5V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16CV WINBOND-W25Q16CV_13 Datasheet
1Mb / 81P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16DVUUIG-TR WINBOND-W25Q16DVUUIG-TR Datasheet
1Mb / 80P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16JV WINBOND-W25Q16JV Datasheet
2Mb / 75P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com