Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W25Q16DVDAIG-TR Datasheet(PDF) 18 Page - Winbond

Part # W25Q16DVDAIG-TR
Description  3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q16DVDAIG-TR Datasheet(HTML) 18 Page - Winbond

Back Button W25Q16DVDAIG-TR Datasheet HTML 14Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 15Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 16Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 17Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 18Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 19Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 20Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 21Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 22Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 80 page
background image
- 18 -
7.1.12
Status Register Memory Protection (CMP = 1)
STATUS REGISTER(1)
W25Q16DV (16M-BIT) MEMORY PROTECTION(3)
SEC
TB
BP2
BP1
BP0
PROTECTED
BLOCK(S)
PROTECTED
ADDRESSES
PROTECTED
DENSITY
PROTECTED
PORTION(2)
X
X
0
0
0
0 thru 31
000000h
– 1FFFFFh
ALL
ALL
0
0
0
0
1
0 thru 30
000000h
– 1EFFFFh
1,984KB
Lower 31/32
0
0
0
1
0
0 thru 29
000000h
– 1DFFFFh
1,920KB
Lower 15/16
0
0
0
1
1
0 thru 27
000000h
– 1BFFFFh
1,792KB
Lower 7/8
0
0
1
0
0
0 thru 23
000000h
– 17FFFFh
1,536KB
Lower 3/4
0
0
1
0
1
0 thru 15
000000h
– 0FFFFFh
1MB
Lower 1/2
0
1
0
0
1
1 thru 31
010000h
– 1FFFFFh
1,984KB
Upper 31/32
0
1
0
1
0
2 and 31
020000h
– 1FFFFFh
1,920KB
Upper 15/16
0
1
0
1
1
4 thru 31
040000h
– 1FFFFFh
1,792KB
Upper 7/8
0
1
1
0
0
8 thru 31
080000h
– 1FFFFFh
1,536KB
Upper 3/4
0
1
1
0
1
16 thru 31
100000h
– 1FFFFFh
1MB
Upper 1/2
X
X
1
1
X
NONE
NONE
NONE
NONE
1
0
0
0
1
0 thru 31
000000h
– 1FEFFFh
2,044KB
L
– 511/512
1
0
0
1
0
0 thru 31
000000h
– 1FDFFFh
2,040KB
L
– 255/256
1
0
0
1
1
0 thru 31
000000h
– 1FBFFFh
2,032KB
L
– 127/128
1
0
1
0
X
0 thru 31
000000h
– 1F7FFFh
2,016KB
L
– 63/64
1
1
0
0
1
0 thru 31
001000h
– 1FFFFFh
2,044KB
U
– 511/512
1
1
0
1
0
0 thru 31
002000h
– 1FFFFFh
2,040KB
U
– 255/256
1
1
0
1
1
0 thru 31
004000h
– 1FFFFFh
2,032KB
U
– 127/128
1
1
1
0
X
0 thru 31
008000h
– 1FFFFFh
2,016KB
U
– 63/64
Notes:
1. X = do
n’t care
2. L = Lower; U = Upper
3. If any Erase or Program command specifies a memory region that contains protected data portion, this
command will be ignored.


Similar Part No. - W25Q16DVDAIG-TR

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q16DVDAIG WINBOND-W25Q16DVDAIG Datasheet
1Mb / 81P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16DVDAIG WINBOND-W25Q16DVDAIG Datasheet
1Mb / 80P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
More results

Similar Description - W25Q16DVDAIG-TR

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q16BV WINBOND-W25Q16BV Datasheet
2Mb / 68P
16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16CL WINBOND-W25Q16CL Datasheet
2Mb / 77P
2.5V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16CV WINBOND-W25Q16CV Datasheet
1Mb / 79P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16V WINBOND-W25Q16V Datasheet
1Mb / 60P
16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q128BV WINBOND-W25Q128BV Datasheet
868Kb / 74P
3V 128M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16DVSSIG WINBOND-W25Q16DVSSIG Datasheet
1Mb / 81P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16CL WINBOND-W25Q16CL_13 Datasheet
2Mb / 72P
2.5V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16CV WINBOND-W25Q16CV_13 Datasheet
1Mb / 81P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16DVUUIG-TR WINBOND-W25Q16DVUUIG-TR Datasheet
1Mb / 80P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16JV WINBOND-W25Q16JV Datasheet
2Mb / 75P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com