Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W25Q16DVDAIG-TR Datasheet(PDF) 15 Page - Winbond

Part # W25Q16DVDAIG-TR
Description  3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q16DVDAIG-TR Datasheet(HTML) 15 Page - Winbond

Back Button W25Q16DVDAIG-TR Datasheet HTML 11Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 12Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 13Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 14Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 15Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 16Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 17Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 18Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 19Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 80 page
background image
Publication Release Date: January 26, 2015
- 15 -
Revision J
CMP=1, the top 4KB sector will become unprotected while the rest of the array become read-only. Please
refer to the Status Register Memory Protection table for details. The default setting is CMP=0.
7.1.7
Status Register Protect Bits (SRP1, SRP0)
The Status Register Protect bits (SRP1 and SRP0) are non-volatile read/write bits in the status register
(S8 and S7). The SRP bits control the method of write protection: software protection, hardware
protection, power supply lock-down or one time programmable (OTP) protection.
SRP1
SRP0
/WP
Status
Register
Description
0
0
X
Software
Protection
/WP pin has no control. The Status register can be written to
after a Write Enable instruction, WEL=1. [Factory Default]
0
1
0
Hardware
Protected
When /WP pin is low the Status Register locked and can not
be written to.
0
1
1
Hardware
Unprotected
When /WP pin is high the Status register is unlocked and can
be written to after a Write Enable instruction, WEL=1.
1
0
X
Power Supply
Lock-Down
Status Register is protected and can not be written to again
until the next power-down, power-up cycle.(1)
1
1
X
One Time
Program(2)
Status Register is permanently protected and can not be
written to.
Notes:
1. When SRP1, SRP0 = (1, 0), a power-down, power-up cycle will change SRP1, SRP0 to (0, 0) state.
2. This feature is available upon special order. Please contact Winbond for details.
7.1.8
Erase/Program Suspend Status (SUS)
The Suspend Status bit is a read only bit in the status register (S15) that is set to 1 after executing a
Erase/Program Suspend (75h) instruction. The SUS status bit is cleared to 0 by Erase/Program Resume
(7Ah) instruction as well as a power-down, power-up cycle.
7.1.9
Security Register Lock Bits (LB3, LB2, LB1)
The Security Register Lock Bits (LB3, LB2, LB1) are non-volatile One Time Program (OTP) bits in Status
Register (S13, S12, S11) that provide the write protect control and status to the Security Registers. The
default state of LB[3:1] is 0, Security Registers are unlocked. LB[3:1] can be set to 1 individually using the
Write Status Register instruction. LB[3:1]
are One Time Programmable (OTP), once it’s set to 1, the
corresponding 256-Byte Security Register will become read-only permanently.
7.1.10
Quad Enable Bit (QE)
The Quad Enable (QE) bit is a non-volatile read/write bit in the status register (S9) that allows Quad SPI
operation. When the QE bit is set to a 0 state (factory default), the /WP pin and /HOLD are enabled.
When the QE bit is set to a 1, the Quad IO2 and IO3 pins are enabled, and /WP and /HOLD functions are
disabled.
WARNING: If the /WP or /HOLD pins are tied directly to the power supply or ground during
standard SPI or Dual SPI operation, the QE bit should never be set to a 1.


Similar Part No. - W25Q16DVDAIG-TR

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q16DVDAIG WINBOND-W25Q16DVDAIG Datasheet
1Mb / 81P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16DVDAIG WINBOND-W25Q16DVDAIG Datasheet
1Mb / 80P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
More results

Similar Description - W25Q16DVDAIG-TR

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q16BV WINBOND-W25Q16BV Datasheet
2Mb / 68P
16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16CL WINBOND-W25Q16CL Datasheet
2Mb / 77P
2.5V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16CV WINBOND-W25Q16CV Datasheet
1Mb / 79P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16V WINBOND-W25Q16V Datasheet
1Mb / 60P
16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q128BV WINBOND-W25Q128BV Datasheet
868Kb / 74P
3V 128M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16DVSSIG WINBOND-W25Q16DVSSIG Datasheet
1Mb / 81P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16CL WINBOND-W25Q16CL_13 Datasheet
2Mb / 72P
2.5V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16CV WINBOND-W25Q16CV_13 Datasheet
1Mb / 81P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16DVUUIG-TR WINBOND-W25Q16DVUUIG-TR Datasheet
1Mb / 80P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16JV WINBOND-W25Q16JV Datasheet
2Mb / 75P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com