Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W25Q16DVDAIG-TR Datasheet(PDF) 13 Page - Winbond

Part # W25Q16DVDAIG-TR
Description  3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q16DVDAIG-TR Datasheet(HTML) 13 Page - Winbond

Back Button W25Q16DVDAIG-TR Datasheet HTML 9Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 10Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 11Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 12Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 13Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 14Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 15Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 16Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 17Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 80 page
background image
Publication Release Date: January 26, 2015
- 13 -
Revision J
Select (/CS) signal should be kept active (low) for the full duration of the /HOLD operation to avoid
resetting the internal logic state of the device.
6.2
WRITE PROTECTION
Applications that use non-volatile memory must take into consideration the possibility of noise and other
adverse system conditions that may compromise data integrity. To address this concern, the W25Q16DV
provides several means to protect the data from inadvertent writes.
6.2.1
Write Protect Features
Device resets when VCC is below threshold
Time delay write disable after Power-up
Write enable/disable instructions and automatic write disable after erase or program
Software and Hardware (/WP pin) write protection using Status Register
Write Protection using Power-down instruction
Lock Down write protection until next power-up
One Time Program (OTP) write protection*
* Note: This feature is available upon special order. Please contact Winbond for details.
Upon power-up or at power-down, the W25Q16DV will maintain a reset condition while VCC is below the
threshold value of VWI, (See Power-up Timing and Voltage Levels and Figure 39). While reset, all
operations are disabled and no instructions are recognized. During power-up and after the VCC voltage
exceeds VWI, all program and erase related instructions are further disabled for a time delay of tPUW. This
includes the Write Enable, Page Program, Sector Erase, Block Erase, Chip Erase and the Write Status
Register instructions. Note that the chip select pin (/CS) must track the VCC supply level at power-up until
the VCC-min level and tVSL time delay is reached, and it must also track the VCC supply level at power-
down to prevent adverse command sequence. If needed a pull-up resister on /CS can be used to
accomplish this.
After power-up the device is automatically placed in a write-disabled state with the Status Register Write
Enable Latch (WEL) set to a 0. A Write Enable instruction must be issued before a Page Program, Sector
Erase, Block Erase, Chip Erase or Write Status Register instruction will be accepted. After completing a
program, erase or write instruction the Write Enable Latch (WEL) is automatically cleared to a write-
disabled state of 0.
Software controlled write protection is facilitated using the Write Status Register instruction and setting
the Status Register Protect (SRP0, SRP1) and Block Protect (CMP, SEC,TB, BP2, BP1 and BP0) bits.
These settings allow a portion as small as 4KB sector or the entire memory array to be configured as
read only. Used in conjunction with the Write Protect (/WP) pin, changes to the Status Register can be
enabled or disabled under hardware control. See Status Register section for further information.
Additionally, the Power-down instruction offers an extra level of write protection as all instructions are
ignored except for the Release Power-down instruction.


Similar Part No. - W25Q16DVDAIG-TR

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q16DVDAIG WINBOND-W25Q16DVDAIG Datasheet
1Mb / 81P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16DVDAIG WINBOND-W25Q16DVDAIG Datasheet
1Mb / 80P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
More results

Similar Description - W25Q16DVDAIG-TR

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q16BV WINBOND-W25Q16BV Datasheet
2Mb / 68P
16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16CL WINBOND-W25Q16CL Datasheet
2Mb / 77P
2.5V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16CV WINBOND-W25Q16CV Datasheet
1Mb / 79P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16V WINBOND-W25Q16V Datasheet
1Mb / 60P
16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q128BV WINBOND-W25Q128BV Datasheet
868Kb / 74P
3V 128M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16DVSSIG WINBOND-W25Q16DVSSIG Datasheet
1Mb / 81P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16CL WINBOND-W25Q16CL_13 Datasheet
2Mb / 72P
2.5V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16CV WINBOND-W25Q16CV_13 Datasheet
1Mb / 81P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16DVUUIG-TR WINBOND-W25Q16DVUUIG-TR Datasheet
1Mb / 80P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16JV WINBOND-W25Q16JV Datasheet
2Mb / 75P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com