Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W25Q16DVDAIG-TR Datasheet(PDF) 12 Page - Winbond

Part # W25Q16DVDAIG-TR
Description  3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q16DVDAIG-TR Datasheet(HTML) 12 Page - Winbond

Back Button W25Q16DVDAIG-TR Datasheet HTML 8Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 9Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 10Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 11Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 12Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 13Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 14Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 15Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 16Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 80 page
background image
- 12 -
6.
FUNCTIONAL DESCRIPTION
6.1
SPI OPERATIONS
6.1.1
Standard SPI Instructions
The W25Q16DV is accessed through an SPI compatible bus consisting of four signals: Serial Clock
(CLK), Chip Select (/CS), Serial Data Input (DI) and Serial Data Output (DO). Standard SPI instructions
use the DI input pin to serially write instructions, addresses or data to the device on the rising edge of
CLK. The DO output pin is used to read data or status from the device on the falling edge CLK.
SPI bus operation Mode 0 (0,0) and 3 (1,1) are supported. The primary difference between Mode 0 and
Mode 3 concerns the normal state of the CLK signal when the SPI bus master is in standby and data is
not being transferred to the Serial Flash. For Mode 0, the CLK signal is normally low on the falling and
rising edges of /CS. For Mode 3, the CLK signal is normally high on the falling and rising edges of /CS.
6.1.2
Dual SPI Instructions
The W25Q16DV supports Dual SPI
operation when using the “Fast Read Dual Output (3Bh)” and “Fast
Read Dual I/O (BBh)
” instructions. These instructions allow data to be transferred to or from the device at
two to three times the rate of ordinary Serial Flash devices. The Dual SPI Read instructions are ideal for
quickly downloading code to RAM upon power-up (code-shadowing) or for executing non-speed-critical
code directly from the SPI bus (XIP). When using Dual SPI instructions, the DI and DO pins become
bidirectional I/O pins: IO0 and IO1.
6.1.3
Quad SPI Instructions
The W25Q16DV supports Quad SPI operation whe
n using the “Fast Read Quad Output (6Bh)”, “Fast
Read Quad I/O (EBh)
”, “Word Read Quad I/O (E7h)” and “Octal Word Read Quad I/O (E3h)” instructions.
These instructions allow data to be transferred to or from the device four to six times the rate of ordinary
Serial Flash. The Quad Read instructions offer a significant improvement in continuous and random
access transfer rates allowing fast code-shadowing to RAM or execution directly from the SPI bus (XIP).
When using Quad SPI instructions the DI and DO pins become bidirectional IO0 and IO1, and the /WP
and /HOLD pins become IO2 and IO3 respectively. Quad SPI instructions require the non-volatile Quad
Enable bit (QE) in Status Register-2 to be set.
6.1.4
Hold Function
For Standard SPI and Dual SPI operations, the /HOLD signal allows the W25Q16DV operation to be
paused while it is actively selected (when /CS is low). The /HOLD function may be useful in cases where
the SPI data and clock signals are shared with other devices. For example, consider if the page buffer
was only partially written when a priority interrupt requires use of the SPI bus. In this case the /HOLD
function can save the state of the instruction and the data in the buffer so programming can resume
where it left off once the bus is available again. The /HOLD function is only available for standard SPI and
Dual SPI operation, not during Quad SPI.
To initiate a /HOLD condition, the device must be selected with /CS low. A /HOLD condition will activate
on the falling edge of the /HOLD signal if the CLK signal is already low. If the CLK is not already low the
/HOLD condition will activate after the next falling edge of CLK. The /HOLD condition will terminate on the
rising edge of the /HOLD signal if the CLK signal is already low. If the CLK is not already low the /HOLD
condition will terminate after the next falling edge of CLK. During a /HOLD condition, the Serial Data
Output (DO) is high impedance, and Serial Data Input (DI) and Serial Clock (CLK) are ignored. The Chip


Similar Part No. - W25Q16DVDAIG-TR

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q16DVDAIG WINBOND-W25Q16DVDAIG Datasheet
1Mb / 81P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16DVDAIG WINBOND-W25Q16DVDAIG Datasheet
1Mb / 80P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
More results

Similar Description - W25Q16DVDAIG-TR

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q16BV WINBOND-W25Q16BV Datasheet
2Mb / 68P
16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16CL WINBOND-W25Q16CL Datasheet
2Mb / 77P
2.5V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16CV WINBOND-W25Q16CV Datasheet
1Mb / 79P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16V WINBOND-W25Q16V Datasheet
1Mb / 60P
16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q128BV WINBOND-W25Q128BV Datasheet
868Kb / 74P
3V 128M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16DVSSIG WINBOND-W25Q16DVSSIG Datasheet
1Mb / 81P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16CL WINBOND-W25Q16CL_13 Datasheet
2Mb / 72P
2.5V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16CV WINBOND-W25Q16CV_13 Datasheet
1Mb / 81P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16DVUUIG-TR WINBOND-W25Q16DVUUIG-TR Datasheet
1Mb / 80P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16JV WINBOND-W25Q16JV Datasheet
2Mb / 75P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com