Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W25Q16DVDAIG-TR Datasheet(PDF) 67 Page - Winbond

Part # W25Q16DVDAIG-TR
Description  3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q16DVDAIG-TR Datasheet(HTML) 67 Page - Winbond

Back Button W25Q16DVDAIG-TR Datasheet HTML 63Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 64Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 65Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 66Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 67Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 68Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 69Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 70Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 71Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 80 page
background image
Publication Release Date: January 26, 2015
- 67 -
Revision J
8.7
AC Electrical Characteristics (cont’d)
DESCRIPTION
SYMBOL
ALT
SPEC
UNIT
MIN
TYP
MAX
/HOLD Active Hold Time relative to CLK
tCHHH
3
ns
/HOLD Not Active Setup Time relative to CLK
tHHCH
3
ns
/HOLD Not Active Hold Time relative to CLK
tCHHL
3
ns
/HOLD to Output Low-Z
tHHQX(2)
tLZ
7
ns
/HOLD to Output High-Z
tHLQZ(2)
tHZ
12
ns
Write Protect Setup Time Before /CS Low
tWHSL(3)
20
ns
Write Protect Hold Time After /CS High
tSHWL(3)
100
ns
/CS High to Power-down Mode
tDP(2)
3
µs
/CS High to Standby Mode without Electronic
Signature Read
tRES1(2)
3
µs
/CS High to Standby Mode with Electronic Signature
Read
tRES2(2)
1.8
µs
/CS High to next Instruction after Suspend
tSUS(2)
20
µs
Write Status Register Time
tW
10
15
ms
Byte Program Time (First Byte) (4)
tBP1
20
50
µs
Additional Byte Program Time (After First Byte) (4)
tBP2
2.5
10
µs
Page Program Time
tPP
0.7
3
ms
Sector Erase Time (4KB)
tSE
60
200/400(5)
ms
Block Erase Time (32KB)
tBE1
150
800
ms
Block Erase Time (64KB)
tBE2
180
1,000
ms
Chip Erase Time
tCE
3
10
s
Notes:
1.
Clock high + Clock low must be less than or equal to 1/fC.
2.
Value guaranteed by design and/or characterization, not 100% tested in production.
3.
Only applicable as a constraint for a Write Status Register instruction when SRP[1:0]=(0,1).
4.
For multiple bytes after first byte within a page,
tBPN = tBP1 + tBP2 * N (typical) and tBPN = tBP1 + tBP2 * N (max), where N =
number of bytes programmed.
5.
Max Value tSE with <50K cycles is 200ms and >50K & <100K cycles is 400ms.


Similar Part No. - W25Q16DVDAIG-TR

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q16DVDAIG WINBOND-W25Q16DVDAIG Datasheet
1Mb / 81P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16DVDAIG WINBOND-W25Q16DVDAIG Datasheet
1Mb / 80P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
More results

Similar Description - W25Q16DVDAIG-TR

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q16BV WINBOND-W25Q16BV Datasheet
2Mb / 68P
16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16CL WINBOND-W25Q16CL Datasheet
2Mb / 77P
2.5V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16CV WINBOND-W25Q16CV Datasheet
1Mb / 79P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16V WINBOND-W25Q16V Datasheet
1Mb / 60P
16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q128BV WINBOND-W25Q128BV Datasheet
868Kb / 74P
3V 128M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16DVSSIG WINBOND-W25Q16DVSSIG Datasheet
1Mb / 81P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16CL WINBOND-W25Q16CL_13 Datasheet
2Mb / 72P
2.5V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16CV WINBOND-W25Q16CV_13 Datasheet
1Mb / 81P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16DVUUIG-TR WINBOND-W25Q16DVUUIG-TR Datasheet
1Mb / 80P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16JV WINBOND-W25Q16JV Datasheet
2Mb / 75P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com