Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W25Q16DVDAIG-TR Datasheet(PDF) 66 Page - Winbond

Part # W25Q16DVDAIG-TR
Description  3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q16DVDAIG-TR Datasheet(HTML) 66 Page - Winbond

Back Button W25Q16DVDAIG-TR Datasheet HTML 62Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 63Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 64Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 65Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 66Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 67Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 68Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 69Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 70Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 80 page
background image
- 66 -
8.6
AC Electrical Characteristics
DESCRIPTION
SYMBOL
ALT
SPEC
UNIT
MIN
TYP
MAX
Clock frequency for all instructions,
except Read Data (03h)
2.7-3.0V / 3.0-3.6V & Industrial Temperature
FR
fC
D.C.
80/104
MHz
Clock freq. Read Data instruction (03h)
fR
D.C.
50
MHz
Clock High, Low Time except Read Data (03h)
tCLH,
tCLL(1)
4
ns
Clock High, Low Time for Read Data (03h) instruction
tCRLH,
tCRLL(1)
8
ns
Clock Rise Time peak to peak
tCLCH(2)
0.1
V/ns
Clock Fall Time peak to peak
tCHCL(2)
0.1
V/ns
/CS Active Setup Time relative to CLK
tSLCH
tCSS
3
ns
/CS Not Active Hold Time relative to CLK
tCHSL
3
ns
Data In Setup Time
tDVCH
tDSU
2
ns
Data In Hold Time
tCHDX
tDH
3
ns
/CS Active Hold Time relative to CLK
tCHSH
3
ns
/CS Not Active Setup Time relative to CLK
tSHCH
3
ns
/CS Deselect Time (for Array Read  Array Read)
tSHSL1
tCSH
10
ns
/CS Deselect Time (for Erase/Program  Read SR)
Volatile Status Register Write Time
tSHSL2
tCSH
50
50
ns
Output Disable Time
tSHQZ(2)
tDIS
7
ns
Clock Low to Output Valid
2.7-3.0V / 3.0-3.6V
tCLQV1
tV1
7 / 6
ns
Clock Low to Output Valid (for Read ID instructions)
2.7-3.0 V / 3.0-3.6V
tCLQV2
tV2
8.5 / 7.5
ns
Output Hold Time
tCLQX
tHO
0
ns
/HOLD Active Setup Time relative to CLK
tHLCH
3
ns
Continued
– next page


Similar Part No. - W25Q16DVDAIG-TR

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q16DVDAIG WINBOND-W25Q16DVDAIG Datasheet
1Mb / 81P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16DVDAIG WINBOND-W25Q16DVDAIG Datasheet
1Mb / 80P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
More results

Similar Description - W25Q16DVDAIG-TR

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q16BV WINBOND-W25Q16BV Datasheet
2Mb / 68P
16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16CL WINBOND-W25Q16CL Datasheet
2Mb / 77P
2.5V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16CV WINBOND-W25Q16CV Datasheet
1Mb / 79P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16V WINBOND-W25Q16V Datasheet
1Mb / 60P
16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q128BV WINBOND-W25Q128BV Datasheet
868Kb / 74P
3V 128M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16DVSSIG WINBOND-W25Q16DVSSIG Datasheet
1Mb / 81P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16CL WINBOND-W25Q16CL_13 Datasheet
2Mb / 72P
2.5V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16CV WINBOND-W25Q16CV_13 Datasheet
1Mb / 81P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16DVUUIG-TR WINBOND-W25Q16DVUUIG-TR Datasheet
1Mb / 80P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16JV WINBOND-W25Q16JV Datasheet
2Mb / 75P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com