Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W25Q16DVDAIG-TR Datasheet(PDF) 54 Page - Winbond

Part # W25Q16DVDAIG-TR
Description  3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q16DVDAIG-TR Datasheet(HTML) 54 Page - Winbond

Back Button W25Q16DVDAIG-TR Datasheet HTML 50Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 51Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 52Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 53Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 54Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 55Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 56Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 57Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 58Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 80 page
background image
- 54 -
7.2.33 Read Manufacturer / Device ID Quad I/O (94h)
The Read Manufacturer / Device ID Quad I/O instruction is an alternative to the Read Manufacturer /
Device ID instruction that provides both the JEDEC assigned manufacturer ID and the specific device ID
at 4x speed.
The Read Manufacturer / Device ID Quad I/O instruction is similar to the Fast Read Quad I/O instruction.
The instruction is initiated by driving the /CS pin low and shifting the instruction code “94h” followed by a
24-bit address (A23-A0) of 000000h, 8-bit Continuous Read Mode Bits and then four clock dummy
cycles, with the capability to input the Address bits four bits per clock. After which, the Manufacturer ID for
Winbond (EFh) and the Device ID are shifted out four bits per clock on the falling edge of CLK with most
significant bit (MSB) first as shown in Figure 31. The Device ID values for the W25Q16DV is listed in
Manufacturer and Device Identification table. The Manufacturer and Device IDs can be read continuously,
alternating from one to the other. The instruction is completed by driving /CS high.
Mode 0
Mode 3
0
1
2
3
4
5
6
7
Instruction (94h)
High Impedance
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
5
1
4
0
23
Mode 0
Mode 3
IOs switch from
Input to Output
High Impedance
7
3
6
2
/CS
CLK
IO
0
IO
1
IO
2
IO
3
High Impedance
A23-16
A15-8
A7-0
(00h)
M7-0
MFR ID
Device ID
Dummy
Dummy
/CS
CLK
IO
0
IO
1
IO
2
IO
3
23
0
1
2
3
5
1
4
0
7
3
6
2
5
1
4
0
7
3
6
2
5
1
4
0
7
3
6
2
5
1
4
0
7
3
6
2
5
1
4
0
7
3
6
2
5
1
4
0
7
3
6
2
5
1
4
0
7
3
6
2
5
1
4
0
7
3
6
2
5
1
4
0
7
3
6
2
24
25
26
27
28
29
30
MFR ID
(repeat)
Device ID
(repeat)
MFR ID
(repeat)
Device ID
(repeat)
Figure 31. Read Manufacturer / Device ID Quad I/O Diagram
Note:
The “Continuous Read Mode” bits M7-0 must be set to Fxh to be compatible with Fast Read Quad I/O instruction.


Similar Part No. - W25Q16DVDAIG-TR

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q16DVDAIG WINBOND-W25Q16DVDAIG Datasheet
1Mb / 81P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16DVDAIG WINBOND-W25Q16DVDAIG Datasheet
1Mb / 80P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
More results

Similar Description - W25Q16DVDAIG-TR

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q16BV WINBOND-W25Q16BV Datasheet
2Mb / 68P
16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16CL WINBOND-W25Q16CL Datasheet
2Mb / 77P
2.5V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16CV WINBOND-W25Q16CV Datasheet
1Mb / 79P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16V WINBOND-W25Q16V Datasheet
1Mb / 60P
16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q128BV WINBOND-W25Q128BV Datasheet
868Kb / 74P
3V 128M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16DVSSIG WINBOND-W25Q16DVSSIG Datasheet
1Mb / 81P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16CL WINBOND-W25Q16CL_13 Datasheet
2Mb / 72P
2.5V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16CV WINBOND-W25Q16CV_13 Datasheet
1Mb / 81P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16DVUUIG-TR WINBOND-W25Q16DVUUIG-TR Datasheet
1Mb / 80P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16JV WINBOND-W25Q16JV Datasheet
2Mb / 75P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com