Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W25Q16DVDAIG-TR Datasheet(PDF) 50 Page - Winbond

Part # W25Q16DVDAIG-TR
Description  3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q16DVDAIG-TR Datasheet(HTML) 50 Page - Winbond

Back Button W25Q16DVDAIG-TR Datasheet HTML 46Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 47Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 48Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 49Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 50Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 51Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 52Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 53Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 54Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 80 page
background image
- 50 -
7.2.30 Release Power-down / Device ID (ABh)
The Release from Power-down / Device ID instruction is a multi-purpose instruction. It can be used to
release the device from the power-down state, or obtain the devices electronic identification (ID) number.
To release the device from the power-down state, the instruction is issued by driving the /CS pin low,
shifting the instruction code “ABh” and driving /CS high as shown in Figure 28a. Release from power-
down will take the time duration of tRES1 (See AC Characteristics) before the device will resume normal
operation and other instructions are accepted. The /CS pin must remain high during the tRES1 time
duration.
When used only to obtain the Device ID while not in the power-down state, the instruction is initiated by
driving the /CS pin low and shifting the instr
uction code “ABh” followed by 3-dummy bytes. The Device ID
bits are then shifted out on the falling edge of CLK with most significant bit (MSB) first as shown in Figure
28a. The Device ID values for the W25Q16DV is listed in Manufacturer and Device Identification table.
The Device ID can be read continuously. The instruction is completed by driving /CS high.
When used to release the device from the power-down state and obtain the Device ID, the instruction is
the same as previously described, and shown in Figure 28b, except that after /CS is driven high it must
remain high for a time duration of tRES2 (See AC Characteristics). After this time duration the device will
resume normal operation and other instructions will be accepted. If the Release from Power-down /
Device ID instruction is issued while an Erase, Program or Write cycle is in process (when BUSY equals
1) the instruction is ignored and will not have any effects on the current cycle.
/CS
CLK
DI
(IO
0)
Mode 0
Mode 3
0
1
2
3
4
5
6
7
Instruction (ABh)
Mode 0
Mode 3
tRES1
Power-down current
Stand-by current
Figure 28a. Release Power-down Instruction Sequence


Similar Part No. - W25Q16DVDAIG-TR

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q16DVDAIG WINBOND-W25Q16DVDAIG Datasheet
1Mb / 81P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16DVDAIG WINBOND-W25Q16DVDAIG Datasheet
1Mb / 80P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
More results

Similar Description - W25Q16DVDAIG-TR

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q16BV WINBOND-W25Q16BV Datasheet
2Mb / 68P
16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16CL WINBOND-W25Q16CL Datasheet
2Mb / 77P
2.5V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16CV WINBOND-W25Q16CV Datasheet
1Mb / 79P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16V WINBOND-W25Q16V Datasheet
1Mb / 60P
16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q128BV WINBOND-W25Q128BV Datasheet
868Kb / 74P
3V 128M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16DVSSIG WINBOND-W25Q16DVSSIG Datasheet
1Mb / 81P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16CL WINBOND-W25Q16CL_13 Datasheet
2Mb / 72P
2.5V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16CV WINBOND-W25Q16CV_13 Datasheet
1Mb / 81P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16DVUUIG-TR WINBOND-W25Q16DVUUIG-TR Datasheet
1Mb / 80P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16JV WINBOND-W25Q16JV Datasheet
2Mb / 75P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com