Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W25Q16DVDAIG-TR Datasheet(PDF) 47 Page - Winbond

Part # W25Q16DVDAIG-TR
Description  3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q16DVDAIG-TR Datasheet(HTML) 47 Page - Winbond

Back Button W25Q16DVDAIG-TR Datasheet HTML 43Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 44Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 45Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 46Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 47Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 48Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 49Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 50Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 51Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 80 page
background image
Publication Release Date: January 26, 2015
- 47 -
Revision J
7.2.27 Erase / Program Suspend (75h)
The Erase/Program Suspend instruction
“75h”, allows the system to interrupt a Sector or Block Erase
operation or a Page Program operation and then read from or program/erase data to, any other sectors
or blocks. The Erase/Program Suspend instruction sequence is shown in Figure 25.
The Write Status Register instruction (01h) and Erase instructions (20h, 52h, D8h, C7h, 60h, 44h) are not
allowed during Erase Suspend. Erase Suspend is valid only during the Sector or Block erase operation. If
written during the Chip Erase operation, the Erase Suspend instruction is ignored. The Write Status
Register instruction (01h) and Program instructions (02h, 32h, 42h) are not allowed during Program
Suspend. Program Suspend is valid only during the Page Program or Quad Page Program operation.
The Erase/Program Suspend instruction “75h” will be accepted by the device only if the SUS bit in the
Status Register equals to 0 and the BUSY bit equals to 1 while a Sector or Block Erase or a Page
Program operation is on-going. If the SUS bit equals to 1 or the BUSY bit equals to 0, the Suspend
instruction will be ignored by the device. A maximum of
time of “tSUS” (See AC Characteristics) is required
to suspend the erase or program operation. The BUSY bit in the Status Register will be cleared from 1 to
0 within
“tSUS” and the SUS bit in the Status Register will be set from 0 to 1 immediately after
Erase/Program Suspend. For a previously resumed Erase/Program operation, it is also required that the
Suspend instruction “75h” is not issued earlier than a minimum of time of “tSUS” following the preceding
Resume instruction “7Ah”.
Unexpected power off during the Erase/Program suspend state will reset the device and release the
suspend state. SUS bit in the Status Register will also reset to 0. The data within the page, sector or
block that was being suspended may become corrupted. When the device is powered up again, it is
recommended for the user to repeat the same Erase or Program operation that was interrupted, at the
same address location, to avoid the potention data corruption.
/CS
CLK
DI
(IO
0)
DO
(IO
1)
Mode 0
Mode 3
0
1
2
3
4
5
6
7
Instruction (75h)
High Impedance
Mode 0
Mode 3
tSUS
Accept instructions
Figure 25. Erase/Program Suspend Instruction Sequence


Similar Part No. - W25Q16DVDAIG-TR

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q16DVDAIG WINBOND-W25Q16DVDAIG Datasheet
1Mb / 81P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16DVDAIG WINBOND-W25Q16DVDAIG Datasheet
1Mb / 80P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
More results

Similar Description - W25Q16DVDAIG-TR

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q16BV WINBOND-W25Q16BV Datasheet
2Mb / 68P
16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16CL WINBOND-W25Q16CL Datasheet
2Mb / 77P
2.5V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16CV WINBOND-W25Q16CV Datasheet
1Mb / 79P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16V WINBOND-W25Q16V Datasheet
1Mb / 60P
16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q128BV WINBOND-W25Q128BV Datasheet
868Kb / 74P
3V 128M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16DVSSIG WINBOND-W25Q16DVSSIG Datasheet
1Mb / 81P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16CL WINBOND-W25Q16CL_13 Datasheet
2Mb / 72P
2.5V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16CV WINBOND-W25Q16CV_13 Datasheet
1Mb / 81P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16DVUUIG-TR WINBOND-W25Q16DVUUIG-TR Datasheet
1Mb / 80P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16JV WINBOND-W25Q16JV Datasheet
2Mb / 75P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com