Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W25Q16DVDAIG-TR Datasheet(PDF) 40 Page - Winbond

Part # W25Q16DVDAIG-TR
Description  3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q16DVDAIG-TR Datasheet(HTML) 40 Page - Winbond

Back Button W25Q16DVDAIG-TR Datasheet HTML 36Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 37Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 38Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 39Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 40Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 41Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 42Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 43Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 44Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 80 page
background image
- 40 -
7.2.19 Continuous Read Mode Bits (M7-0)
The “Continuous Read Mode” bits are used in conjunction with “Fast Read Dual I/O”, “Fast Read Quad
I/O”, “Word Read Quad I/O” and “Octal Word Read Quad I/O” instructions to provide the highest random
Flash memory access rate with minimum SPI instruction overhead, thus allow true XIP (execute in place)
to be performed on serial flash devices.
M7-0 need to be set by the Dual/Quad I/O Read instructions. M5-4 are used to control whether the 8-bit
SPI instruction code (BBh, EBh, E7h or E3h) is needed or not for the next command. When M5-4 = (1,0),
the next command will be treated same as the current Dual/Quad I/O Read command without needing
the 8-bit instruction code; when M5-4 do not equal to (1,0), the device returns to normal SPI mode, all
commands can be accepted. M7-6 and M3-0 are reserved bits for future use, either 0 or 1 values can be
used.
7.2.20 Continuous Read Mode Reset (FFh or FFFFh)
Continuous Read Mode Reset instruction can be used to set M4 = 1, thus the device will release the
Continuous Read Mode and return to normal SPI operation, as shown in Figure 18.
/CS
CLK
Mode 0
Mode 3
0
1
IO
0
IO
1
IO
2
IO
3
2
3
4
5
Don't Care
6
7
8
9
10
11
12
13
14
15
Mode Bit Reset
for Quad I/O (FFh)
Mode 0
Mode 3
Mode Bit Reset
for Dual I/O (FFFFh)
Don't Care
Don't Care
Figure 18. Continuous Read Mode Reset for Fast Read Dual/Quad I/O
Since W25Q16DV does not have a hardware Reset pin, so if the controller resets while W25Q16DV is set
to Continuous Mode Read, the W25Q16DV will not recognize any initial standard SPI instructions from
the controller. To address this possibility, it is recommended to issue a Continuous Read Mode Reset
instruction as the first instruction after a system Reset. Doing so will release the device from the
Continuous Read Mode and allow Standard SPI instructions to be recognized.
To reset “Continuous Read Mode” during Quad I/O operation, only eight clocks are needed. The
instruction is “FFh”. To reset “Continuous Read Mode” during Dual I/O operation, sixteen clocks are
needed to shift in instruction “FFFFh”.


Similar Part No. - W25Q16DVDAIG-TR

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q16DVDAIG WINBOND-W25Q16DVDAIG Datasheet
1Mb / 81P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16DVDAIG WINBOND-W25Q16DVDAIG Datasheet
1Mb / 80P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
More results

Similar Description - W25Q16DVDAIG-TR

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q16BV WINBOND-W25Q16BV Datasheet
2Mb / 68P
16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16CL WINBOND-W25Q16CL Datasheet
2Mb / 77P
2.5V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16CV WINBOND-W25Q16CV Datasheet
1Mb / 79P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16V WINBOND-W25Q16V Datasheet
1Mb / 60P
16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q128BV WINBOND-W25Q128BV Datasheet
868Kb / 74P
3V 128M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16DVSSIG WINBOND-W25Q16DVSSIG Datasheet
1Mb / 81P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16CL WINBOND-W25Q16CL_13 Datasheet
2Mb / 72P
2.5V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16CV WINBOND-W25Q16CV_13 Datasheet
1Mb / 81P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16DVUUIG-TR WINBOND-W25Q16DVUUIG-TR Datasheet
1Mb / 80P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16JV WINBOND-W25Q16JV Datasheet
2Mb / 75P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com