Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W25Q16DVDAIG-TR Datasheet(PDF) 39 Page - Winbond

Part # W25Q16DVDAIG-TR
Description  3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q16DVDAIG-TR Datasheet(HTML) 39 Page - Winbond

Back Button W25Q16DVDAIG-TR Datasheet HTML 35Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 36Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 37Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 38Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 39Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 40Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 41Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 42Page - Winbond W25Q16DVDAIG-TR Datasheet HTML 43Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 80 page
background image
Publication Release Date: January 26, 2015
- 39 -
Revision J
7.2.18 Set Burst with Wrap (77h)
The Set Burst with Wrap (77h) instruction is used in conjunction with “Fast Read Quad I/O” and “Word
Read Quad I/O” instructions to access a fixed length of 8/16/32/64-byte section within a 256-byte page.
Certain applications can benefit from this feature and improve the overall system code execution
performance.
Similar to a Quad I/O instruction, the Set Burst with Wrap instruction is initiated by driving the /CS pin low
and then shifting the instruction code “77h” followed by 24 dummy bits and 8 “Wrap Bits”, W7-0. The
instruction sequence is shown in Figure 17. Wrap bit W7 and the lower nibble W3-0 are not used.
W6, W5
W4 = 0
W4 =1 (DEFAULT)
Wrap Around
Wrap Length
Wrap Around
Wrap Length
0
0
Yes
8-byte
No
N/A
0
1
Yes
16-byte
No
N/A
1
0
Yes
32-byte
No
N/A
1
1
Yes
64-byte
No
N/A
Once W6-
4 is set by a Set Burst with Wrap instruction, all the following “Fast Read Quad I/O” and “Word
Read Quad I/O” instructions will use the W6-4 setting to access the 8/16/32/64-byte section within any
page. To exit the “Wrap Around” function and return to normal read operation, another Set Burst with
Wrap instruction should be issued to set W4 = 1. The default value of W4 upon power on is 1. In the case
of a system Reset while W4 = 0, it is recommended that the controller issues a Set Burst with Wrap
instruction to reset W4 = 1 prior to any normal Read instructions since W25Q16DV does not have a
hardware Reset Pin.
Wrap Bit
/CS
CLK
Mode 0
Mode 3
0
1
IO
0
IO
1
IO
2
IO
3
2
3
4
5
X
X
X
X
X
X
X
X
don't
care
6
7
8
9
don't
care
don't
care
10
11
12
13
14
15
Instruction (77h)
Mode 0
Mode 3
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
w4
X
w5
X
w6
X
X
X
Figure 17. Set Burst with Wrap Instruction Sequence


Similar Part No. - W25Q16DVDAIG-TR

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q16DVDAIG WINBOND-W25Q16DVDAIG Datasheet
1Mb / 81P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16DVDAIG WINBOND-W25Q16DVDAIG Datasheet
1Mb / 80P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
More results

Similar Description - W25Q16DVDAIG-TR

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q16BV WINBOND-W25Q16BV Datasheet
2Mb / 68P
16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16CL WINBOND-W25Q16CL Datasheet
2Mb / 77P
2.5V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16CV WINBOND-W25Q16CV Datasheet
1Mb / 79P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16V WINBOND-W25Q16V Datasheet
1Mb / 60P
16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q128BV WINBOND-W25Q128BV Datasheet
868Kb / 74P
3V 128M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16DVSSIG WINBOND-W25Q16DVSSIG Datasheet
1Mb / 81P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16CL WINBOND-W25Q16CL_13 Datasheet
2Mb / 72P
2.5V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16CV WINBOND-W25Q16CV_13 Datasheet
1Mb / 81P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16DVUUIG-TR WINBOND-W25Q16DVUUIG-TR Datasheet
1Mb / 80P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16JV WINBOND-W25Q16JV Datasheet
2Mb / 75P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com