Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STGW80H65FB Datasheet(PDF) 3 Page - STMicroelectronics

Part # STGW80H65FB
Description  Low thermal resistance
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW80H65FB Datasheet(HTML) 3 Page - STMicroelectronics

  STGW80H65FB Datasheet HTML 1Page - STMicroelectronics STGW80H65FB Datasheet HTML 2Page - STMicroelectronics STGW80H65FB Datasheet HTML 3Page - STMicroelectronics STGW80H65FB Datasheet HTML 4Page - STMicroelectronics STGW80H65FB Datasheet HTML 5Page - STMicroelectronics STGW80H65FB Datasheet HTML 6Page - STMicroelectronics STGW80H65FB Datasheet HTML 7Page - STMicroelectronics STGW80H65FB Datasheet HTML 8Page - STMicroelectronics STGW80H65FB Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
DocID026401 Rev 1
3/18
STGW80H65FB, STGWA80H65FB, STGWT80H65FB
Electrical ratings
1
Electrical ratings
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCES
Collector-emitter voltage (VGE = 0)
650
V
IC
Continuous collector current at TC = 25 °C
120(1)
1.
Current level is limited by bond wires.
A
IC
Continuous collector current at TC = 100 °C
80
A
ICP
(2)
2.
Pulse width limited by maximum junction temperature.
Pulsed collector current
240
A
VGE
Gate-emitter voltage
±20
V
PTOT
Total dissipation at TC = 25 °C
469
W
TSTG
Storage temperature range
- 55 to 150
°C
TJ
Operating junction temperature
- 55 to 175
°C
Table 3. Thermal data
Symbol
Parameter
Value
Unit
RthJC
Thermal resistance junction-case
0.32
°C/W
RthJA
Thermal resistance junction-ambient
50
°C/W


Similar Part No. - STGW80H65FB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGW80H65FB-4 STMICROELECTRONICS-STGW80H65FB-4 Datasheet
772Kb / 14P
Safe paralleling
April 2017 Rev 3
More results

Similar Description - STGW80H65FB

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
TCS050T ITF-TCS050T Datasheet
106Kb / 1P
Low thermal resistance
logo
Ohmite Mfg. Co.
RES-TEH70 OHMITE-RES-TEH70 Datasheet
331Kb / 2P
Low thermal resistance
logo
STMicroelectronics
STGB30M65DF2 STMICROELECTRONICS-STGB30M65DF2 Datasheet
881Kb / 18P
Low thermal resistance
April 2017 Rev 3
STGB30V60F STMICROELECTRONICS-STGB30V60F Datasheet
1Mb / 19P
Low thermal resistance
April 2014 Rev 4
logo
International Rectifier
IRFI734GPBF IRF-IRFI734GPBF Datasheet
282Kb / 8P
Low Thermal Resistance
logo
List of Unclassifed Man...
PC99 ETC2-PC99 Datasheet
664Kb / 1P
Low thermal resistance
logo
Integrated Technology F...
TCS080T ITF-TCS080T Datasheet
106Kb / 1P
Low thermal resistance
logo
Vishay Siliconix
IRFIBC40GLC VISHAY-IRFIBC40GLC Datasheet
890Kb / 9P
Low thermal resistance
Rev. B, 02-May-16
logo
STMicroelectronics
STTH8S12 STMICROELECTRONICS-STTH8S12 Datasheet
235Kb / 8P
Low thermal resistance
September 2014 Rev 1
STGW80V60DF STMICROELECTRONICS-STGW80V60DF Datasheet
1Mb / 18P
Low thermal resistance
January 2014 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com