Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STT320GKXXBT Datasheet(PDF) 2 Page - Sirectifier Semiconductors

Part # STT320GKXXBT
Description  Thyristor-Thyristor Modules
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECTIFIER [Sirectifier Semiconductors]
Direct Link  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

STT320GKXXBT Datasheet(HTML) 2 Page - Sirectifier Semiconductors

  STT320GKXXBT Datasheet HTML 1Page - Sirectifier Semiconductors STT320GKXXBT Datasheet HTML 2Page - Sirectifier Semiconductors STT320GKXXBT Datasheet HTML 3Page - Sirectifier Semiconductors STT320GKXXBT Datasheet HTML 4Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
STT320GKXXBT
Thyristor-Thyristor Modules
Symbol
Test Conditions
Characteristic Values
Unit
IRRM
TVJ=TVJM; VR=VRRM
50
mA
FEATURES
* International standard package
* Isolation voltage 3600 V~
ADVANTAGES
* Space and weight savings
* Simple mounting
* Improved temperature and power
cycling
* Reduced protection circuits
APPLICATIONS
* Motor control
* Power converter
* Heat and temperature control for
industrial furnaces and chemical
processes
* Lighting control
* Contactless switches
mA
IDRM
50
V
VT, VF IT, IF=960A; TVJ=25oC
1.6
VTO
For power-loss calculations only (TVJ=140oC)
0.8
V
rT
0.82
m
VD=6V;
TVJ=25oC
TVJ=-40oC
VGT
3
4
V
VD=6V;
TVJ=25oC
TVJ=-40oC
IGT
150
200
mA
VGD
TVJ=TVJM;
VD=2/3VDRM
0.25
V
IGD
10
mA
IH
TVJ=25oC; VD=6V; RGK=
150
mA
TVJ=25oC; tp=30us; VD=6V
IG=0.45A; diG/dt=0.45A/us
200
mA
IL
per thyristor/thyristor; DC current
per module
RthJC
0.112
0.056
K/W
per thyristor/thyristor; DC current
per module
RthJK
0.152
0.076
K/W
dS
Creeping distance on surface
12.7
mm
dA
Strike distance through air
9.6
mm
a
Maximum allowable acceleration
50
m/s2
TVJ=25oC; VD=1/2VDRM
IG=1A; diG/dt=1A/us
tgd
2
us
TVJ=TVJM; IT=300A; tp=200us; -di/dt=10A/us
VR=100V; dv/dt=50V/us; VD=2/3VDRM
tq
200
us
uC
QS
TVJ=125oC; IT, IF=400A; -di/dt=50A/us
760
IRM
275
A
; VD=VDRM
TVJ=TVJM
TVJ =130 oC
TVJ=TVJM
Heat transfer through aluminium nitride
ceramic isolated metal baseplate
*
P2
©2008 SIRECTIFIER All rights reserved,
Tel: +86-519-86800000 Fax: +86-519-88019019 E-mail: sales@sirectifier.com
www.sirectifier.com


Similar Part No. - STT320GKXXBT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STT320GK08 ETC-STT320GK08 Datasheet
339Kb / 4P
Thyristor-Thyristor Modules
logo
Sirectifier Semiconduct...
STT320GK08 SIRECTIFIER-STT320GK08 Datasheet
340Kb / 4P
Thyristor-Thyristor Modules
logo
List of Unclassifed Man...
STT320GK12 ETC-STT320GK12 Datasheet
339Kb / 4P
Thyristor-Thyristor Modules
logo
Sirectifier Semiconduct...
STT320GK12 SIRECTIFIER-STT320GK12 Datasheet
340Kb / 4P
Thyristor-Thyristor Modules
logo
List of Unclassifed Man...
STT320GK14 ETC-STT320GK14 Datasheet
339Kb / 4P
Thyristor-Thyristor Modules
More results

Similar Description - STT320GKXXBT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PSKT96 ETC-PSKT96 Datasheet
99Kb / 2P
THYRISTOR MODULES THYRISTOR/THYRISTOR MODULES
logo
AEGIS SEMICONDUTORES LT...
A3L:70TT.XXI AEGIS-A3L:70TT.XXI Datasheet
376Kb / 4P
Thyristor-Thyristor Modules
A3L:130TT.XXH AEGIS-A3L:130TT.XXH Datasheet
344Kb / 4P
Thyristor-Thyristor Modules
A3L:210TT.XXH AEGIS-A3L:210TT.XXH Datasheet
368Kb / 4P
Thyristor-Thyristor Modules
logo
Sirectifier Semiconduct...
STT320 SIRECTIFIER-STT320 Datasheet
340Kb / 4P
Thyristor-Thyristor Modules
STT200 SIRECTIFIER-STT200 Datasheet
329Kb / 4P
Thyristor-Thyristor Modules
STT181 SIRECTIFIER-STT181 Datasheet
492Kb / 4P
Thyristor-Thyristor Modules
STT116 SIRECTIFIER-STT116 Datasheet
586Kb / 4P
Thyristor-Thyristor Modules
logo
America Semiconductor, ...
AMS-IRKT250 AMERICASEMI-AMS-IRKT250 Datasheet
1Mb / 2P
Thyristor-Thyristor Modules
logo
Sirectifier Semiconduct...
STT200GKXXB SIRECTIFIER-STT200GKXXB Datasheet
339Kb / 4P
Thyristor-Thyristor Modules
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com