Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH0344 Datasheet(PDF) 14 Page - Texas Instruments

Part # LMH0344
Description  3-Gbps HD - SD SDI Adaptive Cable Equalizer
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH0344 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LMH0344_17 Datasheet HTML 10Page - Texas Instruments LMH0344_17 Datasheet HTML 11Page - Texas Instruments LMH0344_17 Datasheet HTML 12Page - Texas Instruments LMH0344_17 Datasheet HTML 13Page - Texas Instruments LMH0344_17 Datasheet HTML 14Page - Texas Instruments LMH0344_17 Datasheet HTML 15Page - Texas Instruments LMH0344_17 Datasheet HTML 16Page - Texas Instruments LMH0344_17 Datasheet HTML 17Page - Texas Instruments LMH0344_17 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
LMH0344
SNLS233O – APRIL 2007 – REVISED JULY 2015
www.ti.com
10 Layout
10.1 Layout Guidelines
For information on layout and soldering of the WQFN package, please refer to the following application note: AN-
1187 Leadless Leadframe Package (LLP) (SNOA401).
The ST 424, 292, and 259 standards have stringent requirements for the input return loss of receivers, which
essentially specify how closely the input must resemble a 75-
Ω network. Any non-idealities in the network
between the BNC and the equalizer will degrade the input return loss. Take care to minimize impedance
discontinuities between the BNC and the equalizer to ensure that the characteristic impedance of this trace is 75
Ω.
Please consider the following PCB recommendations:
Use surface-mount components, and use the smallest components available. In addition, use the smallest
size component pads.
Select trace widths that minimize the impedance mismatch between the BNC and the equalizer.
Select a board stack up that supports both 75-
Ω single-ended traces and 100-Ω loosely-coupled differential
traces.
Place return loss components closest to the equalizer input pins.
Maintain symmetry on the complementary signals.
Route 100-
Ω traces uniformly (keep trace widths and trace spacing uniform along the trace).
Avoid sharp bends in the signal path; use 45° or radial bends.
Place bypass capacitors close to each power pin, and use the shortest path to connect equalizer power and
ground pins to the respective power or ground planes.
14
Submit Documentation Feedback
Copyright © 2007–2015, Texas Instruments Incorporated
Product Folder Links: LMH0344


Similar Part No. - LMH0344_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH0344 TI1-LMH0344_14 Datasheet
1Mb / 16P
3 Gbps HD/SD SDI Adaptive Cable Equalizer
More results

Similar Description - LMH0344_17

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH0344 NSC-LMH0344_08 Datasheet
384Kb / 8P
3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0344_0808 NSC-LMH0344_0808 Datasheet
387Kb / 8P
3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0384 NSC-LMH0384 Datasheet
402Kb / 16P
3 Gbps HD/SD SDI Extended Reach and Configurable Adaptive Cable Equalizer
LMH0344 NSC-LMH0344_09 Datasheet
428Kb / 8P
3 Gbps HD/SD SDI Adaptive Cable Equalizer
logo
Texas Instruments
LMH0314 TI1-LMH0314 Datasheet
141Kb / 5P
3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0387 TI1-LMH0387 Datasheet
625Kb / 20P
3 Gbps HD/SD SDI Configurable I/O Adaptive Cable Equalizer / Cable Driver
LMH0344 TI-LMH0344 Datasheet
1Mb / 15P
3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0344SQE TI-LMH0344SQE Datasheet
1Mb / 15P
3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0344 TI1-LMH0344_14 Datasheet
1Mb / 16P
3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0387 TI1-LMH0387_16 Datasheet
3Mb / 29P
3 Gbps HD/SD SDI Configurable I/O Adaptive Cable Equalizer / Cable Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com