Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH0344 Datasheet(PDF) 11 Page - Texas Instruments

Part # LMH0344
Description  3-Gbps HD - SD SDI Adaptive Cable Equalizer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH0344 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMH0344_17 Datasheet HTML 7Page - Texas Instruments LMH0344_17 Datasheet HTML 8Page - Texas Instruments LMH0344_17 Datasheet HTML 9Page - Texas Instruments LMH0344_17 Datasheet HTML 10Page - Texas Instruments LMH0344_17 Datasheet HTML 11Page - Texas Instruments LMH0344_17 Datasheet HTML 12Page - Texas Instruments LMH0344_17 Datasheet HTML 13Page - Texas Instruments LMH0344_17 Datasheet HTML 14Page - Texas Instruments LMH0344_17 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
Coaxial Cable
75:
37.4:
75:
3.9 nH
1.0 PF
1.0 PF
LMH0344 3G SDI
Adaptive Cable
Equalizer
SDI
SDO
SDI
SDO
CD
MUTEREF
MUTE
BYPASS
RXIN0
TXOUT
RXIN0
LMH0341 3G SDI
Deserializer
To FPGA
RX[4:0]
RXCLK
MUTEREF
MUTE
BYPASS
1.0 PF
CD
Reclocked
Loopthrough
5-bit LVDS
+ clk
TXOUT
LMH0344
www.ti.com
SNLS233O – APRIL 2007 – REVISED JULY 2015
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The LMH0344 is a single channel 3 Gbps HD – SD SDI Adaptive Cable Equalizer designed to equalize data
transmitted over cable or any media with similar dispersive loss characteristics. The equalizer operates over a
wide range of data rates from 125 Mbps to 2.97 Gbps and supports ST 424, ST 292, ST 344, and ST 259.
Additional features include separate carrier detect and output mute pins which may be tied together to mute the
output when no signal is present. A programmable mute reference is provided to mute the output at a selectable
level of signal degradation. The bypass pin allows the adaptive equalizer to be bypassed.
The LMH0344 accepts either a differential or single-ended input. The input must be AC-coupled. The LMH0344
correctly handles equalizer pathological signals for standard definition and high definition serial digital video, as
described in RP 178 and RP 198, respectively.
8.2 Typical Application
Figure 3. Typical 2.97-Gbps SDI De-Serializer Application
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMH0344


Similar Part No. - LMH0344_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH0344 TI1-LMH0344_14 Datasheet
1Mb / 16P
3 Gbps HD/SD SDI Adaptive Cable Equalizer
More results

Similar Description - LMH0344_17

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH0344 NSC-LMH0344_08 Datasheet
384Kb / 8P
3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0344_0808 NSC-LMH0344_0808 Datasheet
387Kb / 8P
3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0384 NSC-LMH0384 Datasheet
402Kb / 16P
3 Gbps HD/SD SDI Extended Reach and Configurable Adaptive Cable Equalizer
LMH0344 NSC-LMH0344_09 Datasheet
428Kb / 8P
3 Gbps HD/SD SDI Adaptive Cable Equalizer
logo
Texas Instruments
LMH0314 TI1-LMH0314 Datasheet
141Kb / 5P
3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0387 TI1-LMH0387 Datasheet
625Kb / 20P
3 Gbps HD/SD SDI Configurable I/O Adaptive Cable Equalizer / Cable Driver
LMH0344 TI-LMH0344 Datasheet
1Mb / 15P
3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0344SQE TI-LMH0344SQE Datasheet
1Mb / 15P
3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0344 TI1-LMH0344_14 Datasheet
1Mb / 16P
3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0387 TI1-LMH0387_16 Datasheet
3Mb / 29P
3 Gbps HD/SD SDI Configurable I/O Adaptive Cable Equalizer / Cable Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com