Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH0344 Datasheet(PDF) 4 Page - Texas Instruments

Part # LMH0344
Description  3-Gbps HD - SD SDI Adaptive Cable Equalizer
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH0344 Datasheet(HTML) 4 Page - Texas Instruments

  LMH0344_17 Datasheet HTML 1Page - Texas Instruments LMH0344_17 Datasheet HTML 2Page - Texas Instruments LMH0344_17 Datasheet HTML 3Page - Texas Instruments LMH0344_17 Datasheet HTML 4Page - Texas Instruments LMH0344_17 Datasheet HTML 5Page - Texas Instruments LMH0344_17 Datasheet HTML 6Page - Texas Instruments LMH0344_17 Datasheet HTML 7Page - Texas Instruments LMH0344_17 Datasheet HTML 8Page - Texas Instruments LMH0344_17 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
VEE
BYPASS
CD
MUTE
E1
D1
C1
B1
A1
VCC
VEE
SDI
NC
E2
D2
C2
B2
A2
VCC
NC
VEE
AEC+
E3
D3
C3
B3
A3
NC
AEC-
VCC
E4
D4
C4
B4
A4
NC
VCC
VEE
NC
MUTEREF
E5
D5
C5
B5
A5
NC
NC
SDO
SDO
A
B
C
D
E
1
2
3
4
5
SDI
LMH0344
SNLS233O – APRIL 2007 – REVISED JULY 2015
www.ti.com
NYA Package
25-Ball CS-BGA
Top View
Pin Functions – NYA Package
PIN
I/O
DESCRIPTION
NAME
CS-BGA BALL
AEC+
E2
I/O, Analog
AEC loop filter external capacitor (1-µF) positive connection.
AEC-
E3
I/O, Analog
AEC loop filter external capacitor (1-µF) negative connection.
Bypasses equalization and DC restoration when high. No equalization occurs in this
BYPASS
D3
I, LVCMOS
mode. This pin does not have an internal pulldown. If the bypass function is not used,
this pin requires an external pulldown resistor to disable bypass.
Carrier detect. CD is high when no signal is present. CD has no function in BYPASS
CD
A2
O, LVCMOS
mode.
Output mute. To disable the mute function and enable the output, MUTE must be tied
to GND or a low level signal. To force the outputs to a muted state, tie to VCC. CD may
MUTE
B3
I, LVCMOS
be tied to this pin to inhibit the output when no input signal is present. MUTE has no
function in BYPASS mode.
Mute reference. Sets the threshold for CD and (with CD tied to MUTE) determines the
MUTEREF
E4
I, Analog
maximum cable to be equalized before muting. MUTEREF may be either unconnected
or connected to ground for maximum equalization.
A5
B5
C2
NC
C3
No connect.
C4
D4
E1
SDI
C1
I, Analog
Serial data true input.
SDI
D1
I,Analog
Serial data complement input.
SDO
C5
O, Analog
Serial data true output.
SDO
D5
O, Analog
Serial data complement output.
4
Submit Documentation Feedback
Copyright © 2007–2015, Texas Instruments Incorporated
Product Folder Links: LMH0344


Similar Part No. - LMH0344_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH0344 TI1-LMH0344_14 Datasheet
1Mb / 16P
[Old version datasheet]   3 Gbps HD/SD SDI Adaptive Cable Equalizer
More results

Similar Description - LMH0344_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH0344SQE TI-LMH0344SQE Datasheet
1Mb / 15P
[Old version datasheet]   3 Gbps HD/SD SDI Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0344_0808 NSC-LMH0344_0808 Datasheet
387Kb / 8P
   3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0344 NSC-LMH0344_09 Datasheet
428Kb / 8P
   3 Gbps HD/SD SDI Adaptive Cable Equalizer
logo
Texas Instruments
LMH0344 TI-LMH0344 Datasheet
1Mb / 15P
[Old version datasheet]   3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0344 TI1-LMH0344_14 Datasheet
1Mb / 16P
[Old version datasheet]   3 Gbps HD/SD SDI Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0344 NSC-LMH0344_08 Datasheet
384Kb / 8P
   3 Gbps HD/SD SDI Adaptive Cable Equalizer
logo
Texas Instruments
LMH0314 TI1-LMH0314 Datasheet
141Kb / 5P
[Old version datasheet]   3 Gbps HD/SD SDI Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0384 NSC-LMH0384 Datasheet
402Kb / 16P
   3 Gbps HD/SD SDI Extended Reach and Configurable Adaptive Cable Equalizer
logo
Texas Instruments
LMH0387 TI1-LMH0387 Datasheet
625Kb / 20P
[Old version datasheet]   3 Gbps HD/SD SDI Configurable I/O Adaptive Cable Equalizer / Cable Driver
LMH0387 TI1-LMH0387_16 Datasheet
3Mb / 29P
[Old version datasheet]   3 Gbps HD/SD SDI Configurable I/O Adaptive Cable Equalizer / Cable Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com