Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH0344 Datasheet(PDF) 17 Page - Texas Instruments

Part # LMH0344
Description  3-Gbps HD - SD SDI Adaptive Cable Equalizer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH0344 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LMH0344_17 Datasheet HTML 13Page - Texas Instruments LMH0344_17 Datasheet HTML 14Page - Texas Instruments LMH0344_17 Datasheet HTML 15Page - Texas Instruments LMH0344_17 Datasheet HTML 16Page - Texas Instruments LMH0344_17 Datasheet HTML 17Page - Texas Instruments LMH0344_17 Datasheet HTML 18Page - Texas Instruments LMH0344_17 Datasheet HTML 19Page - Texas Instruments LMH0344_17 Datasheet HTML 20Page - Texas Instruments LMH0344_17 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
15-Apr-2017
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
HPA02292SQ/NOPB
ACTIVE
WQFN
RUM
16
1000
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 85
L0344
LMH0344GR/NOPB
ACTIVE
csBGA
NYA
25
1000
Green (RoHS
& no Sb/Br)
CU SNAGCU
Level-1-260C-UNLIM
-40 to 85
344G
LMH0344GRE/NOPB
ACTIVE
csBGA
NYA
25
250
Green (RoHS
& no Sb/Br)
CU SNAGCU
Level-1-260C-UNLIM
-40 to 85
344G
LMH0344SQ/NOPB
ACTIVE
WQFN
RUM
16
1000
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 85
L0344
LMH0344SQE/NOPB
ACTIVE
WQFN
RUM
16
250
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 85
L0344
LMH0344SQX/NOPB
ACTIVE
WQFN
RUM
16
4500
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 85
L0344
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
(5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation
of the previous line and the two combined represent the entire Device Marking for that device.


Similar Part No. - LMH0344_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH0344 TI1-LMH0344_14 Datasheet
1Mb / 16P
3 Gbps HD/SD SDI Adaptive Cable Equalizer
More results

Similar Description - LMH0344_17

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH0344 NSC-LMH0344_08 Datasheet
384Kb / 8P
3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0344_0808 NSC-LMH0344_0808 Datasheet
387Kb / 8P
3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0384 NSC-LMH0384 Datasheet
402Kb / 16P
3 Gbps HD/SD SDI Extended Reach and Configurable Adaptive Cable Equalizer
LMH0344 NSC-LMH0344_09 Datasheet
428Kb / 8P
3 Gbps HD/SD SDI Adaptive Cable Equalizer
logo
Texas Instruments
LMH0314 TI1-LMH0314 Datasheet
141Kb / 5P
3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0387 TI1-LMH0387 Datasheet
625Kb / 20P
3 Gbps HD/SD SDI Configurable I/O Adaptive Cable Equalizer / Cable Driver
LMH0344 TI-LMH0344 Datasheet
1Mb / 15P
3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0344SQE TI-LMH0344SQE Datasheet
1Mb / 15P
3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0344 TI1-LMH0344_14 Datasheet
1Mb / 16P
3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0387 TI1-LMH0387_16 Datasheet
3Mb / 29P
3 Gbps HD/SD SDI Configurable I/O Adaptive Cable Equalizer / Cable Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com