Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA3221AIRGVT Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # INA3221AIRGVT
Description  Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor with I2C- and SMBUS-Compatible Interface
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA3221AIRGVT Datasheet(HTML) 13 Page - Texas Instruments

Back Button INA3221AIRGVT Datasheet HTML 9Page - Texas Instruments INA3221AIRGVT Datasheet HTML 10Page - Texas Instruments INA3221AIRGVT Datasheet HTML 11Page - Texas Instruments INA3221AIRGVT Datasheet HTML 12Page - Texas Instruments INA3221AIRGVT Datasheet HTML 13Page - Texas Instruments INA3221AIRGVT Datasheet HTML 14Page - Texas Instruments INA3221AIRGVT Datasheet HTML 15Page - Texas Instruments INA3221AIRGVT Datasheet HTML 16Page - Texas Instruments INA3221AIRGVT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
Power
Valid
Output
High
Low
All enabled channel bus voltages are
above the power-valid upper limit.
All enabled channel bus voltages are
not above the power-valid upper limit.
At least one bus voltage channel has
dropped below the power-valid lower limit.
All enabled channel bus voltages are
above the power-valid upper limit.
13
INA3221
www.ti.com
SBOS576B – MAY 2012 – REVISED MARCH 2016
Product Folder Links: INA3221
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
Feature Description (continued)
8.3.2.3 Power-Valid Alert
The power-valid alert verifies if all power rails are above the required levels. This feature manages power
sequencing, and validates the reported measurements based on system configuration. Power-valid mode starts
at power-up, and detects when each channel exceeds a 10-V threshold. This 10-V level is the default value
programmed into the Power-Valid Upper-Limit register. This value can be reprogrammed when the INA3221 is
powered up to a valid supply-voltage level of at least 2.7 V. When all three bus-voltage measurements reach the
programmed value loaded to the Power-Valid Upper-Limit register, the power-valid (PV) alert pin pulls high. PV
powers up in a low state, and does not pull high until the power-valid conditions are met, indicating all bus-
voltage rails are above the power-valid upper-limit value. This sequence is shown in Figure 19.
Figure 19. Power-Valid State Diagram
When the power-valid conditions are met, and the PV pin pulls high, the INA3221 monitors if any bus-voltage
measurements drop below 9 V. This 9-V level is the default value programmed into the Power-Valid Lower-Limit
register. This value can also be reprogrammed when the INA3221 powers up to a supply voltage of at least 2.7
V. If any bus-voltage measurement on the three channels drops below the Power-Valid Lower-Limit register
value, the PV pin goes low, indicating that the power-valid condition is no longer met. At this point, the INA3221
resumes monitoring the power rails for a power-valid condition set in the Power-Valid Upper-Limit register.
The power-valid alert function is based on the power-valid conditions requirement that all three channels reach
the intended Power-Valid Upper-Limit register value. If all three channels are not used, connect the unused-
channel IN– pin externally to one of the used channels in order to use the power-valid alert function. If the
unused channel is not connected to a valid rail, the power-valid alert function cannot detect if all three channels
reach the power-valid level. Float the unused channel IN+ pin.
The power-valid function also requires that bus-voltage measurements are monitored. To detect changes in the
power-valid state, enable bus-voltage measurements through one of the corresponding MODE-bit settings in the
Configuration register. The single-shot bus-voltage mode periodically cycles between the bus-voltage
measurements to make sure that the power-valid conditions are met.
When all three bus-voltage measurements are completed, the device compares the results to the power-valid
threshold values to determine the power-valid state. The bus-voltage measurement values remain in the
corresponding channel output registers until the bus-voltage measurements are taken again, thus updating the
output registers. When the output registers are updated, the values are again compared to the power-valid
thresholds. Without taking periodic bus-voltage measurements, the INA3221 is unable to determine if the power-
valid conditions are maintained.


Similar Part No. - INA3221AIRGVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA3221AIRGVT TI1-INA3221AIRGVT Datasheet
552Kb / 36P
[Old version datasheet]   Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor
More results

Similar Description - INA3221AIRGVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA3221 TI-INA3221_15 Datasheet
1,015Kb / 40P
[Old version datasheet]   Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor with I2C??Interface
INA3221 TI1-INA3221 Datasheet
552Kb / 36P
[Old version datasheet]   Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor
INA233 TI1-INA233 Datasheet
681Kb / 48P
[Old version datasheet]   High-Side or Low-Side Measurement, Bidirectional Current and Power Monitor With I2C-, SMBus-, and PMBus-Compatible Interface
logo
Burr-Brown (TI)
INA200 BURR-BROWN-INA200 Datasheet
285Kb / 19P
   High-Side Measurement Current-Shunt Monitor with Comparator and Reference
INA200 BURR-BROWN-INA200_07 Datasheet
345Kb / 22P
   High-Side Measurement Current-Shunt Monitor with Comparator and Reference
logo
ON Semiconductor
NCP45491 ONSEMI-NCP45491 Datasheet
153Kb / 10P
   26V, 4-Channel Voltage Bus and 4-Channel High-Side Current Shunt Monitor
August, 2018 ??Rev. 2
NCP45492 ONSEMI-NCP45492 Datasheet
221Kb / 12P
   26V, 4-Channel Voltage Bus and 4-Channel High-Side Current Shunt Monitor
June, 2020 ??Rev. 1
logo
Texas Instruments
INA139 TI-INA139 Datasheet
200Kb / 11P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
INA139-Q1 TI-INA139-Q1_15 Datasheet
1Mb / 16P
[Old version datasheet]   HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA139NA TI-INA139NA Datasheet
408Kb / 15P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com