Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA3221AIRGVT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # INA3221AIRGVT
Description  Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor with I2C- and SMBUS-Compatible Interface
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA3221AIRGVT Datasheet(HTML) 1 Page - Texas Instruments

  INA3221AIRGVT Datasheet HTML 1Page - Texas Instruments INA3221AIRGVT Datasheet HTML 2Page - Texas Instruments INA3221AIRGVT Datasheet HTML 3Page - Texas Instruments INA3221AIRGVT Datasheet HTML 4Page - Texas Instruments INA3221AIRGVT Datasheet HTML 5Page - Texas Instruments INA3221AIRGVT Datasheet HTML 6Page - Texas Instruments INA3221AIRGVT Datasheet HTML 7Page - Texas Instruments INA3221AIRGVT Datasheet HTML 8Page - Texas Instruments INA3221AIRGVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
Power Supply
(0 V to 26 V)
Load 1
Load 2
Power Supply
(0 V to 26 V)
Load 3
Power Supply
(0 V to 26 V)
CBYPASS
0.1 µF
VS (Supply
Voltage)
CH 1
CH 2
VIN±1
VIN+1
VIN±2
VIN+2
CH 3
VIN±3
VIN+3
I
2C-
and
SMBus-
Compatible
Interface
SDA
SCL
A0
Critical
Warning
GND
ADC
Shunt
Voltages 1-3
Critical Limit
Alerts 1-3
Bus
Voltages 1-3
Power Valid (PV)
Timing Control (TC)
Shunt Voltage
Sum Alerts
VS
VPU
10 k
VPU
10 k
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
INA3221
SBOS576B – MAY 2012 – REVISED MARCH 2016
INA3221 Triple-Channel, High-Side Measurement,
Shunt and Bus Voltage Monitor with I2C- and SMBUS-Compatible Interface
1
1 Features
1
Senses Bus Voltages From 0 V to 26 V
Reports Shunt and Bus Voltage
High Accuracy:
Offset Voltage: ±80 µV (max)
Gain Error: 0.25% (max)
Configurable Averaging Options
Four Programmable Addresses
Programmable Alert and Warning Outputs
Power-Supply Operation: 2.7 V to 5.5 V
2 Applications
Computers
Power Management
Telecom Equipment
Battery Chargers
Power Supplies
Test Equipment
3 Description
The INA3221 is a three-channel, high-side current
and bus voltage monitor with an I2C- and SMBUS-
compatible interface. The INA3221 monitors both
shunt voltage drops and bus supply voltages, in
addition to having programmable conversion times
and averaging modes for these signals. The INA3221
offers both critical and warning alerts to detect
multiple programmable out-of-range conditions for
each channel.
The INA3221 senses current on buses that can vary
from 0 V to 26 V. The device is powered from a
single 2.7-V to 5.5-V supply, and draws 350
μA (typ)
of supply current. The INA3221 is specified over the
operating temperature range of –40°C to +125°C.
The I2C- and SMBUS-compatible interface features
four programmable addresses.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
INA3221
VQFN (16)
4.00 mm x 4.00 mm
(1) For all available packages, see the package option addendum
at the end of the datasheet.
Typical Application


Similar Part No. - INA3221AIRGVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA3221AIRGVT TI1-INA3221AIRGVT Datasheet
552Kb / 36P
Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor
More results

Similar Description - INA3221AIRGVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA3221 TI-INA3221_15 Datasheet
1,015Kb / 40P
Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor with I2C??Interface
INA3221 TI1-INA3221 Datasheet
552Kb / 36P
Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor
INA233 TI1-INA233 Datasheet
681Kb / 48P
High-Side or Low-Side Measurement, Bidirectional Current and Power Monitor With I2C-, SMBus-, and PMBus-Compatible Interface
logo
Burr-Brown (TI)
INA200 BURR-BROWN-INA200 Datasheet
285Kb / 19P
High-Side Measurement Current-Shunt Monitor with Comparator and Reference
INA200 BURR-BROWN-INA200_07 Datasheet
345Kb / 22P
High-Side Measurement Current-Shunt Monitor with Comparator and Reference
logo
ON Semiconductor
NCP45491 ONSEMI-NCP45491 Datasheet
153Kb / 10P
26V, 4-Channel Voltage Bus and 4-Channel High-Side Current Shunt Monitor
August, 2018 ??Rev. 2
NCP45492 ONSEMI-NCP45492 Datasheet
221Kb / 12P
26V, 4-Channel Voltage Bus and 4-Channel High-Side Current Shunt Monitor
June, 2020 ??Rev. 1
logo
Texas Instruments
INA139 TI-INA139 Datasheet
200Kb / 11P
High-Side Measurement CURRENT SHUNT MONITOR
INA139-Q1 TI-INA139-Q1_15 Datasheet
1Mb / 16P
HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA139NA TI-INA139NA Datasheet
408Kb / 15P
High-Side Measurement CURRENT SHUNT MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com