Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA3221AIRGVT Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # INA3221AIRGVT
Description  Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor with I2C- and SMBUS-Compatible Interface
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA3221AIRGVT Datasheet(HTML) 34 Page - Texas Instruments

Back Button INA3221AIRGVT Datasheet HTML 30Page - Texas Instruments INA3221AIRGVT Datasheet HTML 31Page - Texas Instruments INA3221AIRGVT Datasheet HTML 32Page - Texas Instruments INA3221AIRGVT Datasheet HTML 33Page - Texas Instruments INA3221AIRGVT Datasheet HTML 34Page - Texas Instruments INA3221AIRGVT Datasheet HTML 35Page - Texas Instruments INA3221AIRGVT Datasheet HTML 36Page - Texas Instruments INA3221AIRGVT Datasheet HTML 37Page - Texas Instruments INA3221AIRGVT Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 46 page
background image
34
INA3221
SBOS576B – MAY 2012 – REVISED MARCH 2016
www.ti.com
Product Folder Links: INA3221
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
8.6.2.17 Power-Valid Upper-Limit Register (address = 10h) [reset = 2710h]
This register contains the value used to determine if the power-valid conditions are met. The power-valid
condition is reached when all bus-voltage channels exceed the value set in this limit register. When the power-
valid condition is met, the PV alert pin asserts high to indicate that the INA3221 has confirmed all bus voltage
channels are above the power-valid upper-limit value. In order for the power-valid conditions to be monitored, the
bus measurements must be enabled through one of the corresponding MODE bits set in the Configuration
register. The power-valid upper-limit LSB value is 8 mV. Power-on reset value is 2710h = 10.000 V.
Figure 48. Power-Valid Upper-Limit Register
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
SIGN
PVU11 PVU10
PVU9
PVU8
PVU7
PVU6
PVU5
PVU4
PVU3
PVU2
PVU1
PVU0
RW-0
RW-0
RW-1
RW-0
RW-0
RW-1
RW-1
RW-1
RW-0
RW-0
RW-0
RW-1
RW-0
RW-0
RW-0
RW-0
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 21. Power-Valid Upper-Limit Register Field Descriptions
Bit
Field
Type
Reset
Description
15
SIGN
R/W
0h
Sign bit.
0 = positive number
1 = negative number in twos complement format
14-3
PVU11-0
R/W
4E2h
Power-valid upper-limit data bits
2-0
Reserved
R/W
0h
Reserved
8.6.2.18 Power-Valid Lower-Limit Register (address = 11h) [reset = 2328h]
This register contains the value used to determine if any of the bus-voltage channels drops below the power-valid
lower-limit when the power-valid conditions are met. This limit contains the value used to compare all bus-
channel readings to make sure that all channels remain above the power-valid lower-limit, thus maintaining the
power-valid condition. If any bus-voltage channel drops below the power-valid lower-limit, the PV alert pin pulls
low to indicate that the INA3221 detects a bus voltage reading below the power-valid lower-limit. In order for the
power-valid condition to be monitored, the bus measurements must be enabled through the mode (MODE3-1)
bits set in the Configuration register. The power-valid lower-limit LSB value is 8 mV. Power-on reset value is
2328h = 9.000 V.
Figure 49. Power-Valid Lower-Limit Register
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
SIGN
PVL11
PVL10
PVL9
PVL8
PVL7
PVL6
PVL5
PVL4
PVL3
PVL2
PVL1
PVL0
RW-0
RW-0
RW-1
RW-0
RW-0
RW-0
RW-1
RW-1
RW-0
RW-0
RW-1
RW-0
RW-1
RW-0
RW-0
RW-0
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 22. Power-Valid Lower-Limit Register Field Descriptions
Bit
Field
Type
Reset
Description
15
SIGN
R/W
0h
Sign bit.
0 = positive number
1 = negative number in twos complement format
14-3
PVL11-0
R/W
465h
Power-valid lower-limit data bits
2-0
Reserved
R/W
0h
Reserved


Similar Part No. - INA3221AIRGVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA3221AIRGVT TI1-INA3221AIRGVT Datasheet
552Kb / 36P
[Old version datasheet]   Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor
More results

Similar Description - INA3221AIRGVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA3221 TI-INA3221_15 Datasheet
1,015Kb / 40P
[Old version datasheet]   Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor with I2C??Interface
INA3221 TI1-INA3221 Datasheet
552Kb / 36P
[Old version datasheet]   Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor
INA233 TI1-INA233 Datasheet
681Kb / 48P
[Old version datasheet]   High-Side or Low-Side Measurement, Bidirectional Current and Power Monitor With I2C-, SMBus-, and PMBus-Compatible Interface
logo
Burr-Brown (TI)
INA200 BURR-BROWN-INA200 Datasheet
285Kb / 19P
   High-Side Measurement Current-Shunt Monitor with Comparator and Reference
INA200 BURR-BROWN-INA200_07 Datasheet
345Kb / 22P
   High-Side Measurement Current-Shunt Monitor with Comparator and Reference
logo
ON Semiconductor
NCP45491 ONSEMI-NCP45491 Datasheet
153Kb / 10P
   26V, 4-Channel Voltage Bus and 4-Channel High-Side Current Shunt Monitor
August, 2018 ??Rev. 2
NCP45492 ONSEMI-NCP45492 Datasheet
221Kb / 12P
   26V, 4-Channel Voltage Bus and 4-Channel High-Side Current Shunt Monitor
June, 2020 ??Rev. 1
logo
Texas Instruments
INA139 TI-INA139 Datasheet
200Kb / 11P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
INA139-Q1 TI-INA139-Q1_15 Datasheet
1Mb / 16P
[Old version datasheet]   HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA139NA TI-INA139NA Datasheet
408Kb / 15P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com