Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA3221AIRGVT Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # INA3221AIRGVT
Description  Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor with I2C- and SMBUS-Compatible Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA3221AIRGVT Datasheet(HTML) 33 Page - Texas Instruments

Back Button INA3221AIRGVT Datasheet HTML 29Page - Texas Instruments INA3221AIRGVT Datasheet HTML 30Page - Texas Instruments INA3221AIRGVT Datasheet HTML 31Page - Texas Instruments INA3221AIRGVT Datasheet HTML 32Page - Texas Instruments INA3221AIRGVT Datasheet HTML 33Page - Texas Instruments INA3221AIRGVT Datasheet HTML 34Page - Texas Instruments INA3221AIRGVT Datasheet HTML 35Page - Texas Instruments INA3221AIRGVT Datasheet HTML 36Page - Texas Instruments INA3221AIRGVT Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 46 page
background image
33
INA3221
www.ti.com
SBOS576B – MAY 2012 – REVISED MARCH 2016
Product Folder Links: INA3221
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
8.6.2.16 Mask/Enable Register (address = 0Fh) [reset = 0002h]
This register selects which function is enabled to control the Critical alert and Warning alert pins, and how each
warning alert responds to the corresponding channel. Read the Mask/Enable register to clear any flag results
present. Writing to this register does not clear the flag bit status. To make sure that there is no uncertainty in the
warning function setting that resulted in a flag bit being set, the Mask/Enable register should be read from to
clear the flag bit status before changing the warning function setting.
Figure 47. Mask/Enable Register
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
SCC1
SCC2
SCC3
WEN
CEN
CF1
CF2
CF3
SF
WF1
WF2
WF3
PVF
TCF
CVRF
RW-0
RW-0
RW-0
RW-0
RW-0
RW-0
RW-0
RW-0
RW-0
RW-0
RW-0
RW-0
RW-0
RW-0
RW-1
RW-0
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 20. Mask/Enable Register Field Descriptions
Bit
Field
Type
Reset
Description
15
Reserved
R/W
0h
Reserved
14-12
SCC1-3
R/W
0h
Summation channel control. These bits determine which shunt voltage measurement
channels are enabled to fill the Shunt-Voltage Sum register. The selection of these bits
does not impact the individual channel enable or disable status, or the corresponding
channel measurements. The corresponding bit is used to select if the channel is used
to fill the Shunt-Voltage Sum register.
0 = Disabled (default)
1 = Enabled
11
WEN
R/W
0h
Warning alert latch enable. These bits configure the latching feature of the Warning
alert pin.
0 = Transparent (default)
1 = Latch enabled
10
CEN
R/W
0h
Critical alert latch enable. These bits configure the latching feature of the Critical alert
pin.
0 = Transparent (default)
1 = Latch enabled
9-7
CF1-3
R/W
0h
Critical-alert flag indicator. These bits are asserted if the corresponding channel
measurement has exceeded the critical alert limit resulting in the Critical alert pin being
asserted. Read these bits to determine which channel caused the critical alert. The
critical alert flag bits are cleared when the Mask/Enable register is read back.
6
SF
R/W
0h
Summation-alert flag indicator. This bit is asserted if the Shunt Voltage Sum register
exceeds the Shunt Voltage Sum Limit register. If the summation alert flag is asserted,
the Critical alert pin is also asserted. The Summation Alert Flag bit is cleared when the
Mask/Enable register is read back.
5-3
WF1-3
R/W
0h
Warning-alert flag indicator. These bits are asserted if the corresponding channel
averaged measurement has exceeded the warning alert limit, resulting in the Warning
alert pin being asserted. Read these bits to determine which channel caused the
warning alert. The Warning Alert Flag bits clear when the Mask/Enable register is read
back.
2
PVF
R/W
0h
Power-valid-alert flag indicator. This bit can be used to be able to determine if the
power valid (PV) alert pin has been asserted through software rather than hardware.
The bit setting corresponds to the status of the PV pin. This bit does not clear until the
condition that caused the alert is removed, and the PV pin has cleared.
1
TCF
R/W
11h
Timing-control-alert flag indicator. Use this bit to determine if the timing control (TC)
alert pin has been asserted through software rather than hardware. The bit setting
corresponds to the status of the TC pin. This bit does not clear after it has been
asserted unless the power is recycled or a software reset is issued. The default state
for the timing control alert flag is high.
0
CVRF
R/W
0h
Conversion-ready flag. Although the INA3221 can be read at any time, and the data
from the last conversion are available, the conversion ready bit is provided to help
coordinate single-shot conversions. The conversion bit is set after all conversions are
complete. Conversion ready clears under the following conditions:
1.
Writing the Configuration register (except for power-down or disable-mode
selections).
2.
Reading the Mask/Enable register.


Similar Part No. - INA3221AIRGVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA3221AIRGVT TI1-INA3221AIRGVT Datasheet
552Kb / 36P
Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor
INA3221AIRGVT TI2-INA3221AIRGVT Datasheet
1Mb / 50P
INA3221 26V, Triple Channel, 13-Bit, I2C Output Current and Voltage Monitor With Alerts
REVISED SEPTEMBER 2025
More results

Similar Description - INA3221AIRGVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA139 TI-INA139 Datasheet
200Kb / 11P
High-Side Measurement CURRENT SHUNT MONITOR
logo
Burr-Brown (TI)
INA200 BURR-BROWN-INA200 Datasheet
285Kb / 19P
High-Side Measurement Current-Shunt Monitor with Comparator and Reference
INA200 BURR-BROWN-INA200_07 Datasheet
345Kb / 22P
High-Side Measurement Current-Shunt Monitor with Comparator and Reference
logo
Texas Instruments
INA3221 TI1-INA3221 Datasheet
552Kb / 36P
Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor
INA139NA TI-INA139NA Datasheet
408Kb / 15P
High-Side Measurement CURRENT SHUNT MONITOR
INA139-Q1 TI-INA139-Q1_15 Datasheet
1Mb / 16P
HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA3221 TI-INA3221_15 Datasheet
1,015Kb / 40P
Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor with I2C??Interface
INA233 TI1-INA233 Datasheet
681Kb / 48P
High-Side or Low-Side Measurement, Bidirectional Current and Power Monitor With I2C-, SMBus-, and PMBus-Compatible Interface
logo
ON Semiconductor
NCP45491 ONSEMI-NCP45491 Datasheet
153Kb / 10P
26V, 4-Channel Voltage Bus and 4-Channel High-Side Current Shunt Monitor
August, 2018 ??Rev. 2
NCP45492 ONSEMI-NCP45492 Datasheet
221Kb / 12P
26V, 4-Channel Voltage Bus and 4-Channel High-Side Current Shunt Monitor
June, 2020 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com