Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA3221AIRGVT Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # INA3221AIRGVT
Description  Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor with I2C- and SMBUS-Compatible Interface
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA3221AIRGVT Datasheet(HTML) 26 Page - Texas Instruments

Back Button INA3221AIRGVT Datasheet HTML 22Page - Texas Instruments INA3221AIRGVT Datasheet HTML 23Page - Texas Instruments INA3221AIRGVT Datasheet HTML 24Page - Texas Instruments INA3221AIRGVT Datasheet HTML 25Page - Texas Instruments INA3221AIRGVT Datasheet HTML 26Page - Texas Instruments INA3221AIRGVT Datasheet HTML 27Page - Texas Instruments INA3221AIRGVT Datasheet HTML 28Page - Texas Instruments INA3221AIRGVT Datasheet HTML 29Page - Texas Instruments INA3221AIRGVT Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 46 page
background image
26
INA3221
SBOS576B – MAY 2012 – REVISED MARCH 2016
www.ti.com
Product Folder Links: INA3221
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
8.6.2.1 Configuration Register (address = 00h) [reset = 7127h]
The Configuration register settings control the operating modes for the shunt- and bus-voltage measurements for
the three input channels. This register controls the conversion time settings for both the shunt- and bus-voltage
measurements and the averaging mode used. The Configuration register is used to independently enable or
disable each channel, as well as select the operating mode that controls which signals are selected to be
measured.
This register can be read from at any time without impacting or affecting either device settings or conversions in
progress. Writing to this register halts any conversion in progress until the write sequence is completed, resulting
in a new conversion starting, based on the new Configuration register contents. This architecture prevents any
uncertainty in the conditions used for the next completed conversion.
Figure 32. Configuration Register
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RST
CH1en CH2en CH3en AVG2
AVG1
AVG0
VBUS
CT2
VBUS
CT1
VBUS
CT0
VSH
CT2
VSH
CT1
VSH
CT0
MODE
3
MODE
2
MODE
1
RW-0
RW-1
RW-1
RW-1
RW-0
RW-0
RW-0
RW-1
RW-0
RW-0
RW-1
RW-0
RW-0
RW-1
RW-1
RW-1
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 5. Configuration Register Field Descriptions
Bit
Field
Type
Reset
Description
15
RST
R/W
0h
Reset bit. Set this bit = 1 to generate a system reset that is the
same as a power-on reset (POR). This bit resets all registers to
default values and self-clears.
14
CH1en
R/W
7h
Channel enable mode. These bits allow each channel to be
independently enabled or disabled.
0 = Channel disable
1 = Channel enable (default)
13
CH2en
12
CH3en
11-9
AVG2-0
R/W
0h
Averaging mode. These bits set the number of samples that are
collected and averaged together.
000 = 1 (default)
001 = 4
010 = 16
011 = 64
100 = 128
101 = 256
110 = 512
111 = 1024
8-6
VBUSCT2-0
R/W
4h
Bus-voltage conversion time. These bits set the conversion time
for the bus-voltage measurement.
000 = 140
μs
001 = 204
μs
010 = 332
μs
011 = 588
μs
100 = 1.1 ms (default)
101 = 2.116 ms
110 = 4.156 ms
111 = 8.244 ms
5-3
VSHCT2-0
R/W
4h
Shunt-voltage conversion time. These bits set the conversion
time for the shunt-voltage measurement.
The conversion-time bit settings for VSHCT2-0 are the same as
VBUSCT2-0 (bits 8-6) listed in the previous row.
2-0
MODE3-1
R/W
7h
Operating mode. These bits select continuous, single-shot
(triggered), or power-down mode of operation. These bits default
to continuous shunt and bus mode.
000 = Power-down
001 = Shunt voltage, single-shot (triggered)
010 = Bus voltage, single-shot (triggered)
011 = Shunt and bus, single-shot (triggered)
100 = Power-down
101 = Shunt voltage, continuous
110 = Bus voltage, continuous
111 = Shunt and bus, continuous (default)


Similar Part No. - INA3221AIRGVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA3221AIRGVT TI1-INA3221AIRGVT Datasheet
552Kb / 36P
Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor
More results

Similar Description - INA3221AIRGVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA3221 TI-INA3221_15 Datasheet
1,015Kb / 40P
Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor with I2C??Interface
INA3221 TI1-INA3221 Datasheet
552Kb / 36P
Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor
INA233 TI1-INA233 Datasheet
681Kb / 48P
High-Side or Low-Side Measurement, Bidirectional Current and Power Monitor With I2C-, SMBus-, and PMBus-Compatible Interface
logo
Burr-Brown (TI)
INA200 BURR-BROWN-INA200 Datasheet
285Kb / 19P
High-Side Measurement Current-Shunt Monitor with Comparator and Reference
INA200 BURR-BROWN-INA200_07 Datasheet
345Kb / 22P
High-Side Measurement Current-Shunt Monitor with Comparator and Reference
logo
ON Semiconductor
NCP45491 ONSEMI-NCP45491 Datasheet
153Kb / 10P
26V, 4-Channel Voltage Bus and 4-Channel High-Side Current Shunt Monitor
August, 2018 ??Rev. 2
NCP45492 ONSEMI-NCP45492 Datasheet
221Kb / 12P
26V, 4-Channel Voltage Bus and 4-Channel High-Side Current Shunt Monitor
June, 2020 ??Rev. 1
logo
Texas Instruments
INA139 TI-INA139 Datasheet
200Kb / 11P
High-Side Measurement CURRENT SHUNT MONITOR
INA139-Q1 TI-INA139-Q1_15 Datasheet
1Mb / 16P
HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA139NA TI-INA139NA Datasheet
408Kb / 15P
High-Side Measurement CURRENT SHUNT MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com