Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA3221AIRGVT Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # INA3221AIRGVT
Description  Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor with I2C- and SMBUS-Compatible Interface
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA3221AIRGVT Datasheet(HTML) 21 Page - Texas Instruments

Back Button INA3221AIRGVT Datasheet HTML 17Page - Texas Instruments INA3221AIRGVT Datasheet HTML 18Page - Texas Instruments INA3221AIRGVT Datasheet HTML 19Page - Texas Instruments INA3221AIRGVT Datasheet HTML 20Page - Texas Instruments INA3221AIRGVT Datasheet HTML 21Page - Texas Instruments INA3221AIRGVT Datasheet HTML 22Page - Texas Instruments INA3221AIRGVT Datasheet HTML 23Page - Texas Instruments INA3221AIRGVT Datasheet HTML 24Page - Texas Instruments INA3221AIRGVT Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
1
1
1
9
9
9
1
0
0
0
0
0
A0
R/W
D15 D14 D13 D12 D11 D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Frame 1: Two-Wire Slave Address Byte
(1)
Frame 2: Data MSByte
Frame 3: Data LSByte
Start By
Master
ACK By
Device
ACK By
Device
Stop By
Master
ACK By
Device
SCL
SDA
1
1
9
9
1
0
0
0
0
0
A0
R/W
D7
D6
D5
D4
D3
D2
D1
D0
Frame 1: Two-Wire Slave Address Byte
(1)
Frame 2: Register Pointer Byte
Start By
Master
ACK By
Device
ACK By
Device
Stop By
Master
SCL
SDA
21
INA3221
www.ti.com
SBOS576B – MAY 2012 – REVISED MARCH 2016
Product Folder Links: INA3221
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
8.5.2 Writing To and Reading From the INA3221
To access a specific INA3221 register, write the appropriate value to the register pointer. See Table 3 for a
complete list of registers and corresponding addresses. The value for the register pointer, as shown in Figure 27,
is the first byte transferred after the slave address byte with the R/W bit low. Every write operation to the
INA3221 requires a register pointer value.
(1)
The value of the Slave Address Byte is determined by the A0 pin setting; see Table 1.
Figure 27. Typical Register Pointer Set
Register writes begin with the first byte transmitted by the master. This byte is the slave address, with the R/W
bit low. The INA3221 then acknowledges receipt of a valid address. The next byte transmitted by the master is
the register address that data are written to. This register address value updates the register pointer to the
desired register. The next two bytes are written to the register addressed by the register pointer. The INA3221
acknowledges receipt of each data byte. The master terminates data transfer by generating a start or stop
condition.
When reading from the INA3221, the last value stored in the register pointer by a write operation determines
which register is read during a read operation. To change the register pointer for a read operation, write a new
value to the register pointer. This write is accomplished by issuing a slave address byte with the R/W bit low,
followed by the register pointer byte. No additional data are required. The master then generates a start condition
and sends the slave address byte with the R/W bit high to initiate the read command. The next byte is
transmitted by the slave and is the most significant byte of the register indicated by the register pointer. This byte
is followed by an acknowledge from the master; then the slave transmits the least significant byte. The master
acknowledges receipt of the data byte. The master terminates data transfer by generating a not-acknowledge
after receiving any data byte, or generating a start or stop condition. If repeated reads from the same register are
desired, it is not necessary to continually send the register pointer bytes; the INA3221 retains the register pointer
value until it is changed by the next write operation.
Figure 28 and Figure 29 show the write and read operation timing diagrams, respectively. Note that register
bytes are sent most-significant byte first, followed by the least significant byte.
(1)
The value of the slave address byte is determined by the A0 pin setting; see Table 1.
Figure 28. Timing Diagram for Write Word Format


Similar Part No. - INA3221AIRGVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA3221AIRGVT TI1-INA3221AIRGVT Datasheet
552Kb / 36P
Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor
More results

Similar Description - INA3221AIRGVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA3221 TI-INA3221_15 Datasheet
1,015Kb / 40P
Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor with I2C??Interface
INA3221 TI1-INA3221 Datasheet
552Kb / 36P
Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor
INA233 TI1-INA233 Datasheet
681Kb / 48P
High-Side or Low-Side Measurement, Bidirectional Current and Power Monitor With I2C-, SMBus-, and PMBus-Compatible Interface
logo
Burr-Brown (TI)
INA200 BURR-BROWN-INA200 Datasheet
285Kb / 19P
High-Side Measurement Current-Shunt Monitor with Comparator and Reference
INA200 BURR-BROWN-INA200_07 Datasheet
345Kb / 22P
High-Side Measurement Current-Shunt Monitor with Comparator and Reference
logo
ON Semiconductor
NCP45491 ONSEMI-NCP45491 Datasheet
153Kb / 10P
26V, 4-Channel Voltage Bus and 4-Channel High-Side Current Shunt Monitor
August, 2018 ??Rev. 2
NCP45492 ONSEMI-NCP45492 Datasheet
221Kb / 12P
26V, 4-Channel Voltage Bus and 4-Channel High-Side Current Shunt Monitor
June, 2020 ??Rev. 1
logo
Texas Instruments
INA139 TI-INA139 Datasheet
200Kb / 11P
High-Side Measurement CURRENT SHUNT MONITOR
INA139-Q1 TI-INA139-Q1_15 Datasheet
1Mb / 16P
HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA139NA TI-INA139NA Datasheet
408Kb / 15P
High-Side Measurement CURRENT SHUNT MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com