Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA3221AIRGVT Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # INA3221AIRGVT
Description  Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor with I2C- and SMBUS-Compatible Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA3221AIRGVT Datasheet(HTML) 18 Page - Texas Instruments

Back Button INA3221AIRGVT Datasheet HTML 14Page - Texas Instruments INA3221AIRGVT Datasheet HTML 15Page - Texas Instruments INA3221AIRGVT Datasheet HTML 16Page - Texas Instruments INA3221AIRGVT Datasheet HTML 17Page - Texas Instruments INA3221AIRGVT Datasheet HTML 18Page - Texas Instruments INA3221AIRGVT Datasheet HTML 19Page - Texas Instruments INA3221AIRGVT Datasheet HTML 20Page - Texas Instruments INA3221AIRGVT Datasheet HTML 21Page - Texas Instruments INA3221AIRGVT Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 46 page
background image
í120
í80
í40
0
40
80
120
0
Conversion Time: 140 µs
Conversion Time: 332 µs
Conversion Time: 1.1 ms
200
400
600
800
1000
Number of Conversions
18
INA3221
SBOS576B – MAY 2012 – REVISED MARCH 2016
www.ti.com
Product Folder Links: INA3221
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
Device Functional Modes (continued)
8.4.2.2 Averaging and Conversion-Time Considerations
The INA3221 has programmable conversion times for both the shunt- and bus-voltage measurements. The
selectable conversion times for these measurements range from 140
μs to 8.244 ms. The conversion-time
settings, along with the programmable-averaging mode, enable the INA3221 to optimize available timing
requirements in a given application. For example, if a system requires data to be read every 2 ms with all three
channels monitored, configure the INA3221 with the conversion times for the shunt- and bus-voltage
measurements set to 332
μs.
The INA3221 can also be configured with a different conversion-time setting for the shunt- and bus-voltage
measurements. This approach is common in applications where the bus voltage tends to be relatively stable, and
allows for the time focused on the bus voltage measurement to be reduced relative to the shunt-voltage
measurement. For example, the shunt-voltage conversion time can be set to 4.156 ms with the bus-voltage
conversion time set to 588
μs for a 5-ms update time.
There are trade-offs associated with the conversion-time and averaging-mode settings. The averaging feature
significantly improves the measurement accuracy by effectively filtering the signal. This approach allows the
INA3221 to reduce the amount of noise in the measurement caused by noise coupling into the signal. A greater
number of averages allows the INA3221 to be more effective in reducing the measurement noise component.
The trade-off to this noise reduction is that the averaged value has a longer response time to input-signal
changes. This aspect of the averaging feature is mitigated to some extent with the critical-alert feature that
compares each single conversion to determine if a measured signal (with noise component) has exceeded the
maximum acceptable level.
The selected conversion times also have an impact on measurement accuracy. This effect can seen in
Figure 25. The multiple conversion times shown in Figure 25 illustrate the impact of noise on measurement.
These curves shown do not use averaging. In order to achieve the highest-accuracy measurement possible, use
a combination of the longest allowable conversion times and highest number of averages, based on system
timing requirements.
Figure 25. Noise Versus Conversion Time


Similar Part No. - INA3221AIRGVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA3221AIRGVT TI1-INA3221AIRGVT Datasheet
552Kb / 36P
Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor
INA3221AIRGVT TI2-INA3221AIRGVT Datasheet
1Mb / 50P
INA3221 26V, Triple Channel, 13-Bit, I2C Output Current and Voltage Monitor With Alerts
REVISED SEPTEMBER 2025
More results

Similar Description - INA3221AIRGVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA139 TI-INA139 Datasheet
200Kb / 11P
High-Side Measurement CURRENT SHUNT MONITOR
logo
Burr-Brown (TI)
INA200 BURR-BROWN-INA200 Datasheet
285Kb / 19P
High-Side Measurement Current-Shunt Monitor with Comparator and Reference
INA200 BURR-BROWN-INA200_07 Datasheet
345Kb / 22P
High-Side Measurement Current-Shunt Monitor with Comparator and Reference
logo
Texas Instruments
INA3221 TI1-INA3221 Datasheet
552Kb / 36P
Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor
INA139NA TI-INA139NA Datasheet
408Kb / 15P
High-Side Measurement CURRENT SHUNT MONITOR
INA139-Q1 TI-INA139-Q1_15 Datasheet
1Mb / 16P
HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA3221 TI-INA3221_15 Datasheet
1,015Kb / 40P
Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor with I2C??Interface
INA233 TI1-INA233 Datasheet
681Kb / 48P
High-Side or Low-Side Measurement, Bidirectional Current and Power Monitor With I2C-, SMBus-, and PMBus-Compatible Interface
logo
ON Semiconductor
NCP45491 ONSEMI-NCP45491 Datasheet
153Kb / 10P
26V, 4-Channel Voltage Bus and 4-Channel High-Side Current Shunt Monitor
August, 2018 ??Rev. 2
NCP45492 ONSEMI-NCP45492 Datasheet
221Kb / 12P
26V, 4-Channel Voltage Bus and 4-Channel High-Side Current Shunt Monitor
June, 2020 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com