Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA7826 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SAA7826
Description  CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7826 Datasheet(HTML) 4 Page - NXP Semiconductors

  SAA7826 Datasheet HTML 1Page - NXP Semiconductors SAA7826 Datasheet HTML 2Page - NXP Semiconductors SAA7826 Datasheet HTML 3Page - NXP Semiconductors SAA7826 Datasheet HTML 4Page - NXP Semiconductors SAA7826 Datasheet HTML 5Page - NXP Semiconductors SAA7826 Datasheet HTML 6Page - NXP Semiconductors SAA7826 Datasheet HTML 7Page - NXP Semiconductors SAA7826 Datasheet HTML 8Page - NXP Semiconductors SAA7826 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 89 page
background image
2003 Oct 01
4
Philips Semiconductors
Product specification
CD audio decoder, digital servo and filterless
DAC with integrated pre-amp and laser control
SAA7826
3
ORDERING INFORMATION
4
QUICK REFERENCE DATA
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
SAA7826HL
LQFP80
plastic low profile quad flat package; 80 leads;
body 12
× 12 × 1.4 mm
SOT315-1
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VDDD
digital supply voltage
1.65
1.8
1.95
V
VDDA
analog supply voltage
3.0
3.3
3.6
V
IDDD
digital supply current
n = 1 mode
38
mA
n = 2 mode
39
mA
n = 4 mode
40
mA
fxtal
crystal frequency
8.4672
MHz
Tamb
ambient temperature
−40
+85
°C
Tstg
storage temperature
−55
+125
°C
S/NDAC
onboard DAC signal-to-noise ratio
90
dB


Similar Part No. - SAA7826

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7824 PHILIPS-SAA7824 Datasheet
378Kb / 89P
   CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control (PhonIC)
2003 Oct 01
SAA7824HL PHILIPS-SAA7824HL Datasheet
378Kb / 89P
   CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control (PhonIC)
2003 Oct 01
More results

Similar Description - SAA7826

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7824 PHILIPS-SAA7824 Datasheet
378Kb / 89P
   CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control (PhonIC)
2003 Oct 01
SAA7327 PHILIPS-SAA7327 Datasheet
392Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC for video CD CD7 II
1999 Jun 17
SAA7325 PHILIPS-SAA7325 Datasheet
273Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7326 PHILIPS-SAA7326 Datasheet
391Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7324 PHILIPS-SAA7324 Datasheet
304Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10 II
2000 Jun 26
logo
Sony Corporation
CXD2587Q SONY-CXD2587Q Datasheet
807Kb / 106P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3000R SONY-CXD3000R Datasheet
1Mb / 129P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3011R-1 SONY-CXD3011R-1 Datasheet
1Mb / 160P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2586R SONY-CXD2586R Datasheet
1Mb / 127P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2598Q SONY-CXD2598Q Datasheet
1Mb / 147P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com