Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA7826 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SAA7826
Description  CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7826 Datasheet(HTML) 3 Page - NXP Semiconductors

  SAA7826 Datasheet HTML 1Page - NXP Semiconductors SAA7826 Datasheet HTML 2Page - NXP Semiconductors SAA7826 Datasheet HTML 3Page - NXP Semiconductors SAA7826 Datasheet HTML 4Page - NXP Semiconductors SAA7826 Datasheet HTML 5Page - NXP Semiconductors SAA7826 Datasheet HTML 6Page - NXP Semiconductors SAA7826 Datasheet HTML 7Page - NXP Semiconductors SAA7826 Datasheet HTML 8Page - NXP Semiconductors SAA7826 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 89 page
background image
2003 Oct 01
3
Philips Semiconductors
Product specification
CD audio decoder, digital servo and filterless
DAC with integrated pre-amp and laser control
SAA7826
1
FEATURES
• Decoder and servo parts are based upon the SAA732X
design (the original features are maintained)
• Software compatibility is maintained with the SAA732X
by using a similar register structure (new features are
controlled from new shadow registers)
• 1×, 2× and 4× speed
• LF (servo) signals converted to digital representations
by 6 oversampling bitstream ADCs
• HF part summed from signals D1 to D4 and converted
to a digital signal by a data slicer
• On-chip buffering and filtering of the diode signals from
the mechanism for signal optimization
• Selectable DC offset cancellation of quiescent
mechanism voltages and dark currents
• On-chip laser power control (up to 120 mA)
• Laser on/off control, including ‘soft’ start control (zero to
nominal power in 1 ms)
• Monitor control and feedback circuit to maintain nominal
output power throughout laser life
• Dynamic element matching DAC with minimum external
components
• DAC performance of −80 dB Total Harmonic
Distortion + Noise (THD + N) and 90 dB Signal-to-Noise
Ratio (S/N) A-weighted
• Separate left and right channel digital silence detection
available on the KILL pins
• Digital silence detection on internal data and loopback
(external) data
• 5 versatile pins, 2 inputs and 3 outputs
• Integrated CD text decoder with separate
microcontroller interface
• Dedicated 4 MHz or 12 MHz clock output for
microcontroller (configurable)
• Configured for N-sub monitor diode
• On-chip clock multiplier allows the use of an
8.4672 MHz crystal or ceramic resonator
• The M1 version has an EBU mute function which allows
independent muting of data being transmitted over the
EBU interface whilst maintaining the SPDIF frame
structure.
2
GENERAL DESCRIPTION
This document covers versions M0 and M1 of the CD
audio decoder IC.
The SAA7826 is a CD audio decoder IC which combines
the function of the SAA732X IC with the pre-amplifier and
laser control functions previously found in the TZA102X
IC. The design is intended to reduce the external
component count and hence the Bill Of Material (BOM).
Supply of this Compact Disc IC does not convey an
implied license under any patent right to use this IC in any
Compact Disc application.


Similar Part No. - SAA7826

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7824 PHILIPS-SAA7824 Datasheet
378Kb / 89P
   CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control (PhonIC)
2003 Oct 01
SAA7824HL PHILIPS-SAA7824HL Datasheet
378Kb / 89P
   CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control (PhonIC)
2003 Oct 01
More results

Similar Description - SAA7826

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7824 PHILIPS-SAA7824 Datasheet
378Kb / 89P
   CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control (PhonIC)
2003 Oct 01
SAA7327 PHILIPS-SAA7327 Datasheet
392Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC for video CD CD7 II
1999 Jun 17
SAA7325 PHILIPS-SAA7325 Datasheet
273Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7326 PHILIPS-SAA7326 Datasheet
391Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7324 PHILIPS-SAA7324 Datasheet
304Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10 II
2000 Jun 26
logo
Sony Corporation
CXD2587Q SONY-CXD2587Q Datasheet
807Kb / 106P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3000R SONY-CXD3000R Datasheet
1Mb / 129P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3011R-1 SONY-CXD3011R-1 Datasheet
1Mb / 160P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2586R SONY-CXD2586R Datasheet
1Mb / 127P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2598Q SONY-CXD2598Q Datasheet
1Mb / 147P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com