Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA7826 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # SAA7826
Description  CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7826 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button SAA7826 Datasheet HTML 5Page - NXP Semiconductors SAA7826 Datasheet HTML 6Page - NXP Semiconductors SAA7826 Datasheet HTML 7Page - NXP Semiconductors SAA7826 Datasheet HTML 8Page - NXP Semiconductors SAA7826 Datasheet HTML 9Page - NXP Semiconductors SAA7826 Datasheet HTML 10Page - NXP Semiconductors SAA7826 Datasheet HTML 11Page - NXP Semiconductors SAA7826 Datasheet HTML 12Page - NXP Semiconductors SAA7826 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 89 page
background image
2003 Oct 01
9
Philips Semiconductors
Product specification
CD audio decoder, digital servo and filterless
DAC with integrated pre-amp and laser control
SAA7826
7
FUNCTIONAL DESCRIPTION
7.1
Data acquisition and HF data path
The SAA7826 removes the need for an external diode signal pre-amplifier.
A simplified diagram of the HF data path is illustrated in Fig.3. The high-pass filter, equalizing filter, HF gain and adaptive
slicer are all register programmable, thus enabling the SAA7826 to be optimized for the intended application.
handbook, full pagewidth
MBL438
op-amp
comp
67.7 MHz
THRESHOLD
CONTROL
sliced
data
adaptive slicer
op-amp
op-amp
bypass
Vana
summing amplifier
equalising
filter
high-pass filter
Vref
d4_hf
d1_hf
hf_gain 5:0
d2_hf
d3_hf
Fig.3 Simplified block diagram of the HF data path and adaptive slicer.
7.2
Decoder part
7.2.1
PRINCIPLE OPERATING MODES OF THE DECODER
The decoding part supports a full audio specification and
can operate at single-speed (n = 1), double-speed (n = 2)
and quad-speed (n = 4). The factor ‘n’ is called the
overspeed factor. A simplified data flow through the
decoder part is illustrated in Fig.7 for the M0 version and
Fig.8 for the M1 version.
7.2.2
DECODER SPEED AND CRYSTAL FREQUENCY
The SAA7826 is a 1
×, 2× and 4× (three-speed) decoding
device, with an internal Phase-Locked Loop (PLL) clock
multiplier. Table 1 gives the playback speeds that are
achievable in conjunction with crystal frequency, the
mechanism and internal clock settings (selectable via
decoder register B).
7.2.3
LOCK-TO-DISC MODE
For electronic shock absorption applications, the SAA7826
can be put into lock-to-disc mode. This allows Constant
Angular Velocity (CAV) disc playback with varying input
data rates from the inside to the outside of the disc.
In the lock-to-disc mode, the FIFO is blocked and the
decoder will adjust its output data rate to the disc speed.
Hence, the frequency of the I2S-bus (WCLK and SCLK)
clocks are dependent on the disc speed. In the lock-to-disc
mode there is a limit on the maximum variation in disc
speed that the SAA7826 will follow. Disc speeds must
always be within 25% to 100% range of their nominal
value. The lock-to-disc mode is enabled or disabled by
decoder register E.


Similar Part No. - SAA7826

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7824 PHILIPS-SAA7824 Datasheet
378Kb / 89P
   CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control (PhonIC)
2003 Oct 01
SAA7824HL PHILIPS-SAA7824HL Datasheet
378Kb / 89P
   CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control (PhonIC)
2003 Oct 01
More results

Similar Description - SAA7826

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7824 PHILIPS-SAA7824 Datasheet
378Kb / 89P
   CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control (PhonIC)
2003 Oct 01
SAA7327 PHILIPS-SAA7327 Datasheet
392Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC for video CD CD7 II
1999 Jun 17
SAA7325 PHILIPS-SAA7325 Datasheet
273Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7326 PHILIPS-SAA7326 Datasheet
391Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7324 PHILIPS-SAA7324 Datasheet
304Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10 II
2000 Jun 26
logo
Sony Corporation
CXD2587Q SONY-CXD2587Q Datasheet
807Kb / 106P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3000R SONY-CXD3000R Datasheet
1Mb / 129P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3011R-1 SONY-CXD3011R-1 Datasheet
1Mb / 160P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2586R SONY-CXD2586R Datasheet
1Mb / 127P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2598Q SONY-CXD2598Q Datasheet
1Mb / 147P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com