Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA7826 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SAA7826
Description  CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7826 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button SAA7826 Datasheet HTML 3Page - NXP Semiconductors SAA7826 Datasheet HTML 4Page - NXP Semiconductors SAA7826 Datasheet HTML 5Page - NXP Semiconductors SAA7826 Datasheet HTML 6Page - NXP Semiconductors SAA7826 Datasheet HTML 7Page - NXP Semiconductors SAA7826 Datasheet HTML 8Page - NXP Semiconductors SAA7826 Datasheet HTML 9Page - NXP Semiconductors SAA7826 Datasheet HTML 10Page - NXP Semiconductors SAA7826 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 89 page
background image
2003 Oct 01
7
Philips Semiconductors
Product specification
CD audio decoder, digital servo and filterless
DAC with integrated pre-amp and laser control
SAA7826
VDDD1
41
SUP
digital supply voltage 1
SDI
42
I
serial data input (loopback)
WCLI
43
I
word clock input (loopback)
SCLI
44
I
serial bit clock input (loopback)
EF
45
O
C2 error flag output
DATA
46
O
serial data output
WCLK
47
O
word clock output
SCLK
48
O
serial clock output
CLK16
49
O
16 MHz clock output
CLK4/12
50
O
configurable 4 MHz or 12 MHz clock output
RESET
51
I
power-on reset input (active LOW)
SDA
52
I/O
microcontroller interface data input/output (open-drain)
SCL
53
I
microcontroller interface clock input
RAB
54
I
microcontroller interface R/W and load control input (4-wire)
SILD
55
I
microcontroller interface R/W and load control input (4-wire)
STATUS
56
O
servo interrupt request line/decoder status register/DC offset value
readback output
RCK
57
I
subcode clock input
SUB
58
O
P to W subcode output
SFSY
59
O
subcode frame sync output
SBSY
60
O
subcode block sync output
VSSD2
61
SUP
digital ground 2
DOBM
62
O
bi-phase mark output (externally buffered)
VDDD2
63
SUP
digital supply voltage 2
RA
64
O
radial actuator output
FO
65
O
focus actuator output
SL
66
O
sledge actuator output
MOTO1
67
O
motor output 1 output
MOTO2
68
O
motor output 2 output
VSSD3
69
SUP
digital ground 3
VDDD3
70
SUP
digital supply voltage 3
V1
71
I
versatile pin 1 input
V2
72
I
versatile pin 2 input
V3
73
O
versatile pin 3 output
V4
74
O
versatile pin 4 output
V5
75
O
versatile pin 5 output
TEST1
76
I
test pin 1 input
TEST2
77
I
test pin 2 input
TEST3
78
I
test pin 3 input
TEST4
79
I
test pin 4 input
LASER
80
O
laser drive output
SYMBOL
PIN
I/O
DESCRIPTION


Similar Part No. - SAA7826

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7824 PHILIPS-SAA7824 Datasheet
378Kb / 89P
   CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control (PhonIC)
2003 Oct 01
SAA7824HL PHILIPS-SAA7824HL Datasheet
378Kb / 89P
   CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control (PhonIC)
2003 Oct 01
More results

Similar Description - SAA7826

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7824 PHILIPS-SAA7824 Datasheet
378Kb / 89P
   CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control (PhonIC)
2003 Oct 01
SAA7327 PHILIPS-SAA7327 Datasheet
392Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC for video CD CD7 II
1999 Jun 17
SAA7325 PHILIPS-SAA7325 Datasheet
273Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7326 PHILIPS-SAA7326 Datasheet
391Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7324 PHILIPS-SAA7324 Datasheet
304Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10 II
2000 Jun 26
logo
Sony Corporation
CXD2587Q SONY-CXD2587Q Datasheet
807Kb / 106P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3000R SONY-CXD3000R Datasheet
1Mb / 129P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3011R-1 SONY-CXD3011R-1 Datasheet
1Mb / 160P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2586R SONY-CXD2586R Datasheet
1Mb / 127P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2598Q SONY-CXD2598Q Datasheet
1Mb / 147P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com