Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA3221 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # INA3221
Description  Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor with I2C- and SMBUS-Compatible Interface
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA3221 Datasheet(HTML) 11 Page - Texas Instruments

Back Button INA3221 Datasheet HTML 7Page - Texas Instruments INA3221 Datasheet HTML 8Page - Texas Instruments INA3221 Datasheet HTML 9Page - Texas Instruments INA3221 Datasheet HTML 10Page - Texas Instruments INA3221 Datasheet HTML 11Page - Texas Instruments INA3221 Datasheet HTML 12Page - Texas Instruments INA3221 Datasheet HTML 13Page - Texas Instruments INA3221 Datasheet HTML 14Page - Texas Instruments INA3221 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
11
INA3221
www.ti.com
SBOS576B – MAY 2012 – REVISED MARCH 2016
Product Folder Links: INA3221
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
8.3 Feature Description
8.3.1 Basic ADC Functions
The INA3221 performs two measurements on up to three power supplies of interest. The voltage developed from
the load current passing through a shunt resistor creates a shunt voltage that is measured between the IN+ and
IN– pins. The device also internally measures the power-supply bus voltage at the IN– pin for each channel. The
differential shunt voltage is measured with respect to the IN– pin, and the bus voltage is measured with respect
to ground.
The INA3221 is typically powered by a separate power supply that ranges from 2.7 V to 5.5 V. The monitored
supply buses range from 0 V to 26 V.
CAUTION
Based on the fixed 8-mV bus-voltage register LSB (for any channel), a full-scale
register value results in 32.76 V. However, the actual voltage applied to the INA3221
input pins must not exceed 26 V.
There are no special power-supply sequencing considerations between the common-mode input ranges and the
device power-supply voltage because they are independent of each other; therefore, the bus voltages can be
present with the supply voltage off and vice versa.
The INA3221 takes two measurements for each channel: one for shunt voltage and one for bus voltage. Each
measurement can be independently or sequentially measured, based on the mode setting (bits 2-0 in the
Configuration register). When the INA3221 is in normal operating mode (that is, the MODE bits of the
Configuration register are set to 111), the device continuously converts a shunt-voltage reading followed by a
bus-voltage reading. This procedure converts one channel, and then continues to the shunt voltage reading of
the next enabled channel, followed by the bus-voltage reading for that channel, and so on, until all enabled
channels have been measured. The programmed Configuration register mode setting applies to all channels.
Any channels that are not enabled are bypassed in the measurement sequence, regardless of mode setting.
The INA3221 has two operating modes, continuous and single-shot, that determine the internal ADC operation
after these conversions complete. When the INA3221 is set to continuous mode (using the MODE bit settings),
the device continues to cycle through all enabled channels until a new configuration setting is programmed.
The Configuration register MODE control bits also enable modes to be selected that convert only the shunt or
bus voltage. This feature further allows the device to fit specific application requirements.
In single-shot (triggered) mode, setting any single-shot convert mode to the Configuration register (that is, the
Configuration register MODE bits set to 001, 010, or 011) triggers a single-shot conversion. This action produces
a single set of measurements for all enabled channels. To trigger another single-shot conversion, write to the
Configuration register a second time, even if the mode does not change. When a single-shot conversion is
initiated, all enabled channels are measured one time and then the device enters a power-down state. The
INA3221 registers can be read at any time, even while in power-down. The data present in these registers are
from the last completed conversion results for the corresponding register. The conversion ready flag bit
(Mask/Enable register, CVRF bit) helps coordinate single-shot conversions, and is especially helpful during
longer conversion time settings. The CVRF bit is set after all conversions are complete. The CVRF bit clears
under the following conditions:
1. Writing to the Configuration register, except when configuring the MODE bits for power-down mode; or
2. Reading the Mask/Enable register.
In addition to the two operating modes (continuous and single-shot), the INA3221 also has a separate selectable
power-down mode that reduces the quiescent current and turns off current into the INA3221 inputs. Power-down
mode reduces the impact of supply drain when the device is not used. Full recovery from power-down mode
requires 40 µs. The INA3221 registers can be written to and read from while the device is in power-down mode.
The device remains in power-down mode until one of the active MODE settings are written to the Configuration
register.


Similar Part No. - INA3221

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA3221 TI1-INA3221 Datasheet
552Kb / 36P
[Old version datasheet]   Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor
INA3221-Q1 TI1-INA3221-Q1 Datasheet
1Mb / 45P
[Old version datasheet]   Current and Voltage Monitor with Programmable Overcurrent Alerts
INA3221AIRGV TI1-INA3221AIRGV Datasheet
552Kb / 36P
[Old version datasheet]   Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor
INA3221AIRGVR TI1-INA3221AIRGVR Datasheet
552Kb / 36P
[Old version datasheet]   Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor
INA3221AIRGVT TI1-INA3221AIRGVT Datasheet
552Kb / 36P
[Old version datasheet]   Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor
More results

Similar Description - INA3221

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA3221 TI-INA3221_15 Datasheet
1,015Kb / 40P
[Old version datasheet]   Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor with I2C??Interface
INA3221 TI1-INA3221 Datasheet
552Kb / 36P
[Old version datasheet]   Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor
INA233 TI1-INA233 Datasheet
681Kb / 48P
[Old version datasheet]   High-Side or Low-Side Measurement, Bidirectional Current and Power Monitor With I2C-, SMBus-, and PMBus-Compatible Interface
logo
Burr-Brown (TI)
INA200 BURR-BROWN-INA200 Datasheet
285Kb / 19P
   High-Side Measurement Current-Shunt Monitor with Comparator and Reference
INA200 BURR-BROWN-INA200_07 Datasheet
345Kb / 22P
   High-Side Measurement Current-Shunt Monitor with Comparator and Reference
logo
ON Semiconductor
NCP45491 ONSEMI-NCP45491 Datasheet
153Kb / 10P
   26V, 4-Channel Voltage Bus and 4-Channel High-Side Current Shunt Monitor
August, 2018 ??Rev. 2
NCP45492 ONSEMI-NCP45492 Datasheet
221Kb / 12P
   26V, 4-Channel Voltage Bus and 4-Channel High-Side Current Shunt Monitor
June, 2020 ??Rev. 1
logo
Texas Instruments
INA139 TI-INA139 Datasheet
200Kb / 11P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
INA139-Q1 TI-INA139-Q1_15 Datasheet
1Mb / 16P
[Old version datasheet]   HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA139NA TI-INA139NA Datasheet
408Kb / 15P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com