Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA3221 Datasheet(PDF) 14 Page - Texas Instruments

Part # INA3221
Description  Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor with I2C- and SMBUS-Compatible Interface
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA3221 Datasheet(HTML) 14 Page - Texas Instruments

Back Button INA3221_17 Datasheet HTML 10Page - Texas Instruments INA3221_17 Datasheet HTML 11Page - Texas Instruments INA3221_17 Datasheet HTML 12Page - Texas Instruments INA3221_17 Datasheet HTML 13Page - Texas Instruments INA3221_17 Datasheet HTML 14Page - Texas Instruments INA3221_17 Datasheet HTML 15Page - Texas Instruments INA3221_17 Datasheet HTML 16Page - Texas Instruments INA3221_17 Datasheet HTML 17Page - Texas Instruments INA3221_17 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 46 page
background image
1.2 V Detected on Channel-1
Bus-Voltage Measurement
Measure for 1.2 V
on Channel-2 Bus Voltage
1.2 V on Channel 2 Detected
1.2 V on Channel 2 Not Detected
Timing
Control
Output
High
Low
28.6 ms
S
Ch
1
S
Ch
2
S
Ch
3
S
Ch
1
S
Ch
2
S
Ch
3
S
Ch
1
S
Ch
2
S
Ch
3
S
Ch
1
S
Ch
2
S
Ch
3
S
Ch
1
S
Ch
2
S
Ch
3
Signal
Channel
1.2 V Detected on Channel-1
Bus-Voltage Measurement
Measure For 1.2 V on
Channel-2 Bus Voltage
2.2 ms
28.6 ms
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
Power-Valid
Detection
INA3321
VS
PV
VPU
RPU
RPU_ext
RDIV
(1)
14
INA3221
SBOS576B – MAY 2012 – REVISED MARCH 2016
www.ti.com
Product Folder Links: INA3221
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
Feature Description (continued)
The PV pin allows for a 0-V output that indicates a power-invalid condition. An output equal to the pull-up supply
voltage connected to the VPU pin indicates a power-valid condition, as shown in Figure 20. It is also possible to
divide down the high power-valid pull-up voltage by adding a resistor to ground at the PV output, thus allowing
this function to interface with lower-voltage circuitry, if needed.
(1)
RDIV can be used to level-shift the PV output high.
Figure 20. Power-Valid Output Structure
8.3.2.4 Timing-Control Alert
The INA3221 timing-control alert function helps verify proper power-supply sequencing. At power-up, the default
INA3221 setting is continuous shunt- and bus-voltage conversion mode, and the INA3221 internally begins
comparing the channel-1 bus voltage to determine when a 1.2-V level is reached. This comparison is made each
time the sequence returns to the channel-1 bus-voltage measurement. When a 1.2-V level is detected on the
channel-1 bus-voltage measurement, the INA3221 begins checking for a 1.2-V level present on the channel-2
bus-voltage measurement. After a 1.2-V level is detected on channel 1, if the INA3221 does not detect a 1.2-V
value or greater on the bus voltage measurement following four complete cycles of all three channels, the timing
control (TC) alert pin pulls low to indicate that the INA3221 has not detected a valid power rail on channel 2. As
shown in Figure 21, this sequence allows for approximately 28.6 ms from the time 1.2 V is detected on channel 1
for a valid voltage to be detected on channel 2. Figure 22 illustrates the state diagram for the TC alert pin.
NOTE: The signal refers to the corresponding shunt (S) and bus (B) voltage measurement for each channel.
Figure 21. Timing Control Timing Diagram
Figure 22. Timing Control State Diagram


Similar Part No. - INA3221_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA3221 TI-INA3221_15 Datasheet
1,015Kb / 40P
Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor with I2C??Interface
More results

Similar Description - INA3221_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA139 TI-INA139 Datasheet
200Kb / 11P
High-Side Measurement CURRENT SHUNT MONITOR
logo
Burr-Brown (TI)
INA200 BURR-BROWN-INA200 Datasheet
285Kb / 19P
High-Side Measurement Current-Shunt Monitor with Comparator and Reference
INA200 BURR-BROWN-INA200_07 Datasheet
345Kb / 22P
High-Side Measurement Current-Shunt Monitor with Comparator and Reference
logo
Texas Instruments
INA3221 TI1-INA3221 Datasheet
552Kb / 36P
Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor
INA139NA TI-INA139NA Datasheet
408Kb / 15P
High-Side Measurement CURRENT SHUNT MONITOR
INA139-Q1 TI-INA139-Q1_15 Datasheet
1Mb / 16P
HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA3221 TI-INA3221_15 Datasheet
1,015Kb / 40P
Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor with I2C??Interface
INA233 TI1-INA233 Datasheet
681Kb / 48P
High-Side or Low-Side Measurement, Bidirectional Current and Power Monitor With I2C-, SMBus-, and PMBus-Compatible Interface
logo
ON Semiconductor
NCP45491 ONSEMI-NCP45491 Datasheet
153Kb / 10P
26V, 4-Channel Voltage Bus and 4-Channel High-Side Current Shunt Monitor
August, 2018 ??Rev. 2
NCP45492 ONSEMI-NCP45492 Datasheet
221Kb / 12P
26V, 4-Channel Voltage Bus and 4-Channel High-Side Current Shunt Monitor
June, 2020 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com