Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA3221 Datasheet(PDF) 24 Page - Texas Instruments

Part # INA3221
Description  Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor with I2C- and SMBUS-Compatible Interface
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA3221 Datasheet(HTML) 24 Page - Texas Instruments

Back Button INA3221_17 Datasheet HTML 20Page - Texas Instruments INA3221_17 Datasheet HTML 21Page - Texas Instruments INA3221_17 Datasheet HTML 22Page - Texas Instruments INA3221_17 Datasheet HTML 23Page - Texas Instruments INA3221_17 Datasheet HTML 24Page - Texas Instruments INA3221_17 Datasheet HTML 25Page - Texas Instruments INA3221_17 Datasheet HTML 26Page - Texas Instruments INA3221_17 Datasheet HTML 27Page - Texas Instruments INA3221_17 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 46 page
background image
24
INA3221
SBOS576B – MAY 2012 – REVISED MARCH 2016
www.ti.com
Product Folder Links: INA3221
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
(1)
Type: R = read-only, R/W = read/write.
8.6 Register Maps
The INA3221 uses a bank of registers for holding configuration settings, measurement results, minimum and
maximum limits, and status information. Table 3 summarizes the INA3221 registers; see the Functional Block
Diagram section for an illustration of the registers.
8.6.1 Summary of Register Set
Table 3. Summary of Register Set
POINTER
ADDRESS
(Hex)
REGISTER NAME
DESCRIPTION
POWER-ON RESET
TYPE(1)
BINARY
HEX
0
Configuration
All-register reset, shunt and bus voltage ADC conversion times and
averaging, operating mode.
01110001 00100111
7127
R/W
1
Channel-1 Shunt Voltage
Averaged shunt voltage value.
00000000 00000000
0000
R
2
Channel-1 Bus Voltage
Averaged bus voltage value.
00000000 00000000
0000
R
3
Channel-2 Shunt Voltage
Averaged shunt voltage value.
00000000 00000000
0000
R
4
Channel-2 Bus Voltage
Averaged bus voltage value.
00000000 00000000
0000
R
5
Channel-3 Shunt Voltage
Averaged shunt voltage value.
00000000 00000000
0000
R
6
Channel-3 Bus Voltage
Averaged bus voltage value.
00000000 00000000
0000
R
7
Channel-1 Critical Alert
Limit
Contains limit value to compare each conversion value to
determine if the corresponding limit has been exceeded.
01111111 11111000
7FF8
R/W
8
Channel-1 Warning Alert
Limit
Contains limit value to compare to averaged measurement to
determine if the corresponding limit has been exceeded.
01111111 11111000
7FF8
R/W
9
Channel-2 Critical Alert
Limit
Contains limit value to compare each conversion value to
determine if the corresponding limit has been exceeded.
01111111 11111000
7FF8
R/W
A
Channel-2 Warning Alert
Limit
Contains limit value to compare to averaged measurement to
determine if the corresponding limit has been exceeded.
01111111 11111000
7FF8
R/W
B
Channel-3 Critical Alert
Limit
Contains limit value to compare each conversion value to
determine if the corresponding limit has been exceeded.
01111111 11111000
7FF8
R/W
C
Channel-3 Warning Alert
Limit
Contains limit value to compare to averaged measurement to
determine if the corresponding limit has been exceeded.
01111111 11111000
7FF8
R/W
D
Shunt-Voltage Sum
Contains the summed value of the each of the selected shunt
voltage conversions.
00000000 00000000
0000
R
E
Shunt-Voltage Sum Limit
Contains limit value to compare to the Shunt Voltage Sum register
to determine if the corresponding limit has been exceeded.
01111111 11111110
7FFE
R/W
F
Mask/Enable
Alert configuration, alert status indication, summation control and
status.
00000000 00000010
0002
R/W
10
Power-Valid Upper Limit
Contains limit value to compare all bus voltage conversions to
determine if the Power Valid level has been reached.
00100111 00010000
2710
R/W
11
Power-Valid Lower Limit
Contains limit value to compare all bus voltage conversions to
determine if the any voltage rail has dropped below the Power
Valid range.
00100011 00101000
2328
R/W
FE
Manufacturer ID
Contains unique manufacturer identification number.
01010100 01001001
5449
R
FF
Die ID
Contains unique die identification number.
00110010 00100000
3220
R


Similar Part No. - INA3221_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA3221 TI-INA3221_15 Datasheet
1,015Kb / 40P
Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor with I2C??Interface
More results

Similar Description - INA3221_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA139 TI-INA139 Datasheet
200Kb / 11P
High-Side Measurement CURRENT SHUNT MONITOR
logo
Burr-Brown (TI)
INA200 BURR-BROWN-INA200 Datasheet
285Kb / 19P
High-Side Measurement Current-Shunt Monitor with Comparator and Reference
INA200 BURR-BROWN-INA200_07 Datasheet
345Kb / 22P
High-Side Measurement Current-Shunt Monitor with Comparator and Reference
logo
Texas Instruments
INA3221 TI1-INA3221 Datasheet
552Kb / 36P
Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor
INA139NA TI-INA139NA Datasheet
408Kb / 15P
High-Side Measurement CURRENT SHUNT MONITOR
INA139-Q1 TI-INA139-Q1_15 Datasheet
1Mb / 16P
HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA3221 TI-INA3221_15 Datasheet
1,015Kb / 40P
Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor with I2C??Interface
INA233 TI1-INA233 Datasheet
681Kb / 48P
High-Side or Low-Side Measurement, Bidirectional Current and Power Monitor With I2C-, SMBus-, and PMBus-Compatible Interface
logo
ON Semiconductor
NCP45491 ONSEMI-NCP45491 Datasheet
153Kb / 10P
26V, 4-Channel Voltage Bus and 4-Channel High-Side Current Shunt Monitor
August, 2018 ??Rev. 2
NCP45492 ONSEMI-NCP45492 Datasheet
221Kb / 12P
26V, 4-Channel Voltage Bus and 4-Channel High-Side Current Shunt Monitor
June, 2020 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com