Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA3221 Datasheet(PDF) 19 Page - Texas Instruments

Part # INA3221
Description  Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor with I2C- and SMBUS-Compatible Interface
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA3221 Datasheet(HTML) 19 Page - Texas Instruments

Back Button INA3221_17 Datasheet HTML 15Page - Texas Instruments INA3221_17 Datasheet HTML 16Page - Texas Instruments INA3221_17 Datasheet HTML 17Page - Texas Instruments INA3221_17 Datasheet HTML 18Page - Texas Instruments INA3221_17 Datasheet HTML 19Page - Texas Instruments INA3221_17 Datasheet HTML 20Page - Texas Instruments INA3221_17 Datasheet HTML 21Page - Texas Instruments INA3221_17 Datasheet HTML 22Page - Texas Instruments INA3221_17 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 46 page
background image
Load 2
Power Supply
(0 V to 26 V)
Ch 1
Ch 2
VIN 2
VIN+2
Ch 3
ADC
RFILTER
10
CFILTER: 0.1- F to 1- F
Ceramic Capacitor
RFILTER
10
CFILTER
19
INA3221
www.ti.com
SBOS576B – MAY 2012 – REVISED MARCH 2016
Product Folder Links: INA3221
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
Device Functional Modes (continued)
8.4.3 Filtering and Input Considerations
Measuring current is often noisy, and such noise can be difficult to define. The INA3221 offers several filtering
options by allowing conversion times and the number of averages to be selected independently in the
Configuration register. The conversion times can be set independently for the shunt- and bus-voltage
measurements as well, for added flexibility in configuring power-supply bus monitoring.
The internal ADC is based on a delta-sigma (
ΔΣ) front-end with a 500-kHz (±30%) typical sampling rate. This
architecture has good inherent noise rejection; however, transients that occur at or very close to the sampling-
rate harmonics can cause problems. These transient signals are at 1 MHz and higher; therefore, the signals are
managed by incorporating filtering at the INA3221 input. High-frequency signals allow for the use of low-value
series resistors on the filter, with negligible effects on measurement accuracy. In general, filtering the INA3221
input is only necessary if there are transients at exact harmonics of the 500-kHz (±30%) sampling rate that are
greater than 1 MHz. Filter using the lowest-possible series resistance (typically 10
Ω or less) and a ceramic
capacitor. Recommended capacitor values are 0.1
μF to 1.0 μF. Figure 26 shows the INA3221 with an additional
filter added at the input.
Figure 26. INA3221 With Input Filtering
The INA3221 inputs are specified to tolerate 26 V across the inputs. However, overload conditions are another
consideration for the INA3221 inputs. For example, a large differential-input scenario might be a short to ground
on the load side of the shunt. This type of event results in the full power-supply voltage applied across the shunt,
if supported by the power supply or energy-storage capacitors. Keep in mind that removing a short to ground
may result in inductive kickbacks that can exceed the 26-V differential and common-mode rating of the INA3221.
Inductive kickback voltages are best controlled by zener-type transient-absorbing devices (commonly called
transzorbs) combined with sufficient energy-storage capacitance.
In applications that do not have large energy-storage electrolytic capacitors on one or both sides of the shunt, an
input overstress condition can result from an excessive dV/dt of the voltage applied to the input. A hard physical
short is the most likely cause of this event, particularly in applications without large electrolytic capacitors
present. This problem occurs because an excessive dV/dt can activate the INA3221 ESD protection in systems
where large currents are available. Testing has demonstrated that the addition of 10-
Ω resistors in series with
each INA3221 input sufficiently protects the inputs against this dV/dt failure up to the 26-V device rating.
Selecting these resistors in the range noted has minimal effect on accuracy.


Similar Part No. - INA3221_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA3221 TI-INA3221_15 Datasheet
1,015Kb / 40P
Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor with I2C??Interface
More results

Similar Description - INA3221_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA139 TI-INA139 Datasheet
200Kb / 11P
High-Side Measurement CURRENT SHUNT MONITOR
logo
Burr-Brown (TI)
INA200 BURR-BROWN-INA200 Datasheet
285Kb / 19P
High-Side Measurement Current-Shunt Monitor with Comparator and Reference
INA200 BURR-BROWN-INA200_07 Datasheet
345Kb / 22P
High-Side Measurement Current-Shunt Monitor with Comparator and Reference
logo
Texas Instruments
INA3221 TI1-INA3221 Datasheet
552Kb / 36P
Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor
INA139NA TI-INA139NA Datasheet
408Kb / 15P
High-Side Measurement CURRENT SHUNT MONITOR
INA139-Q1 TI-INA139-Q1_15 Datasheet
1Mb / 16P
HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA3221 TI-INA3221_15 Datasheet
1,015Kb / 40P
Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor with I2C??Interface
INA233 TI1-INA233 Datasheet
681Kb / 48P
High-Side or Low-Side Measurement, Bidirectional Current and Power Monitor With I2C-, SMBus-, and PMBus-Compatible Interface
logo
ON Semiconductor
NCP45491 ONSEMI-NCP45491 Datasheet
153Kb / 10P
26V, 4-Channel Voltage Bus and 4-Channel High-Side Current Shunt Monitor
August, 2018 ??Rev. 2
NCP45492 ONSEMI-NCP45492 Datasheet
221Kb / 12P
26V, 4-Channel Voltage Bus and 4-Channel High-Side Current Shunt Monitor
June, 2020 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com