Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA3221 Datasheet(PDF) 16 Page - Texas Instruments

Part # INA3221
Description  Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor with I2C- and SMBUS-Compatible Interface
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA3221 Datasheet(HTML) 16 Page - Texas Instruments

Back Button INA3221_17 Datasheet HTML 12Page - Texas Instruments INA3221_17 Datasheet HTML 13Page - Texas Instruments INA3221_17 Datasheet HTML 14Page - Texas Instruments INA3221_17 Datasheet HTML 15Page - Texas Instruments INA3221_17 Datasheet HTML 16Page - Texas Instruments INA3221_17 Datasheet HTML 17Page - Texas Instruments INA3221_17 Datasheet HTML 18Page - Texas Instruments INA3221_17 Datasheet HTML 19Page - Texas Instruments INA3221_17 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 46 page
background image
20
21
22
23
24
25
26
1000
2000
3000
4000
5000
6000
7000
Samples
1 Average
16 Averages
1024 Averages
G020
AVG #
÷
New
Sample
±
+
+
+
Output
Register
16
INA3221
SBOS576B – MAY 2012 – REVISED MARCH 2016
www.ti.com
Product Folder Links: INA3221
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
8.4 Device Functional Modes
8.4.1 Averaging Function
The INA3221 includes three channels to monitor up to three independent supply buses; however, multichannel
monitoring sometimes results in poor shunt-resistor placement. Ideally, shunt resistors are placed as close as
possible to the corresponding channel input pins. However, because of system layout and multiple power-supply
rails, one or more shunt resistors may have to be located further away, thus presenting potentially larger
measurement errors. These errors result from additional trace inductance and other parasitic impedances
between the shunt resistor and input pins. Longer traces also create an additional potential for coupling noise
into the signal if they are routed near noise-generating sections of the board.
The INA3221 averaging function mitigates this potential problem by limiting the impact that any single
measurement has on the averaged value of each measured signal. This limitation reduces the influence that
noise has on the averaged value, thereby effectively creating an input-signal filter.
The averaging function is illustrated in Figure 23. Operation begins by first measuring the shunt input signal on
channel 1. This value is then subtracted from the previous value that was present in the corresponding data
output register. This difference is then divided by the value programmed by the averaging mode setting (AVG2-0,
Configuration register bits 11-9) and stored in an internal accumulation register. The computed result is then
added to the previously-loaded data output register value, and the resulting value is loaded to the corresponding
data output register. After the update, the next signal to be measured follows the same process. The larger the
value selected for the averaging mode setting, the less impact or influence any new conversion has on the
average value, as shown in Figure 24. This averaging feature functions as a filter to reduce input noise from the
averaged measurement value.
Figure 23. Averaging Function Block Diagram
Figure 24. Average Setting Example


Similar Part No. - INA3221_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA3221 TI-INA3221_15 Datasheet
1,015Kb / 40P
Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor with I2C??Interface
More results

Similar Description - INA3221_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA139 TI-INA139 Datasheet
200Kb / 11P
High-Side Measurement CURRENT SHUNT MONITOR
logo
Burr-Brown (TI)
INA200 BURR-BROWN-INA200 Datasheet
285Kb / 19P
High-Side Measurement Current-Shunt Monitor with Comparator and Reference
INA200 BURR-BROWN-INA200_07 Datasheet
345Kb / 22P
High-Side Measurement Current-Shunt Monitor with Comparator and Reference
logo
Texas Instruments
INA3221 TI1-INA3221 Datasheet
552Kb / 36P
Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor
INA139NA TI-INA139NA Datasheet
408Kb / 15P
High-Side Measurement CURRENT SHUNT MONITOR
INA139-Q1 TI-INA139-Q1_15 Datasheet
1Mb / 16P
HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA3221 TI-INA3221_15 Datasheet
1,015Kb / 40P
Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor with I2C??Interface
INA233 TI1-INA233 Datasheet
681Kb / 48P
High-Side or Low-Side Measurement, Bidirectional Current and Power Monitor With I2C-, SMBus-, and PMBus-Compatible Interface
logo
ON Semiconductor
NCP45491 ONSEMI-NCP45491 Datasheet
153Kb / 10P
26V, 4-Channel Voltage Bus and 4-Channel High-Side Current Shunt Monitor
August, 2018 ??Rev. 2
NCP45492 ONSEMI-NCP45492 Datasheet
221Kb / 12P
26V, 4-Channel Voltage Bus and 4-Channel High-Side Current Shunt Monitor
June, 2020 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com