Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3C2440X Datasheet(PDF) 39 Page - Samsung semiconductor

Part # S3C2440X
Description  16/32-bit RISC microprocessor
Download  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3C2440X Datasheet(HTML) 39 Page - Samsung semiconductor

Back Button S3C2440X Datasheet HTML 35Page - Samsung semiconductor S3C2440X Datasheet HTML 36Page - Samsung semiconductor S3C2440X Datasheet HTML 37Page - Samsung semiconductor S3C2440X Datasheet HTML 38Page - Samsung semiconductor S3C2440X Datasheet HTML 39Page - Samsung semiconductor S3C2440X Datasheet HTML 40Page - Samsung semiconductor S3C2440X Datasheet HTML 41Page - Samsung semiconductor S3C2440X Datasheet HTML 42Page - Samsung semiconductor S3C2440X Datasheet HTML 43Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 429 page
background image
2003.10.15
Preliminary product information describes products that are in development,
for which full characterization data and associated errata are not yet available
Specifications and information herein are subject to change without notice.
S3C2440X
PRODUCT OVERVIEW
1-39
Table 1-4. S3C2440X Special Registers (Sheet 13 of 14)
Register
Name
Address
(B. Endian)
Address
(L. Endian)
Acc.
Unit
Read/
Write
Function
I/O port (Continued)
EINTFLT0
0x56000094
WR/W
Reserved
EINTFLT1
0x56000098
Reserved
EINTFLT2
0x5600009C
External Interrupt Filter Control Register 2
EINTFLT3
0x560000A0
External Interrupt Filter Control Register 3
EINTMASK
0x560000A4
External Interrupt Mask
EINTPEND
0x560000A8
External Interrupt Pending
GSTATUS0
0x560000AC
R
External Pin Status
GSTATUS1
0x560000B0
R/W
Chip ID
GSTATUS2
0x560000B4
Reset Status
GSTATUS3
0x560000B8
Inform Register
GSTATUS4
0x560000BC
Inform Register
MSLCON
0x560000CC
Memory Sleep Control Register
RTC
RTCCON
0x57000043
0x57000040
B
R/W
RTC Control
TICNT
0x57000047
0x57000044
Tick time count
RTCALM
0x57000053
0x57000050
RTC Alarm Control
ALMSEC
0x57000057
0x57000054
Alarm Second
ALMMIN
0x5700005B
0x57000058
Alarm Minute
ALMHOUR
0x5700005F
0x5700005C
Alarm Hour
ALMDATE
0x57000063
0x57000060
Alarm Day
ALMMON
0x57000067
0x57000064
Alarm Month
ALMYEAR
0x5700006B
0x57000068
Alarm Year
RTCRST
0x5700006F
0x5700006C
RTC Round Reset
BCDSEC
0x57000073
0x57000070
BCD Second
BCDMIN
0x57000077
0x57000074
BCD Minute
BCDHOUR
0x5700007B
0x57000078
BCD Hour
BCDDATE
0x5700007F
0x5700007C
BCD Day
BCDDAY
0x57000083
0x57000080
BCD Date
BCDMON
0x57000087
0x57000084
BCD Month
BCDYEAR
0x5700008B
0x57000088
BCD Year


Similar Part No. - S3C2440X

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C2400 SAMSUNG-S3C2400 Datasheet
2Mb / 488P
RISC MICROPROCESSOR
S3C24A0 SAMSUNG-S3C24A0 Datasheet
6Mb / 487P
APPLICATION PROCESSOR FOR 2.5G/3G MOBILE PHONES
S3C24A0A SAMSUNG-S3C24A0A Datasheet
4Mb / 519P
32-BIT RISC MICROPROCESSOR
More results

Similar Description - S3C2440X

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
UM_S3C2501X SAMSUNG-UM_S3C2501X Datasheet
1Mb / 465P
32-BIT RISC MICROPROCESSOR
S3C24A0A SAMSUNG-S3C24A0A Datasheet
4Mb / 519P
32-BIT RISC MICROPROCESSOR
logo
Toshiba Semiconductor
TMPR3922AU TOSHIBA-TMPR3922AU Datasheet
253Kb / 45P
32-bit RISC Microprocessor
TMP1962C10BXBG TOSHIBA-TMP1962C10BXBG Datasheet
6Mb / 459P
32-Bit RISC Microprocessor
TMP1962F10AXBG TOSHIBA-TMP1962F10AXBG Datasheet
3Mb / 108P
32-Bit RISC Microprocessor
TMP19A71CYFG TOSHIBA-TMP19A71CYFG Datasheet
14Mb / 402P
32-Bit RISC Microprocessor
TMP19A64F20AXBG TOSHIBA-TMP19A64F20AXBG Datasheet
2Mb / 64P
32-bit RISC Microprocessor
TMP19A64C1DXBG TOSHIBA-TMP19A64C1DXBG Datasheet
6Mb / 460P
32-bit RISC Microprocessor
TMP19A43FD TOSHIBA-TMP19A43FD Datasheet
1Mb / 105P
32-bit RISC Microprocessor
TMP19A43CD TOSHIBA-TMP19A43CD Datasheet
12Mb / 523P
32-bit RISC Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com