Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3C2440X Datasheet(PDF) 38 Page - Samsung semiconductor

Part # S3C2440X
Description  16/32-bit RISC microprocessor
Download  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3C2440X Datasheet(HTML) 38 Page - Samsung semiconductor

Back Button S3C2440X Datasheet HTML 34Page - Samsung semiconductor S3C2440X Datasheet HTML 35Page - Samsung semiconductor S3C2440X Datasheet HTML 36Page - Samsung semiconductor S3C2440X Datasheet HTML 37Page - Samsung semiconductor S3C2440X Datasheet HTML 38Page - Samsung semiconductor S3C2440X Datasheet HTML 39Page - Samsung semiconductor S3C2440X Datasheet HTML 40Page - Samsung semiconductor S3C2440X Datasheet HTML 41Page - Samsung semiconductor S3C2440X Datasheet HTML 42Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 429 page
background image
2003.10.15
Preliminary product information describes products that are in development,
for which full characterization data and associated errata are not yet available
Specifications and information herein are subject to change without notice.
PRODUCT OVERVIEW
S3C2440X
1-38
Table 1-4. S3C2440X Special Registers (Sheet 12 of 14)
Register
Name
Address
(B. Endian)
Address
(L.
Endian)
Acc.
Unit
Read/
Write
Function
I/O port
GPACON
0x56000000
W
R/W
Port A Control
GPADAT
0x56000004
Port A Data
GPBCON
0x56000010
Port B Control
GPBDAT
0x56000014
Port B Data
GPBUP
0x56000018
Pull-up Control B
GPCCON
0x56000020
Port C Control
GPCDAT
0x56000024
Port C Data
GPCUP
0x56000028
Pull-up Control C
GPDCON
0x56000030
Port D Control
GPDDA1T
0x56000034
Port D Data
GPDUP
0x56000038
Pull-up Control D
GPECON
0x56000040
Port E Control
GPEDAT
0x56000044
Port E Data
GPEUP
0x56000048
Pull-up Control E
GPFCON
0x56000050
Port F Control
GPFDAT
0x56000054
Port F Data
GPFUP
0x56000058
Pull-up Control F
GPGCON
0x56000060
Port G Control
GPGDAT
0x56000064
Port G Data
GPGUP
0x56000068
Pull-up Control G
GPHCON
0x56000070
Port H Control
GPHDAT
0x56000074
Port H Data
GPHUP
0x56000078
Pull-up Control H
GPJCON
0x560000D0
Port J Control
GPJDAT
0x560000D4
Port J Data
GPJUP
0x560000D8
Pull-up Control J
MISCCR
0x56000080
Miscellaneous Control
DCLKCON
0x56000084
DCLK0/1 Control
EXTINT0
0x56000088
External Interrupt Control Register 0
EXTINT1
0x5600008C
External Interrupt Control Register 1
EXTINT2
0x56000090
External Interrupt Control Register 2


Similar Part No. - S3C2440X

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C2400 SAMSUNG-S3C2400 Datasheet
2Mb / 488P
RISC MICROPROCESSOR
S3C24A0 SAMSUNG-S3C24A0 Datasheet
6Mb / 487P
APPLICATION PROCESSOR FOR 2.5G/3G MOBILE PHONES
S3C24A0A SAMSUNG-S3C24A0A Datasheet
4Mb / 519P
32-BIT RISC MICROPROCESSOR
More results

Similar Description - S3C2440X

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
UM_S3C2501X SAMSUNG-UM_S3C2501X Datasheet
1Mb / 465P
32-BIT RISC MICROPROCESSOR
S3C24A0A SAMSUNG-S3C24A0A Datasheet
4Mb / 519P
32-BIT RISC MICROPROCESSOR
logo
Toshiba Semiconductor
TMPR3922AU TOSHIBA-TMPR3922AU Datasheet
253Kb / 45P
32-bit RISC Microprocessor
TMP1962C10BXBG TOSHIBA-TMP1962C10BXBG Datasheet
6Mb / 459P
32-Bit RISC Microprocessor
TMP1962F10AXBG TOSHIBA-TMP1962F10AXBG Datasheet
3Mb / 108P
32-Bit RISC Microprocessor
TMP19A71CYFG TOSHIBA-TMP19A71CYFG Datasheet
14Mb / 402P
32-Bit RISC Microprocessor
TMP19A64F20AXBG TOSHIBA-TMP19A64F20AXBG Datasheet
2Mb / 64P
32-bit RISC Microprocessor
TMP19A64C1DXBG TOSHIBA-TMP19A64C1DXBG Datasheet
6Mb / 460P
32-bit RISC Microprocessor
TMP19A43FD TOSHIBA-TMP19A43FD Datasheet
1Mb / 105P
32-bit RISC Microprocessor
TMP19A43CD TOSHIBA-TMP19A43CD Datasheet
12Mb / 523P
32-bit RISC Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com