Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3C2440X Datasheet(PDF) 37 Page - Samsung semiconductor

Part # S3C2440X
Description  16/32-bit RISC microprocessor
Download  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3C2440X Datasheet(HTML) 37 Page - Samsung semiconductor

Back Button S3C2440X Datasheet HTML 33Page - Samsung semiconductor S3C2440X Datasheet HTML 34Page - Samsung semiconductor S3C2440X Datasheet HTML 35Page - Samsung semiconductor S3C2440X Datasheet HTML 36Page - Samsung semiconductor S3C2440X Datasheet HTML 37Page - Samsung semiconductor S3C2440X Datasheet HTML 38Page - Samsung semiconductor S3C2440X Datasheet HTML 39Page - Samsung semiconductor S3C2440X Datasheet HTML 40Page - Samsung semiconductor S3C2440X Datasheet HTML 41Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 429 page
background image
2003.10.15
Preliminary product information describes products that are in development,
for which full characterization data and associated errata are not yet available
Specifications and information herein are subject to change without notice.
S3C2440X
PRODUCT OVERVIEW
1-37
Table 1-4. S3C2440X Special Registers (Sheet 11 of 14)
Register Name
Address
(B. Endian)
Address
(L. Endian)
Acc.
Unit
Read/W
rite
Function
USB Device (Continued)
EP2_DMA_CON
0x5200021B
0x52000218
B
R/W
EP2 DMA Interface Control
EP2_DMA_UNIT
0x5200021F
0x5200021C
EP2 DMA Tx Unit Counter
EP2_DMA_FIFO
0x52000223
0x52000220
EP2 DMA Tx FIFO Counter
EP2_DMA_TTC_L
0x52000227
0x52000224
EP2 DMA Total Tx Counter
EP2_DMA_TTC_M
0x5200022B
0x52000228
EP2 DMA Total Tx Counter
EP2_DMA_TTC_H
0x5200022F
0x5200022C
EP2 DMA Total Tx Counter
EP3_DMA_CON
0x52000243
0x52000240
EP3 DMA Interface Control
EP3_DMA_UNIT
0x52000247
0x52000244
EP3 DMA Tx Unit Counter
EP3_DMA_FIFO
0x5200024B
0x52000248
EP3 DMA Tx FIFO Counter
EP3_DMA_TTC_L
0x5200024F
0x5200024C
EP3 DMA Total Tx Counter
EP3_DMA_TTC_M
0x52000253
0x52000250
EP3 DMA Total Tx Counter
EP3_DMA_TTC_H
0x52000257
0x52000254
EP3 DMA Total Tx Counter
EP4_DMA_CON
0x5200025B
0x52000258
EP4 DMA Interface Control
EP4_DMA_UNIT
0x5200025F
0x5200025C
EP4 DMA Tx Unit Counter
EP4_DMA_FIFO
0x52000263
0x52000260
EP4 DMA Tx FIFO Counter
EP4_DMA_TTC_L
0x52000267
0x52000264
EP4 DMA Total Tx Counter
EP4_DMA_TTC_M
0x5200026B
0x52000268
EP4 DMA Total Tx Counter
EP4_DMA_TTC_H
0x5200026F
0x5200026C
EP4 DMA Total Tx Counter
Watchdog Timer
WTCON
0x53000000
W
R/W
Watchdog Timer Mode
WTDAT
0x53000004
Watchdog Timer Data
WTCNT
0x53000008
Watchdog Timer Count
IIC
IICCON
0x54000000
W
R/W
IIC Control
IICSTAT
0x54000004
IIC Status
IICADD
0x54000008
IIC Address
IICDS
0x5400000C
IIC Data Shift
IICLC
0x54000010
IIC multi-master line control
IIS
IISCON
0x55000000,02
0x55000000
HW,W
R/W
IIS Control
IISMOD
0x55000004,06
0x55000004
IIS Mode
IISPSR
0x55000008,0A
0x55000008
IIS Prescaler
IISFCON
0x5500000C,0E 0x5500000C
IIS FIFO Control
IISFIFO
0x55000012
0x55000010
HW
IIS FIFO Entry


Similar Part No. - S3C2440X

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C2400 SAMSUNG-S3C2400 Datasheet
2Mb / 488P
RISC MICROPROCESSOR
S3C24A0 SAMSUNG-S3C24A0 Datasheet
6Mb / 487P
APPLICATION PROCESSOR FOR 2.5G/3G MOBILE PHONES
S3C24A0A SAMSUNG-S3C24A0A Datasheet
4Mb / 519P
32-BIT RISC MICROPROCESSOR
More results

Similar Description - S3C2440X

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
UM_S3C2501X SAMSUNG-UM_S3C2501X Datasheet
1Mb / 465P
32-BIT RISC MICROPROCESSOR
S3C24A0A SAMSUNG-S3C24A0A Datasheet
4Mb / 519P
32-BIT RISC MICROPROCESSOR
logo
Toshiba Semiconductor
TMPR3922AU TOSHIBA-TMPR3922AU Datasheet
253Kb / 45P
32-bit RISC Microprocessor
TMP1962C10BXBG TOSHIBA-TMP1962C10BXBG Datasheet
6Mb / 459P
32-Bit RISC Microprocessor
TMP1962F10AXBG TOSHIBA-TMP1962F10AXBG Datasheet
3Mb / 108P
32-Bit RISC Microprocessor
TMP19A71CYFG TOSHIBA-TMP19A71CYFG Datasheet
14Mb / 402P
32-Bit RISC Microprocessor
TMP19A64F20AXBG TOSHIBA-TMP19A64F20AXBG Datasheet
2Mb / 64P
32-bit RISC Microprocessor
TMP19A64C1DXBG TOSHIBA-TMP19A64C1DXBG Datasheet
6Mb / 460P
32-bit RISC Microprocessor
TMP19A43FD TOSHIBA-TMP19A43FD Datasheet
1Mb / 105P
32-bit RISC Microprocessor
TMP19A43CD TOSHIBA-TMP19A43CD Datasheet
12Mb / 523P
32-bit RISC Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com